Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2951ACD-3.3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # LP2951ACD-3.3
Description  Micropower Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LP2951ACD-3.3 Datasheet(HTML) 3 Page - ON Semiconductor

  LP2951ACD-3.3 Datasheet HTML 1Page - ON Semiconductor LP2951ACD-3.3 Datasheet HTML 2Page - ON Semiconductor LP2951ACD-3.3 Datasheet HTML 3Page - ON Semiconductor LP2951ACD-3.3 Datasheet HTML 4Page - ON Semiconductor LP2951ACD-3.3 Datasheet HTML 5Page - ON Semiconductor LP2951ACD-3.3 Datasheet HTML 6Page - ON Semiconductor LP2951ACD-3.3 Datasheet HTML 7Page - ON Semiconductor LP2951ACD-3.3 Datasheet HTML 8Page - ON Semiconductor LP2951ACD-3.3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LP2950
http://onsemi.com
3
MAXIMUM RATINGS (TA = 25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Input Voltage
VCC
30
Vdc
Power Dissipation and Thermal Characteristics
Maximum Power Dissipation
PD
Internally Limited
W
Case 751(SO–8) D Suffix
Thermal Resistance, Junction–to–Ambient
R
θJA
180
°C/W
Thermal Resistance, Junction–to–Case
R
θJC
45
°C/W
Case 369A (DPAK) DT Suffix [Note 1]
Thermal Resistance, Junction–to–Ambient
R
θJA
92
°C/W
Thermal Resistance, Junction–to–Case
R
θJC
6.0
°C/W
Case 29 (TO–226AA/TO–92) Z Suffix
Thermal Resistance, Junction–to–Ambient
R
θJA
160
°C/W
Thermal Resistance, Junction–to–Case
R
θJC
83
°C/W
Case 626 N Suffix
Thermal Resistance, Junction–to–Ambient
R
θJA
105
°C/W
Case 846A (Micro–8) DM Suffix
Thermal Resistance, Junction–to–Ambient
R
θJA
240
°C/W
Feedback Input Voltage
Vfb
–1.5 to +30
Vdc
Shutdown Input Voltage
Vsd
–0.3 to +30
Vdc
Error Comparator Output Voltage
Verr
–0.3 to +30
Vdc
Operating Junction Temperature
TJ
–40 to +125
°C
Storage Temperature Range
Tstg
–65 to +150
°C
NOTE:
1. The Junction–to–Ambient Thermal Resistance is determined by PC board copper area per Figure 26.
2. ESD data available upon request.
ELECTRICAL CHARACTERISTICS (Vin = VO + 1.0 V, IO = 100 µA, CO = 1.0 µF, TJ = 25°C [Note 1], unless
otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage, 5.0 V Versions
VO
V
Vin = 6.0 V, IO = 100 µA, TJ = 25°C
LP2950C–5.0/LP2951C
4.950
5.000
5.050
LP2950AC–5.0/LP2951AC
4.975
5.000
5.025
TJ = – 40 to +125°C
LP2950C–5.0/LP2951C
4.900
5.100
LP2950AC–5.0/LP2951AC
4.940
5.060
Vin = 6.0 to 30 V, IO = 100 µA to 100 mA, TJ = – 40 to +125°C
LP2950C–5.0/LP2951C
4.880
5.120
LP2950AC–5.0/LP2951AC
4.925
5.075
Output Voltage, 3.3 V Versions
VO
V
Vin = 4.3 V, IO = 100 µA, TJ = 25°C
LP2950C–3.3/LP2951C–3.3
3.267
3.300
3.333
LP2950AC–3.3/LP2951AC–3.3
3.284
3.300
3.317
TJ = – 40 to +125°C
LP2950C–3.3/LP2951C–3.3
3.234
3.366
LP2950AC–3.3/LP2951AC–3.3
3.260
3.340
Vin = 4.3 to 30 V, IO = 100 µA to 100 mA, TJ = – 40 to +125°C
LP2950C–3.3/LP2951C–3.3
3.221
3.379
LP2950AC–3.3/LP2951AC–3.3
3.254
3.346
Output Voltage, 3.0 V Versions
VO
V
Vin = 4.0 V, IO = 100 µA, TJ = 25°C
LP2950C–3.0/LP2951C–3.0
2.970
3.000
3.030
LP2950AC–3.0/LP2951AC–3.0
2.985
3.000
3.015
TJ = – 40 to +125°C
LP2950C–3.0/LP2951C–3.0
2.940
3.060
LP2950AC–3.0/LP2951AC–3.0
2.964
3.036
Vin = 4.0 to 30 V, IO = 100 µA to 100 mA, TJ = – 40 to +125°C
LP2950C–3.0/LP2951C–3.0
2.928
3.072
LP2950AC–3.0/LP2951AC–3.0
2.958
3.042


Similar Part No. - LP2951ACD-3.3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LP2951ACD-3.3 ONSEMI-LP2951ACD-3.3 Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACD-3.3 ONSEMI-LP2951ACD-3.3 Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACD-3.3G ONSEMI-LP2951ACD-3.3G Datasheet
188Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2015 ??Rev. 28
LP2951ACD-3.3R2G ONSEMI-LP2951ACD-3.3R2G Datasheet
188Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2015 ??Rev. 28
More results

Similar Description - LP2951ACD-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2951JAN TI1-LP2951JAN Datasheet
494Kb / 24P
[Old version datasheet]   Adjustable Micropower Voltage Regulators
logo
National Semiconductor ...
LP4950C-5V NSC-LP4950C-5V_05 Datasheet
850Kb / 14P
   Adjustable Micropower Voltage Regulators
LP2951 NSC-LP2951 Datasheet
271Kb / 16P
   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS
LP4950C-5V NSC-LP4950C-5V Datasheet
436Kb / 14P
   Adjustable Micropower Voltage Regulators
LP2956A NSC-LP2956A Datasheet
654Kb / 20P
   Dual Micropower Low-Dropout Voltage Regulators
logo
Texas Instruments
TPS7225Q TI-TPS7225Q Datasheet
581Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
LP2951-50QDRGRQ1 TI1-LP2951-50QDRGRQ1 Datasheet
3Mb / 24P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
TPS7201Q TI-TPS7201Q_07 Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
LP2951-33-Q1 TI1-LP2951-33-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   Adjustable Micropower Voltage Regulators With Shutdown
logo
Motorola, Inc
MC78FC00 MOTOROLA-MC78FC00 Datasheet
90Kb / 4P
   MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com