Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q2C106603 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # Q2C106603
Description  RESIN-COATED, RADIAL-LEAD TANTALUM CAPACITORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Q2C106603 Datasheet(HTML) 7 Page - Vishay Siliconix

  Q2C106603 Datasheet HTML 1Page - Vishay Siliconix Q2C106603 Datasheet HTML 2Page - Vishay Siliconix Q2C106603 Datasheet HTML 3Page - Vishay Siliconix Q2C106603 Datasheet HTML 4Page - Vishay Siliconix Q2C106603 Datasheet HTML 5Page - Vishay Siliconix Q2C106603 Datasheet HTML 6Page - Vishay Siliconix Q2C106603 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.vishay.com
133
ETQW
Vishay Roederstein
Document Number 42075
Revision 15-Aug-02
For technical questions, contact eurotant@vishay.com
DESIGNATION
SYMBOL
DIMENSIONS (mm)
Holding tape width
W
18.0 (+ 1 / - 0.5)
Adhesive tape width
W0
Min. 5.0
Distance of components
P
12.7 ± 1
Hole center to component center
P2
6.35 ± 1.3
Hole center to lead
P1
5.1 / 3.8 ± 0.7
Distance of body to hole center
H*)
18.0 (+ 2 / - 0)
Distance of lead to hole center
H0
16.0 ± 0.5
Component upper edge to hole center
H1
Max. 32.0
Adhesive tape location
W2
Max. 3.0
Hole location
W1
9.0 (+ 0.75 / - 0.5)
Distance of holes
P0
12.7 ± 0.3
Hole diameter
D0
4.0 ± 0.3
Lead diameter
d
0.5 ± 0.05
Component alignement
∆h
Max. ± 2.0
Pitch
F
2.5 / 5.0 (+ 0.6 / - 0.1)
Holding tape thickness
t
0.5 ± 0.2
Component alignement
∆P
Max. ± 1.3
Length of snipped leads
L
Max. 11.0
TAPING ACCORDING TO IEC 286-2
(*) also available : 16mm and 20mm taping according to DIN-IEC 286 part 2
∆h
W2
D0
H0
W0
W1
W
t
P1
P2
H2
F
P
∆P
P2
P
P1
F
P0
L
H
Unreeling direction
Resin-Coated, Radial-Leaded
Tantalum Capacitors


Similar Description - Q2C106603

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ETQW VISHAY-ETQW_08 Datasheet
405Kb / 8P
   Resin-Coated, Radial-Lead Tantalum Capacitors
Revision: 12-Jun-06
489D-499D VISHAY-489D-499D Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
489D475X0035D1VE3 VISHAY-489D475X0035D1VE3 Datasheet
119Kb / 9P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision: 12-Jun-06
489D VISHAY-489D Datasheet
116Kb / 8P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision 02-Aug-02
logo
RCD COMPONENTS INC.
TRA10-103 RCD-TRA10-103 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
logo
Vishay Siliconix
ETPW VISHAY-ETPW Datasheet
114Kb / 7P
   Resin-Coated, Radial-Leaded Solid Tantalum Capacitors
Revision 15-Aug-02
logo
MERITEK ELECTRONICS COR...
NTIC MERITEK-NTIC Datasheet
3Mb / 20P
   Radial lead resin coated
logo
Vishay Siliconix
790D VISHAY-790D Datasheet
107Kb / 7P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision 26-Mar-02
790D106X0025B2BE3 VISHAY-790D106X0025B2BE3 Datasheet
114Kb / 9P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision: 18-Jun-12
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com