Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

150U100DL Datasheet(PDF) 2 Page - International Rectifier

Part # 150U100DL
Description  STANDARD RECOVERY DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

150U100DL Datasheet(HTML) 2 Page - International Rectifier

  150U100DL Datasheet HTML 1Page - International Rectifier 150U100DL Datasheet HTML 2Page - International Rectifier 150U100DL Datasheet HTML 3Page - International Rectifier 150U100DL Datasheet HTML 4Page - International Rectifier 150U100DL Datasheet HTML 5Page - International Rectifier 150U100DL Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
150U(R).. Series
2
www.irf.com
Bulletin I2025 rev. C 10/02
TJ
Max.junctionoperatingtemperaturerange
-40 to 180
Tstg
Max. storage temperature range
-40 to 180
R
thJC
Max. thermal resistance, junction to case
0.3
DC operation
RthCS
Max. thermal resistance, case to heatsink
0.1
Mounting surface, smooth, flat and greased
T
Max. allowed mounting torque +0 -20%
17
Not lubricated threads
14.5
Lubricated threads
wt
Approximate weight
130
g
Case style
DO-205 (DO-8)
See Outline Table
Parameter
150U(R)..
Units
Conditions
Thermal and Mechanical Specifications
°C
K/W
Nm
∆R
thJC Conduction
(The following table shows the increment of thermal resistence R thJC when devices operate at different conduction angles than DC)
180°
0.031
0.023
T
J
= T
J
max.
120°
0.038
0.040
90°
0.048
0.053
60°
0.071
0.075
30°
0.120
0.121
Conduction angle
Sinusoidal conduction
Rectangular conduction Units
Conditions
K/W
I
F(AV)
Max. average forward current
150
A
180° conduction, half sine wave
@ Case temperature
125
°C
I
F(RMS)
Max. RMS forward current
235
A
Dc @ 110°C
I
FSM
Max. peak, one-cycle forward,
3000
A
t = 10ms
No voltage
non-repetitive surge current
3140
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
45
KA2s
t = 10ms
No voltage
Initial T
J
= T
J
max.
41
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
-
KA2
√s
t = 0.1 to 10ms, no voltage reapplied
r
f
Slope resistance
0.97
m
@ T
J
= T
J
max.
VF(T0)
Threshold voltage
0.80
V
VFM
Max. forward voltage drop
1.47
V
Ipk= 600A, TJ = 25°C, tp = 10ms sinusoidal wave
Parameter
150U(R)..
Units
Conditions
Forward Conduction
Voltage
V
RRM
, maximum repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number
Code
peak reverse voltage
repetitive peak rev. voltage
@ T
J
= T
J
max.
VV
mA
60
600
700
150U(R)..
80
800
900
15
100
1000
1100
120
1200
1300
ELECTRICAL SPECIFICATIONS
Voltage Ratings


Similar Part No. - 150U100DL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
150U100DL VISHAY-150U100DL Datasheet
99Kb / 6P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
150U100DL VISHAY-150U100DL Datasheet
115Kb / 7P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
More results

Similar Description - 150U100DL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com