Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1049B-12VC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1049B-12VC
Description  512K x 8 Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1049B-12VC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1049B-12VC Datasheet HTML 1Page - Cypress Semiconductor CY7C1049B-12VC Datasheet HTML 2Page - Cypress Semiconductor CY7C1049B-12VC Datasheet HTML 3Page - Cypress Semiconductor CY7C1049B-12VC Datasheet HTML 4Page - Cypress Semiconductor CY7C1049B-12VC Datasheet HTML 5Page - Cypress Semiconductor CY7C1049B-12VC Datasheet HTML 6Page - Cypress Semiconductor CY7C1049B-12VC Datasheet HTML 7Page - Cypress Semiconductor CY7C1049B-12VC Datasheet HTML 8Page - Cypress Semiconductor CY7C1049B-12VC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
512K x 8 Static RAM
CY7C1049B
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-05169 Rev. *A
Revised September 13, 2002
049B
Features
• High speed
—tAA = 12 ns
• Low active power
— 1320 mW (max.)
• Low CMOS standby power (Commercial L version)
— 2.75 mW (max.)
• 2.0V Data Retention (400
µW at 2.0V retention)
• Automatic power-down when deselected
• TTL-compatible inputs and outputs
• Easy memory expansion with CE and OE features
Functional Description[1]
The CY7C1049B is a high-performance CMOS static RAM or-
ganized as 524,288 words by 8 bits. Easy memory expansion
is provided by an active LOW Chip Enable (CE), an active
LOW Output Enable (OE), and three-state drivers. Writing to
the device is accomplished by taking Chip Enable (CE) and
Write Enable (WE) inputs LOW. Data on the eight I/O pins (I/O0
through I/O7) is then written into the location specified on the
address pins (A0 through A18).
Reading from the device is accomplished by taking Chip En-
able (CE) and Output Enable (OE) LOW while forcing Write
Enable (WE) HIGH. Under these conditions, the contents of
the memory location specified by the address pins will appear
on the I/O pins.
The eight input/output pins (I/O0 through I/O7) are placed in a
high-impedance state when the device is deselected (CE
HIGH), the outputs are disabled (OE HIGH), or during a write
operation (CE LOW, and WE LOW).
The CY7C1049B is available in a standard 400-mil-wide
36-pin SOJ package with center power and ground (revolu-
tionary) pinout.
Note:
1.
For guidelines on SRAM system design, please refer to the ‘System Design Guidelines’ Cypress application note, available on the internet at www.cypress.com.
Logic Block Diagram
Pin Configuration
A1
A2
A3
A4
A5
A6
A7
A8
COLUMN
DECODER
INPUT BUFFER
POWER
DOWN
WE
OE
I/O0
I/O1
I/O2
I/O3
512K x 8
ARRAY
I/O7
I/O6
I/O5
I/O4
A0
CE
1
2
3
4
5
6
7
8
9
10
11
14
23
24
28
27
26
25
29
32
31
30
Top View
SOJ
12
13
33
36
35
34
16
15
21
22
GND
A1
A2
A3
A4
A5
A6
A7
A8
WE
VCC
A18
A15
A12
A14
I/O5
I/O4
A9
A0
I/O0
I/O1
I/O2
OE
A17
A16
A13
CE
A9
18
17
19
20
GND
I/O7
I/O3
I/O6
VCC
A10
A11
NC
NC
A10
Selection Guide
7C1049B-12 7C1049B-15 7C1049B-17 7C1049B-20
7C1049B-25
Maximum Access Time (ns)
12
15
17
20
25
Maximum Operating Current (mA)
240
220
195
185
180
Maximum CMOS Standby
Current (mA)
Com’l8
8
8
8
8
Com’l/Ind’l L-
-
0.5
0.5
0.5
Ind’l-
-
-
9
9


Similar Part No. - CY7C1049B-12VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049B-12VC CYPRESS-CY7C1049B-12VC Datasheet
293Kb / 9P
   512K x 8 Static RAM
More results

Similar Description - CY7C1049B-12VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049 CYPRESS-CY7C1049 Datasheet
128Kb / 10P
   512K x 8 Static RAM
CY7C1049BV33 CYPRESS-CY7C1049BV33 Datasheet
165Kb / 10P
   512K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS4008V1C WEIDA-WCFS4008V1C Datasheet
201Kb / 9P
   512K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1049BN CYPRESS-CY7C1049BN_09 Datasheet
443Kb / 10P
   512K x 8 Static RAM
CY7C1049BNV33 CYPRESS-CY7C1049BNV33 Datasheet
421Kb / 8P
   512K x 8 Static RAM
CY62148B CYPRESS-CY62148B Datasheet
189Kb / 11P
   512K x 8 Static RAM
logo
Honeywell Solid State E...
HX6408 HONEYWELL-HX6408 Datasheet
167Kb / 11P
   512k x 8 STATIC RAM
logo
Cypress Semiconductor
CY7C1049CV33 CYPRESS-CY7C1049CV33 Datasheet
195Kb / 9P
   512K x 8 Static RAM
logo
List of Unclassifed Man...
WCMA4008C1X ETC1-WCMA4008C1X Datasheet
176Kb / 10P
   512K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1049BN CYPRESS-CY7C1049BN Datasheet
455Kb / 10P
   512K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com