Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1049B Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1049B
Description  512K x 8 Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1049B Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1049B Datasheet HTML 1Page - Cypress Semiconductor CY7C1049B Datasheet HTML 2Page - Cypress Semiconductor CY7C1049B Datasheet HTML 3Page - Cypress Semiconductor CY7C1049B Datasheet HTML 4Page - Cypress Semiconductor CY7C1049B Datasheet HTML 5Page - Cypress Semiconductor CY7C1049B Datasheet HTML 6Page - Cypress Semiconductor CY7C1049B Datasheet HTML 7Page - Cypress Semiconductor CY7C1049B Datasheet HTML 8Page - Cypress Semiconductor CY7C1049B Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CY7C1049B
Document #: 38-05169 Rev. *A
Page 3 of 10
Electrical Characteristics Over the Operating Range (continued)
Test Conditions
7C1049B-20
7C1049B-25
Parameter
Description
Min.
Max.
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
VCC + 0.3
2.2
VCC + 0.3
V
VIL
Input LOW Voltage[2]
–0.3
0.8
–0.3
0.8
V
IIX
Input Load Current
GND < VI < VCC
–1+1
–1+1
µA
IOZ
Output Leakage
Current
GND < VOUT < VCC,
Output Disabled
–1+1
–1+1
µA
ICC
VCC Operating
Supply Current
VCC = Max.,
f = fMAX = 1/tRC
185
180
mA
ISB1
Automatic CE
Power-Down Current
—TTL Inputs
Max. VCC, CE > VIH
VIN > VIH or
VIN < VIL, f = fMAX
40
40
mA
ISB2
Automatic CE
Power-Down Current
—CMOS Inputs
Max. VCC,
CE > VCC – 0.3V,
VIN > VCC – 0.3V,
or VIN < 0.3V, f = 0
Com’l8
8
mA
Com’lL
0.5
0.5
mA
Ind’l8
8
mA
Ind’lL
0.5
0.5
mA
Capacitance[3]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
8pF
COUT
I/O Capacitance
8
pF
Note:
3.
Tested initially and after any design or process changes that may affect these parameters.
AC Test Loads and Waveforms
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
5V
OUTPUT
30 pF
INCLUDING
JIG AND
SCOPE
5V
OUTPUT
5 pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
≤ 3 ns
≤ 3 ns
OUTPUT
R1 481
R1 481
R2
255
R2
255
167
Equivalent to:
VENIN EQUIVALENT
1.73V
THÉ


Similar Part No. - CY7C1049B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049B CYPRESS-CY7C1049B Datasheet
293Kb / 9P
   512K x 8 Static RAM
CY7C1049B-12VC CYPRESS-CY7C1049B-12VC Datasheet
293Kb / 9P
   512K x 8 Static RAM
CY7C1049B-12VXC CYPRESS-CY7C1049B-12VXC Datasheet
293Kb / 9P
   512K x 8 Static RAM
CY7C1049B-15VC CYPRESS-CY7C1049B-15VC Datasheet
293Kb / 9P
   512K x 8 Static RAM
CY7C1049B-15VI CYPRESS-CY7C1049B-15VI Datasheet
293Kb / 9P
   512K x 8 Static RAM
More results

Similar Description - CY7C1049B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049 CYPRESS-CY7C1049 Datasheet
128Kb / 10P
   512K x 8 Static RAM
CY7C1049BV33 CYPRESS-CY7C1049BV33 Datasheet
165Kb / 10P
   512K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS4008V1C WEIDA-WCFS4008V1C Datasheet
201Kb / 9P
   512K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1049BN CYPRESS-CY7C1049BN_09 Datasheet
443Kb / 10P
   512K x 8 Static RAM
CY7C1049BNV33 CYPRESS-CY7C1049BNV33 Datasheet
421Kb / 8P
   512K x 8 Static RAM
CY62148B CYPRESS-CY62148B Datasheet
189Kb / 11P
   512K x 8 Static RAM
logo
Honeywell Solid State E...
HX6408 HONEYWELL-HX6408 Datasheet
167Kb / 11P
   512k x 8 STATIC RAM
logo
Cypress Semiconductor
CY7C1049CV33 CYPRESS-CY7C1049CV33 Datasheet
195Kb / 9P
   512K x 8 Static RAM
logo
List of Unclassifed Man...
WCMA4008C1X ETC1-WCMA4008C1X Datasheet
176Kb / 10P
   512K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1049BN CYPRESS-CY7C1049BN Datasheet
455Kb / 10P
   512K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com