Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBD301 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBD301
Description  SILICON HOT-CARRIER DETECTOR AND SWITCHING DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBD301 Datasheet(HTML) 1 Page - ON Semiconductor

  MBD301 Datasheet HTML 1Page - ON Semiconductor MBD301 Datasheet HTML 2Page - ON Semiconductor MBD301 Datasheet HTML 3Page - ON Semiconductor MBD301 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Silicon Hot-Carrier Diodes
Schottky Barrier Diodes
These devices are designed primarily for high–efficiency UHF and VHF detector
applications. They are readily adaptable to many other fast switching RF and digital
applications. They are supplied in an inexpensive plastic package for low–cost,
high–volume consumer and industrial/commercial requirements. They are also
available in a Surface Mount package.
• Extremely Low Minority Carrier Lifetime – 15 ps (Typ)
• Very Low Capacitance – 1.5 pF (Max) @ VR = 15 V
• Low Reverse Leakage – IR = 13 nAdc (Typ) MBD301, MMBD301
MAXIMUM RATINGS (TJ = 125°C unless otherwise noted)
MBD301
MMBD301LT1
Rating
Symbol
Value
Unit
Reverse Voltage
VR
30
Volts
Forward Power Dissipation
@ TA = 25°C
Derate above 25
°C
PF
280
2.8
200
2.0
mW
mW/
°C
Operating Junction
Temperature Range
TJ
– 55 to +125
°C
Storage Temperature Range
Tstg
– 55 to +150
°C
DEVICE MARKING
MMBD301LT1 = 4T
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage (IR = 10 µA)
V(BR)R
30
Volts
Total Capacitance (VR = 15 V, f = 1.0 MHz) Figure 1
CT
0.9
1.5
pF
Reverse Leakage (VR = 25 V) Figure 3
IR
13
200
nAdc
Forward Voltage (IF = 1.0 mAdc) Figure 4
VF
0.38
0.45
Vdc
Forward Voltage (IF = 10 mAdc) Figure 4
VF
0.52
0.6
Vdc
NOTE: MMBD301LT1 is also available in bulk packaging. Use MMBD301L as the device title to order this device in bulk.
Thermal Clad is a registered trademark of the Berquist Company.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MBD301/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MBD301
MMBD301LT1
Motorola Preferred Devices
CASE 182– 02, STYLE 1
(TO–226AC)
CASE 318 – 08, STYLE 8
SOT– 23 (TO – 236AB)
1
2
3
1
2
3
CATHODE
1
ANODE
30 VOLTS
SILICON HOT–CARRIER
DETECTOR AND SWITCHING
DIODES
2
CATHODE
1
ANODE
© Motorola, Inc. 1997


Similar Part No. - MBD301

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBD301 MOTOROLA-MBD301 Datasheet
130Kb / 6P
   30 VOLTS SILICON HOT.CARRIER DETECTOR AND SWITCHING DIODES
logo
Leshan Radio Company
MBD301 LRC-MBD301 Datasheet
54Kb / 2P
   Silicon Hot-Carrier Diodes Schottky Barrier Diodes
logo
ON Semiconductor
MBD301 ONSEMI-MBD301 Datasheet
65Kb / 5P
   Silicon Hot?묬arrier Diodes SCHOTTKY Barrier Diodes
January, 2007 ??Rev. 4
MBD301G ONSEMI-MBD301G Datasheet
65Kb / 5P
   Silicon Hot?묬arrier Diodes SCHOTTKY Barrier Diodes
January, 2007 ??Rev. 4
MBD301G ONSEMI-MBD301G Datasheet
135Kb / 5P
   Silicon Hot-Carrier Diodes
August, 2009 ??Rev. 5
More results

Similar Description - MBD301

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBD701 ONSEMI-MBD701 Datasheet
89Kb / 4P
   SILICON HOT-CARRIER DETECTOR AND SWITCHING DIODES
1997
logo
Motorola, Inc
BAT54LT1 MOTOROLA-BAT54LT1 Datasheet
77Kb / 4P
   30 VOLTS SILICON HOT-CARRIER DETECTOR AND SWITCHING DIODES
logo
ON Semiconductor
MMBD452LT1 ONSEMI-MMBD452LT1 Datasheet
96Kb / 4P
   DUAL HOT-CARRIER DETECTOR AND SWITCHING DIODES
November, 2001 ??Rev. 2
logo
Motorola, Inc
BAT54SLT1 MOTOROLA-BAT54SLT1 Datasheet
80Kb / 4P
   30 VOLTS DUAL HOT-CARRIER DETECTOR AND SWITCHING DIODES
logo
ON Semiconductor
MBD301G ONSEMI-MBD301G Datasheet
135Kb / 5P
   Silicon Hot-Carrier Diodes
August, 2009 ??Rev. 5
MBD301G ONSEMI-MBD301G_16 Datasheet
95Kb / 5P
   Silicon Hot-Carrier Diodes
October, 2016 ??Rev. 8
MMDL301T1G ONSEMI-MMDL301T1G Datasheet
94Kb / 3P
   Silicon Hot-Carrier Diodes
September, 2010??Rev. 2
logo
Leshan Radio Company
MBD701 LRC-MBD701 Datasheet
54Kb / 2P
   Silicon Hot-Carrier Diodes
logo
ON Semiconductor
MMDL301 ONSEMI-MMDL301 Datasheet
39Kb / 4P
   Silicon Hot-Carrier Diodes
January, 2000 ??Rev. 0
MBD701 ONSEMI-MBD701_16 Datasheet
94Kb / 5P
   Silicon Hot-Carrier Diodes
October, 2016 ??Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com