Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX809XTR Datasheet(PDF) 1 Page - ON Semiconductor

Part # MAX809XTR
Description  3-Pin Microprocessor Reset Monitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAX809XTR Datasheet(HTML) 1 Page - ON Semiconductor

  MAX809XTR Datasheet HTML 1Page - ON Semiconductor MAX809XTR Datasheet HTML 2Page - ON Semiconductor MAX809XTR Datasheet HTML 3Page - ON Semiconductor MAX809XTR Datasheet HTML 4Page - ON Semiconductor MAX809XTR Datasheet HTML 5Page - ON Semiconductor MAX809XTR Datasheet HTML 6Page - ON Semiconductor MAX809XTR Datasheet HTML 7Page - ON Semiconductor MAX809XTR Datasheet HTML 8Page - ON Semiconductor MAX809XTR Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2002
January, 2002 – Rev. 4
1
Publication Order Number:
MAX809S/D
MAX809 Series,
MAX810 Series
Very Low Supply Current
3-Pin Microprocessor
Reset Monitors
The MAX809 and MAX810 are cost–effective system supervisor
circuits designed to monitor VCC in digital systems and provide a reset
signal to the host processor when necessary. No external components
are required.
The reset output is driven active within 10
µsec of V
CC falling
through the reset voltage threshold. Reset is maintained active for a
minimum of 140 msec after VCC rises above the reset threshold. The
MAX810 has an active–high RESET output while the MAX809 has
an active–low RESET output. The output of the MAX809 is
guaranteed valid down to VCC = 1.0 V. Both devices are available in a
SOT–23 package.
The MAX809/810 are optimized to reject fast transient glitches on
the VCC line. Low supply current of 1.0
µA (V
CC = 3.2 V) makes these
devices suitable for battery powered applications.
Features
Precision V
CC Monitor for 2.5 V, 3.0 V, 3.3 V, and 5.0 V Supplies
Precision Monitoring Voltages from 1.6 V to 4.9 V Available
in 100 mV Steps
140 msec Guaranteed Minimum RESET Output Duration
RESET Output Guaranteed to V
CC = 1.0 V
Low Supply Current
V
CC Transient Immunity
Small SOT–23 Package
No External Components
Wide Operating Temperature: –40°C to 105°C
Typical Applications
Computers
Embedded Systems
Battery Powered Equipment
Critical µP Power Supply Monitoring
VCC
VCC
VCC
PROCESSOR
RESET
RESET
INPUT
MAX809/810
GND
GND
Figure 1. Typical Application Diagram
RESET
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
MAX809xTR
SOT–23
3000 Tape/Reel
MAX809SNxxxT1
SOT–23
3000 Tape/Reel
NOTE: * SOT–23 is equivalent to JEDEC (TO–236)
** RESET is for MAX809
*** RESET is for MAX810
SOT–23
(TO–236)
CASE 318
PIN CONFIGURATION
3
1
2
VCC
GND
RESET**
SOT–23*
(Top View)
xx, xxx = Specific Device Code
m
= Date Code
y
= Year
w
= Work Week
MARKING
DIAGRAMS
3
1
2
xxxm
1
2
3
(RESET)***
MAX810xTR
SOT–23
3000 Tape/Reel
See general marking information in the device marking
section on page 8 of this data sheet.
DEVICE MARKING INFORMATION
NOTE: The “x” and “xxx” denotes a suffix for Vcc voltage
threshold options – see page 8 for more details.
3
2
xxyw
1
See specific device marking
information on page 8.


Similar Part No. - MAX809XTR

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
MAX809XTR ESTEK-MAX809XTR Datasheet
305Kb / 7P
   3-PIN MICROPROCESSOR RESET MONITORS
More results

Similar Description - MAX809XTR

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP2200 FOSLINK-FSP2200 Datasheet
131Kb / 7P
   3 PIN MICROPROCESSOR RESET MONITORS
logo
Estek Electronics Co. L...
MAX809 ESTEK-MAX809 Datasheet
305Kb / 7P
   3-PIN MICROPROCESSOR RESET MONITORS
logo
Vishay Siliconix
GS809C VISHAY-GS809C Datasheet
45Kb / 6P
   Microprocessor Reset Monitors
01-Nov-02
logo
ON Semiconductor
NCV809 ONSEMI-NCV809 Datasheet
105Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
August, 2014 ??Rev. 24
MAX809 ONSEMI-MAX809_10 Datasheet
177Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
April, 2010 ??Rev. 20
MAX809S ONSEMI-MAX809S_16 Datasheet
134Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
September, 2016 ??Rev. 26
MAX809 ONSEMI-MAX809_17 Datasheet
105Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
November, 2017 ??Rev. 28
logo
Microchip Technology
TCM809 MICROCHIP-TCM809 Datasheet
141Kb / 14P
   3-Pin Microcontroller Reset Monitors
2004
TCM809 MICROCHIP-TCM809_05 Datasheet
218Kb / 16P
   3-Pin Microcontroller Reset Monitors
2005
TCM809 MICROCHIP-TCM809_13 Datasheet
249Kb / 16P
   3-Pin Microcontroller Reset Monitors
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com