Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M390S2858DT1 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # M390S2858DT1
Description  128Mx72 SDRAM DIMM with PLL & Register based on Stacked 128Mx4, 4Banks 8K Ref., 3.3V SDRAMs with SPD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M390S2858DT1 Datasheet(HTML) 1 Page - Samsung semiconductor

  M390S2858DT1 Datasheet HTML 1Page - Samsung semiconductor M390S2858DT1 Datasheet HTML 2Page - Samsung semiconductor M390S2858DT1 Datasheet HTML 3Page - Samsung semiconductor M390S2858DT1 Datasheet HTML 4Page - Samsung semiconductor M390S2858DT1 Datasheet HTML 5Page - Samsung semiconductor M390S2858DT1 Datasheet HTML 6Page - Samsung semiconductor M390S2858DT1 Datasheet HTML 7Page - Samsung semiconductor M390S2858DT1 Datasheet HTML 8Page - Samsung semiconductor M390S2858DT1 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0.0 Jan. 2002
M390S2858DT1
PC133 Registered DIMM
PIN NAMES
*
These pins are not used in this module.
** These pins should be NC in the system
which does not support SPD.
Pin Name
Function
A0 ~ A12
Address input (Multiplexed)
BA0 ~ BA1
Select bank
DQ0 ~ DQ63
Data input/output
CB0 ~ CB7
Check bit (Data-in/data-out)
CLK0
Clock input
CKE0
Clock enable input
CS0 ~ CS3
Chip select input
RAS
Row address strobe
CAS
Colume address strobe
WE
Write enable
DQM0 ~ 7
DQM
VDD
Power supply (3.3V)
VSS
Ground
*VREF
Power supply for reference
REGE
Register enable
SDA
Serial data I/O
SCL
Serial clock
SA0 ~ 2
Address in EEPROM
DU
Don
′t use
NC
No connection
*WP
Write protection
PIN CONFIGURATIONS (Front side/back side)
Pin
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
Front
VSS
DQ0
DQ1
DQ2
DQ3
VDD
DQ4
DQ5
DQ6
DQ7
DQ8
VSS
DQ9
DQ10
DQ11
DQ12
DQ13
VDD
DQ14
DQ15
CB0
CB1
VSS
NC
NC
VDD
WE
DQM0
Pin
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
Front
DQM1
CS0
DU
VSS
A0
A2
A4
A6
A8
A10/AP
BA1
VDD
VDD
CLK0
VSS
DU
CS2
DQM2
DQM3
DU
VDD
NC
NC
CB2
CB3
VSS
DQ16
DQ17
Pin
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
Front
DQ18
DQ19
VDD
DQ20
NC
*VREF
*CKE1
VSS
DQ21
DQ22
DQ23
VSS
DQ24
DQ25
DQ26
DQ27
VDD
DQ28
DQ29
DQ30
DQ31
VSS
*CLK2
NC
*WP
**SDA
**SCL
VDD
Pin
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
101
102
103
104
105
106
107
108
109
110
111
112
Back
VSS
DQ32
DQ33
DQ34
DQ35
VDD
DQ36
DQ37
DQ38
DQ39
DQ40
VSS
DQ41
DQ42
DQ43
DQ44
DQ45
VDD
DQ46
DQ47
CB4
CB5
VSS
NC
NC
VDD
CAS
DQM4
Pin
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
129
130
131
132
133
134
135
136
137
138
139
140
Back
DQM5
CS1
RAS
VSS
A1
A3
A5
A7
A9
BA0
A11
VDD
*CLK1
A12
VSS
CKE0
CS3
DQM6
DQM7
*A13
VDD
NC
NC
CB6
CB7
VSS
DQ48
DQ49
Pin
141
142
143
144
145
146
147
148
149
150
151
152
153
154
155
156
157
158
159
160
161
162
163
164
165
166
167
168
Back
DQ50
DQ51
VDD
DQ52
NC
*VREF
REGE
VSS
DQ53
DQ54
DQ55
VSS
DQ56
DQ57
DQ58
DQ59
VDD
DQ60
DQ61
DQ62
DQ63
VSS
*CLK3
NC
**SA0
**SA1
**SA2
VDD
The Samsung M390S2858DT1 is a 128M bit x 72 Synchro-
nous Dynamic RAM high density memory module. The Sam-
sung M390S2858DT1 consists of eighteen CMOS Stacked
128Mx4 bit Synchronous DRAMs in two TSOP-II 400mil pack-
ages, three 18-bits Drive ICs for input control signal, one PLL
in 24-pin TSSOP package for clock and one 2K EEPROM in 8-
pin TSSOP package for Serial Presence Detect on a 168-pin
glass-epoxy substrate. Two 0.22uF and one 0.0022uF decou-
pling capacitors are mounted on the printed circuit board in
parallel for each SDRAM. The M390S2858DT1 is a Dual In-
line Memory Module and is intented for mounting into 168-pin
edge connector sockets.
Synchronous design allows precise cycle control with the use
of system clock. I/O transactions are possible on every clock
cycle. Range of operating frequencies, programmable laten-
cies allows the same device to be useful for a variety of high
bandwidth, high performance memory system applications.
GENERAL DESCRIPTION
M390S2858DT1 SDRAM DIMM
128Mx72 SDRAM DIMM with PLL & Register based on Stacked 128Mx4, 4Banks 8K Ref., 3.3V SDRAMs with SPD
FEATURE
SAMSUNG ELECTRONICS CO., Ltd. reserves the right to change products and specifications without notice.
• Performance range
• Burst mode operation
• Auto & self refresh capability (8192 Cycles/64ms)
• LVTTL compatible inputs and outputs
• Single 3.3V
± 0.3V power supply
• MRS cycle with address key programs
Latency (Access from column address)
Burst length (1, 2, 4 , 8 & Full page)
Data scramble (Sequential & Interleave)
• All inputs are sampled at the positive going edge of the
system clock
• Serial presence detect with EEPROM
• PCB : Height (1,700mil), double sided component
Part No.
Max Freq. (Speed)
M390S2858DT1-C7C
133MHz(7.5ns @ CL=2)
M390S2858DT1-C7A
133MHz (7.5ns @ CL=3)


Similar Part No. - M390S2858DT1

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M390S2858DTU SAMSUNG-M390S2858DTU Datasheet
244Kb / 12P
   PC133/PC100 Low Profile Registered DIMM
M390S2858DTU-C1H SAMSUNG-M390S2858DTU-C1H Datasheet
244Kb / 12P
   PC133/PC100 Low Profile Registered DIMM
M390S2858DTU-C1L SAMSUNG-M390S2858DTU-C1L Datasheet
244Kb / 12P
   PC133/PC100 Low Profile Registered DIMM
M390S2858DTU-C7A SAMSUNG-M390S2858DTU-C7A Datasheet
244Kb / 12P
   PC133/PC100 Low Profile Registered DIMM
M390S2858DTU-C7C SAMSUNG-M390S2858DTU-C7C Datasheet
244Kb / 12P
   PC133/PC100 Low Profile Registered DIMM
More results

Similar Description - M390S2858DT1

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M390S6450CT1 SAMSUNG-M390S6450CT1 Datasheet
220Kb / 12P
   64Mx72 SDRAM DIMM with PLL & Register based on 64Mx4, 4Banks, 8K Ref., 3.3V Synchronous DRAMs with SPD
logo
Hanbit Electronics Co.,...
HDD32M72D9RPW HANBIT-HDD32M72D9RPW Datasheet
408Kb / 10P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 32Mx8, 4Banks 8K Ref., 184Pin-DIMM with PLL & Register
HDD128M72D18RPW HANBIT-HDD128M72D18RPW Datasheet
447Kb / 14P
   DDR SDRAM Module 1024Mbyte (128Mx72bit), based on 64Mx8, 4Banks, 8K Ref., 184Pin-DIMM with PLL & Register
HDD64M72D18RPW HANBIT-HDD64M72D18RPW Datasheet
160Kb / 12P
   DDR SDRAM Module 512Mbyte (64Mx72bit), based on 32Mx8, 4Banks, 8K Ref., 184Pin-DIMM with PLL & Register
HSD64M72D18RP HANBIT-HSD64M72D18RP Datasheet
201Kb / 11P
   Synchronous DRAM Module 512Mbyte (64Mx72bit), DIMM with PLL & Register based on 64Mx4, 4Banks, 8K Ref., 3.3V
logo
Samsung semiconductor
M366S3253DTS SAMSUNG-M366S3253DTS Datasheet
159Kb / 11P
   32Mx64 SDRAM DIMM based on 32Mx8, 4Banks, 8K Refresh, 3.3V Synchronous DRAMs with SPD
M366S3253BTS SAMSUNG-M366S3253BTS Datasheet
167Kb / 10P
   32Mx64 SDRAM DIMM based on 32Mx8, 4Banks, 8K Refresh, 3.3V Synchronous DRAMs with SPD
M366S3253CTS SAMSUNG-M366S3253CTS Datasheet
159Kb / 11P
   32Mx64 SDRAM DIMM based on 32Mx8, 4Banks, 8K Refresh, 3.3V Synchronous DRAMs with SPD
M366S1654CTS SAMSUNG-M366S1654CTS Datasheet
173Kb / 11P
   16Mx64 SDRAM DIMM based on 16Mx16, 4Banks, 8K Refresh, 3.3V Synchronous DRAMs with SPD
logo
Hanbit Electronics Co.,...
HDD16M72D9RPW HANBIT-HDD16M72D9RPW Datasheet
338Kb / 10P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with PLL & Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com