Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GK509 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GK509
Description  Class A Amplifier with 2 DC Coupled Gain Blocks and Schottky Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GK509 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GK509 Datasheet HTML 1Page - List of Unclassifed Manufacturers GK509 Datasheet HTML 2Page - List of Unclassifed Manufacturers GK509 Datasheet HTML 3Page - List of Unclassifed Manufacturers GK509 Datasheet HTML 4Page - List of Unclassifed Manufacturers GK509 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
- A
MPO
A IN
R
V
E
B
GND
A OUT
RMIC
VMIC
1
2
4
3
5
7
6
- B
B OUT
8
21K
R
E
GK509 DATA SHEET
Class A Amplifier with 2 DC Coupled
Gain Blocks & Schottky Diodes
FEATURES
• 100
µA typical current drain
• low noise and distortion
• 1.0 to 5 VDC operating range
• DC coupled stages
• Class A output stage
• Schottky diodes for MPO control
• variable transducer current
• 4 k
microphone decoupling resistor
• 8 pin PLID®
• Chip ( 61 x 55 mils)
STANDARD PACKAGING
BLOCK DIAGRAM
All resistors in ohms, all capacitors in farads unless otherwise stated
DESCRIPTION
The GK509 is a Class A amplifier utilizing Gennum’s
proprietary low voltage JFET technology. It consists of a
single-ended, low noise inverting gain block, a Class
A output stage, an on-chip microphone decoupling
resistor , and a pair of Schottky diodes for symmetrical
peak clipping.
Block A typically has an open loop voltage gain of 56 dB,
with the closed loop gain set by the ratio of the feedback
resistor to the source impedance. It is recommended that
the maximum closed loop gain be 20 dB lower than the
open loop gain. All blocks of the device are internally bias
compensated, preventing any DC current flow via external
feedback resistors. Without this compensation audible
scratchiness would be present during changes in volume
control settings.
The output stage of the GK509 is a Class A current drive.
It has a fixed reference voltage of typically 30 mV at pin 2
of the device. The current that flows in the transducer is the
ratio of the 30 mV reference voltage and the on-chip
emitter resistor (R
E
).
To increase the bias current in the
transducer, simply place an external R
E
resistor from pin 2
to ground, thereby decreasing the equivalent emitter resistance
and increasing the current.
The GK509 also contains a pair of Schottky diodes in the
feedback configuration of the output stage, which provides
approximately 12 dB of MPO control.
Revision Date: January 2001
Document No. 510 - 69 -06
GENNUM CORPORATION P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3 tel. +1 (905) 632-2996
Web Site: www.gennum.com
E-mail: hipinfo@gennum.com


Similar Description - GK509

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LS509 ETC-LS509 Datasheet
94Kb / 5P
   Class A Amplifier with 3 Gain Blocks & Schottky Diodes
LP508 ETC-LP508 Datasheet
80Kb / 4P
   Class A Amplifier with 2 Independent Gain Blocks
GP509 ETC1-GP509 Datasheet
138Kb / 4P
   Class A Amplifier with 2 Independent Gain Blocks
logo
Gennum Corporation
GC509 GENNUM-GC509 Datasheet
160Kb / 4P
   Class A Amplifier with 3 Independent Gain Blocks
logo
List of Unclassifed Man...
LD505 ETC-LD505 Datasheet
189Kb / 5P
   High Gain Class A Amplifier
logo
Gennum Corporation
LS505 GENNUM-LS505 Datasheet
163Kb / 5P
   High Gain Class A Amplifier with Peak Clipping
logo
NXP Semiconductors
TDA8944AJ NXP-TDA8944AJ Datasheet
406Kb / 20P
   2 x 7 W BTL audio amplifier with DC gain control
Rev. 01-01 March 2002
TDA8946AJ NXP-TDA8946AJ Datasheet
405Kb / 20P
   2 x 15 W BTL audio amplifier with DC gain control
Rev. 01-01 March 2002
logo
Shenzhen Huazhimei Semi...
HM8877 HMSEMI-HM8877 Datasheet
2Mb / 10P
   7.4W Class F, with automatic gain control audio amplifier
logo
Global Mixed-mode Techn...
G1438 GMT-G1438 Datasheet
91Kb / 1P
   2W Stereo Audio Amplifier with DC Volume Control and Selectable Gain
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com