Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HZS39NB3 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HZS39NB3
Description  Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZS39NB3 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HZS39NB3 Datasheet HTML 1Page - Renesas Technology Corp HZS39NB3 Datasheet HTML 2Page - Renesas Technology Corp HZS39NB3 Datasheet HTML 3Page - Renesas Technology Corp HZS39NB3 Datasheet HTML 4Page - Renesas Technology Corp HZS39NB3 Datasheet HTML 5Page - Renesas Technology Corp HZS39NB3 Datasheet HTML 6Page - Renesas Technology Corp HZS39NB3 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HZS-N Series
Rev.1.00, Mar.11.2004, page 4 of 6
(Ta = 25°C)
Zener Voltage
Reverse Current
Dynamic Resistance
VZ (V)*
1
Test
Condition
IR (µA)
Test
Condition
rd (Ω)
Test
Condition
Type
Grade
Min
Max
IZ (mA)
Max
VR (V)
Max
IZ (mA)
B1
26.99
28.39
B2
27.70
29.13
B3
28.36
29.82
HZS30N
B4
29.02
30.51
5
0.2
23
55
5
B1
29.68
31.22
B2
30.32
31.88
B3
30.90
32.50
HZS33N
B4
31.49
33.11
5
0.2
25
65
5
B1
32.14
33.79
B2
32.79
34.49
B3
33.40
35.13
HZS36N
B4
34.01
35.77
5
0.2
27
75
5
B1
34.68
36.47
B2
35.36
37.19
B3
36.00
37.85
HZS39N
B4
36.63
38.52
5
0.2
30
85
5
Notes: 1. Tested with pulse (PW = 40 ms).
2. Type No. is as follows: HZS2.0NB1, HZS2.0NB2, ••• HZS39NB4.


Similar Part No. - HZS39NB3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZS3 RENESAS-HZS3 Datasheet
56Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
HZS30 RENESAS-HZS30 Datasheet
56Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
EIC discrete Semiconduc...
HZS30 EIC-HZS30 Datasheet
176Kb / 3P
   ZENER DIODES
logo
Renesas Technology Corp
HZS301 RENESAS-HZS301 Datasheet
56Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
HZS302 RENESAS-HZS302 Datasheet
56Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
More results

Similar Description - HZS39NB3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZH RENESAS-HZH Datasheet
68Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Hitachi Semiconductor
HZ11B1 HITACHI-HZ11B1 Datasheet
45Kb / 8P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZS RENESAS-HZS Datasheet
56Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Hitachi Semiconductor
HZS HITACHI-HZS Datasheet
39Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZ12C1 RENESAS-HZ12C1 Datasheet
55Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
Rev.3.00, Mar.11.2004,
RKZ2.4AKU RENESAS-RKZ2.4AKU Datasheet
110Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
HZK6C RENESAS-HZK6C Datasheet
49Kb / 7P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
logo
Hitachi Semiconductor
HZK-L HITACHI-HZK-L Datasheet
24Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
logo
SEMTECH ELECTRONICS LTD...
HZK2B SEMTECH_ELEC-HZK2B Datasheet
221Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES for Stabilized Power Supply
logo
Renesas Technology Corp
HZ-N RENESAS-HZ-N Datasheet
99Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com