Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXT9883 Datasheet(PDF) 10 Page - Intel Corporation

Part # LXT9883
Description  Advanced 10/100 Umnmanaged Repeater
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9883 Datasheet(HTML) 10 Page - Intel Corporation

Back Button LXT9883 Datasheet HTML 6Page - Intel Corporation LXT9883 Datasheet HTML 7Page - Intel Corporation LXT9883 Datasheet HTML 8Page - Intel Corporation LXT9883 Datasheet HTML 9Page - Intel Corporation LXT9883 Datasheet HTML 10Page - Intel Corporation LXT9883 Datasheet HTML 11Page - Intel Corporation LXT9883 Datasheet HTML 12Page - Intel Corporation LXT9883 Datasheet HTML 13Page - Intel Corporation LXT9883 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
LXT9883/9863 — Advanced 10/100 Unmanaged Repeater
10
Datasheet
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
Table 2.
MII #2 Signal Descriptions
Pin
Symbol
Type
1, 2
Description
18
MII2_SPD
I
PU
Speed Select - MII 2. This signal is sensed at power up, hardware reset, and
software reset. Selects operating speed of the respective MII (MAC) interface.
High = 100 Mbps. Low = 10 Mbps.
205
206
207
208
MII2_RXD0
MII2_RXD1
MII2_RXD2
MII2_RXD3
O
Receive Data - MII 2. The LXT98x3 transmits received data to the controller on these
outputs. Data is driven on the falling edge of MII2_RXCLK.
204
MII2_RXDV
O
Receive Data Valid - MII 2. Active High signal, synchronous to MII2_RXCLK,
indicates valid data on MII2_RXD<3:0>.
203
MII2_RXCLK
O
Receive Clock - MII 2. MII receive clock for expansion port. This is a 2.5 or 25 MHz
clock derived from the CLK25 input (refer to Table 7 on page 16).
202
MII2_RXER
O
Receive Error - MII 2. Active High signal, synchronous to MII2_RXCLK, indicates
invalid data on MII2_RXD<3:0>.
197
MII2_TXER
I
Transmit Error - MII 2. MII2_TXER is a 100M-only signal. The MAC asserts this
input when errors occurs in the transmit data stream. The LXT98x3 sends ‘Invalid
Code Symbols’ on the line.
196
MII2_TXCLK
O
Transmit Clock - MII 2. This is a 2.5 or 25 MHz clock derived from the CLK25 input
(refer to Table 7 on page 16).
195
MII2_TXEN
I
Transmit Enable - MII 2. External controllers drive this input High to indicate data is
transmitted on the MII2_TXD<3:0> pins. Ground this input if unused.
194
193
192
191
MII2_TXD0
MII2_TXD1
MII2_TXD2
MII2_TXD3
I
Transmit Data - MII 2. External controllers use these inputs to transmit data to the
LXT98x3. The LXT98x3 samples MII2_TXD<3:0> on the rising edge of MII2_TXCLK,
when MII2_TXEN is High.
188
MII2_COL
O
Collision - MII 2. The LXT98x3 drives this signal High to indicate a collision
occurred.
187
MII2_CRS
O
Carrier Sense - MII 2. Active High signal indicates LXT98x3 is transmitting or
receiving.
1. I = Input, O = Output, I/O = Input/Output, D = Digital, A = Analog, AI = Analog Input, A I/O = Analog Input/Output, OD = Open
Drain,
OS = Open Source, PD = Pull Down, PU = Pull Up.
NC = No Clamp. Pad does not clamp input in the absence of power.
2. Pins are 5V tolerant, unless indicated.


Similar Part No. - LXT9883

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
LXT9880 INTEL-LXT9880 Datasheet
1Mb / 118P
   Advanced 10/100 Repeater with Intergrated Management
More results

Similar Description - LXT9883

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
LXT9860 INTEL-LXT9860 Datasheet
1Mb / 118P
   Advanced 10/100 Repeater with Intergrated Management
logo
List of Unclassifed Man...
AC205 ETC1-AC205 Datasheet
96Kb / 2P
   5-PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
logo
Broadcom Corporation.
AC205 BOARDCOM-AC205 Datasheet
712Kb / 60P
   2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
AC206 BOARDCOM-AC206 Datasheet
798Kb / 70P
   2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
AC207 BOARDCOM-AC207 Datasheet
723Kb / 60P
   2.5V 10/100-TX 8-Port Repeater with Integrated Bridge
logo
List of Unclassifed Man...
AC207 ETC1-AC207 Datasheet
95Kb / 2P
   8-PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
AC208 ETC-AC208 Datasheet
98Kb / 2P
   8 PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
AC205KQM ETC2-AC205KQM Datasheet
102Kb / 2P
   5-PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
AC206 ETC-AC206 Datasheet
96Kb / 2P
   5 PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
WBLXT9785HED0 ETC2-WBLXT9785HED0 Datasheet
1Mb / 244P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com