Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VUO30-14NO3 Datasheet(PDF) 1 Page - IXYS Corporation

Part # VUO30-14NO3
Description  Three Phase Rectifier Bridge
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VUO30-14NO3 Datasheet(HTML) 1 Page - IXYS Corporation

  VUO30-14NO3 Datasheet HTML 1Page - IXYS Corporation VUO30-14NO3 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
1 - 2
I
dAV
= 37 A
V
RRM = 800-1800 V
V
RSM
V
RRM
Type
VV
900
800
VUO 30-08NO3
1300
1200
VUO 30-12NO3
1500
1400
VUO 30-14NO3
1700
1600
VUO 30-16NO3
1900
1800
VUO 30-18NO3*
* delivery time on request
Symbol
Test Conditions
Maximum Ratings
I
dAV
x
T
C = 85°C, module
37
A
I
dAVM
x
module
50
A
I
FSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
300
A
V
R = 0
t = 8.3 ms (60 Hz), sine
330
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
270
A
V
R = 0
t = 8.3 ms (60 Hz), sine
290
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
450
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
460
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
365
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
355
A2s
T
VJ
-40...+125
°C
T
VJM
125
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
3000
V~
I
ISOL £ 1 mA
t = 1 s
3600
V~
M
d
Mounting torque
(M5)
2-2.5
Nm
(10-32 UNF)
18-22
lb.in.
Weight
typ.
50
g
Features
q
Package with DCB ceramic base plate
q
Isolation voltage 3600 V~
q
Planar passivated chips
q
Blocking voltage up to 1800 V
q
Low forward voltage drop
q
¼" fast-on terminals
q
UL registered E 72873
Applications
q
Supplies for DC power equipment
q
Input rectifiers for PWM inverter
q
Battery DC power supplies
q
Rectifier for DC motors field current
Advantages
q
Easy to mount with two screws
q
Space and weight savings
q
Improved temperature and power
cycling
Dimensions in mm (1 mm = 0.0394")
Use output terminals in parallel
connection!
Symbol
Test Conditions
Characteristic Values
I
R
V
R
= V
RRM;TVJ = 25°C
0.3
mA
V
R
= V
RRM;TVJ = TVJM
5mA
V
F
I
F
= 150 A;
T
VJ = 25°C
2.55
V
V
T0
For power-loss calculations only
0.9
V
r
T
11
m
W
R
thJC
per diode, DC current
2.4
K/W
per module
0.4
K/W
R
thJH
per diode, DC current
3.0
K/W
per module
0.5
K/W
d
S
Creeping distance on surface
10
mm
d
A
Creepage distance in air
9.4
mm
a
Max. allowable acceleration
50
m/s2
Data according to IEC 60747 and refer to a single diode unless otherwise stated.
x for resistive load at bridge output
IXYS reserves the right to change limits, test conditions and dimensions.
VUO 30
Three Phase
Rectifier Bridge
+
+
~
~
~
-
-
~
~
~
+


Similar Part No. - VUO30-14NO3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUO30-18NO3 IXYS-VUO30-18NO3 Datasheet
459Kb / 5P
   Standard Rectifier Module(3~ Rectifier Bridge)
More results

Similar Description - VUO30-14NO3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUC25-12GO2 IXYS-VUC25-12GO2 Datasheet
43Kb / 2P
   Three Phase Rectifier Bridge
VUO34-08NO1 IXYS-VUO34-08NO1 Datasheet
51Kb / 2P
   Three Phase Rectifier Bridge
VUO50 IXYS-VUO50 Datasheet
73Kb / 2P
   Three Phase Rectifier Bridge
VTO39 IXYS-VTO39 Datasheet
53Kb / 2P
   Three Phase Rectifier Bridge
VUO25-08NO8 IXYS-VUO25-08NO8 Datasheet
145Kb / 2P
   Three Phase Rectifier Bridge
logo
Solid States Devices, I...
RA0082 SSDI-RA0082 Datasheet
147Kb / 1P
   THREE PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VUO122-18NO7 IXYS-VUO122-18NO7 Datasheet
106Kb / 1P
   Three Phase Rectifier Bridge
VBO36-12NO8 IXYS-VBO36-12NO8 Datasheet
298Kb / 2P
   Three Phase Rectifier Bridge
logo
Solid States Devices, I...
RA0036A SSDI-RA0036A_15 Datasheet
100Kb / 1P
   THREE PHASE BRIDGE RECTIFIER
RA0089 SSDI-RA0089_15 Datasheet
228Kb / 2P
   THREE PHASE BRIDGE RECTIFIER
logo
Yangzhou yangjie electr...
MDS200 YANGJIE-MDS200 Datasheet
50Kb / 3P
   Three Phase Rectifier Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com