Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M465165DJ Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M5M465165DJ
Description  EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M465165DJ Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M5M465165DJ Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M465165DJ Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M465165DJ Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M465165DJ Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M465165DJ Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M465165DJ Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M465165DJ Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M465165DJ Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M465165DJ Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
MITSUBISHI ELECTRIC
Aug. 1999
EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
EDO MODE 67108864-BIT (8388608-WORD BY 8-BIT) DYNAMIC RAM
EDO MODE 67108864-BIT (4194304-WORD BY 16-BIT) DYNAMIC RAM
MITSUBISHI LSIs
(Rev. 1.0)
M5M467405/465405DJ,DTP -5,-6,-5S,-6S
M5M467805/465805DJ,DTP -5,-6,-5S,-6S
M5M465165DJ,DTP -5,-6,-5S,-6S
Outline 32P0N (400mil SOJ)
Vcc
DQ2
W
RAS
A11
A10
A0
A1
A2
A3
Vcc
Vss
DQ4
DQ3
CAS
OE
A9
A8
A7
A6
A5
A4
Vss
NC
NC
NC
NC
A12/NC(Note)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
DQ1
NC
NC
NC
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
NC
Note
A12...M5M467405Dxx, NC...M5M465405Dxx
NO CONNECTION
:
:
Outline 32P3N (400mil TSOP Normal Bend)
Vcc
DQ2
W
RAS
A11
A10
A0
A1
A2
A3
Vcc
Vss
DQ4
DQ3
CAS
OE
A9
A8
A7
A6
A5
A4
Vss
NC
NC
NC
NC
A12/NC(Note)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
DQ1
NC
NC
NC
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
PIN CONFIGURATION (TOP VIEW)
PIN DESCRIPTION
Pin Name
A0-A12
DQ1-DQ4
RAS
CAS
W
OE
Vcc
Vss
Function
Address Inputs
Data Inputs / Outputs
Row Address Strobe Input
Column Address Strobe Input
Write Control Input
Power Supply (+3.3V)
Ground (0V)
Output Enable Input
NC
No Connection
Pin Name
A0-A11
DQ1-DQ16
RAS
UCAS
W
OE
Vcc
Vss
Function
Address Inputs
Data Inputs / Outputs
Row Address Strobe Input
Column Address Strobe Input
Write Control Input
Power Supply (+3.3V)
Ground (0V)
Output Enable Input
NC
No Connection
Upper byte control
LCAS
Column Address Strobe Input
Lower byte control
Pin Name
A0-A12
DQ1-DQ8
RAS
CAS
W
OE
Vcc
Vss
Function
Address Inputs
Data Inputs / Outputs
Row Address Strobe Input
Column Address Strobe Input
Write Control Input
Power Supply (+3.3V)
Ground (0V)
Output Enable Input
NC
No Connection
M5M467405Dxx / M5M465405Dxx
M5M467805Dxx / M5M465805Dxx
M5M465165Dxx
XX=J, TP
M5M467400/465400DJ, DTP
2


Similar Part No. - M5M465165DJ

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M465165BJ MITSUBISHI-M5M465165BJ Datasheet
403Kb / 39P
   EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M465165BTP-5 MITSUBISHI-M5M465165BTP-5 Datasheet
403Kb / 39P
   EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M465165BTP-5S MITSUBISHI-M5M465165BTP-5S Datasheet
403Kb / 39P
   EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M465165BTP-6 MITSUBISHI-M5M465165BTP-6 Datasheet
403Kb / 39P
   EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M465165BTP-6S MITSUBISHI-M5M465165BTP-6S Datasheet
403Kb / 39P
   EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
More results

Similar Description - M5M465165DJ

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M467405BTP-5 MITSUBISHI-M5M467405BTP-5 Datasheet
403Kb / 39P
   EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M467400DTP-5 MITSUBISHI-M5M467400DTP-5 Datasheet
246Kb / 37P
   FAST PAGE MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M467400BJ MITSUBISHI-M5M467400BJ Datasheet
392Kb / 37P
   FAST PAGE MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M417400CJ MITSUBISHI-M5M417400CJ Datasheet
514Kb / 22P
   FAST PAGE MODE 16777216-BIT (4194304-WORD BY 4-BIT) DYNAMIC RAM
MH16V6445BWJ-5 MITSUBISHI-MH16V6445BWJ-5 Datasheet
127Kb / 22P
   HYPER PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
MH16V72AWJ-5 MITSUBISHI-MH16V72AWJ-5 Datasheet
195Kb / 20P
   FAST PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V64AWJ-5 MITSUBISHI-MH16V64AWJ-5 Datasheet
186Kb / 20P
   FAST PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
MH16V644AWJ-5 MITSUBISHI-MH16V644AWJ-5 Datasheet
186Kb / 20P
   FAST PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
MH16V725BATJ-5 MITSUBISHI-MH16V725BATJ-5 Datasheet
149Kb / 22P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V725BWJ-5 MITSUBISHI-MH16V725BWJ-5 Datasheet
129Kb / 22P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com