Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7809LPRPFK Datasheet(PDF) 8 Page - Maxwell Technologies

Part # 7809LPRPFK
Description  16-Bit Latchup Protected Analog to Digital Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7809LPRPFK Datasheet(HTML) 8 Page - Maxwell Technologies

Back Button 7809LPRPFK Datasheet HTML 4Page - Maxwell Technologies 7809LPRPFK Datasheet HTML 5Page - Maxwell Technologies 7809LPRPFK Datasheet HTML 6Page - Maxwell Technologies 7809LPRPFK Datasheet HTML 7Page - Maxwell Technologies 7809LPRPFK Datasheet HTML 8Page - Maxwell Technologies 7809LPRPFK Datasheet HTML 9Page - Maxwell Technologies 7809LPRPFK Datasheet HTML 10Page - Maxwell Technologies 7809LPRPFK Datasheet HTML 11Page - Maxwell Technologies 7809LPRPFK Datasheet HTML 12Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
16-Bit Latchup Protected Analog to Digital Converter
7809LP
01.11.05 Rev 7
Selecting Output
Format
x
x
x
x
x
x
x
x
x
x
x
x
0
3
1
Serial data is output in
Binary Two’s Comple-
ment format.
Serial data is output in
Straight Binary format.
1. See Figure 4 for constraints on previous data valid during conversion.
TABLE 13. 7809LP INPUT RANGE CONNECTION
ANALOG INPUT RANGE
CONNECT R1
IN VIA 200
TO
CONNECT R2
IN VIA 100
TO
CONNECT R3
IN TO
IMPEDANCE
±10V
V
IN
AGND
CAP
22.9 k
±5V
AGND
V
IN
CAP
13.3 k
±3.3V
V
IN
V
IN
CAP
10.7 k
0V to 10V
AGND
V
IN
AGND
13.3k
0V to 5V
AGND
AGND
V
IN
10.0 k
0V to 4V
V
IN
AGND
V
IN
10.7 k
TABLE 14. 7809LP CONVERSION AND DATA TIMING
(T
A = -40
°C TO 85 °C UNLESS OTHERWISE SPECIFIED)
SYMBOL
DESCRIPTION
SUBGROUPS
MIN
TYP
MAX
UNIT
t1
Convert Pulse Width
9, 10, 11
40
--
6000
ns
t2
BUSY Delay
9, 10, 11
--
--
65
ns
t3
BUSY LOW
9, 10, 11
--
--
8
µ s
t4
BUSY Delay after End of Conversion
9, 10, 11
--
220
--
ns
t5
Aperture Delay
9, 10, 11
--
40
--
ns
t6
Conversion Time
9, 10, 11
--
7.6
8
µ s
t7
Acquisition Time
9, 10, 11
--
--
2
µ s
t6 + t7
Throughput Time
9, 10, 11
--
9
10
µ s
t8
R/C Low to DATACLK Delay
9, 10, 11
--
450
--
ns
t9
DATACLK Period
9, 10, 11
--
440
--
ns
t10
Data Valid to DATACLK HIGH Delay
9, 10, 11
20
75
--
ns
t11
Data Valid after DATACLK LOW
Delay
9, 10, 11
100
125
--
ns
t12
External DATACLK
9, 10, 11
100
--
--
ns
TABLE 12. 7809LP CONTROL LINE FUNCTIONS FOR READ AND CONVERT
SPECIFIC FUNCTION
CS
R/C
BUSY
EXT/INT
DATACL
K
PWRD
SB/BTC
OPERATION


Similar Part No. - 7809LPRPFK

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
7809 SEMTECH_ELEC-7809 Datasheet
238Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Foshan Blue Rocket Elec...
7809 FOSHAN-7809 Datasheet
1Mb / 6P
   Voltage Regulator in a TO-220 Plastic Package
logo
Silicon Supplies
7809 SS-7809 Datasheet
481Kb / 5P
   Linear Voltage Regulator
logo
Inchange Semiconductor ...
7809-220 ISC-7809-220 Datasheet
187Kb / 2P
   isc Three Terminal Positive Voltage Regulator
logo
NEC
780924 NEC-780924 Datasheet
644Kb / 129P
   Common to 78K/0 Series
More results

Similar Description - 7809LPRPFK

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
7805ALP MAXWELL-7805ALP Datasheet
262Kb / 18P
   16-Bit Latchup Protected ADC
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
Burr-Brown (TI)
ADC76 BURR-BROWN-ADC76 Datasheet
113Kb / 8P
   16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
DATEL, Inc.
5962-8953102HXA DATEL-5962-8953102HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211 PTC-PT8211_10 Datasheet
290Kb / 13P
   16 Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953101HXC DATEL-5962-8953101HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211L PTC-PT8211L Datasheet
124Kb / 4P
   16 Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com