Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC54HC161AJ Datasheet(PDF) 2 Page - Motorola, Inc

Part # MC54HC161AJ
Description  PRESETTABLE COUNTERS HIGH-PERFORMANCE SILICON-GATE CMOS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC54HC161AJ Datasheet(HTML) 2 Page - Motorola, Inc

  MC54HC161AJ Datasheet HTML 1Page - Motorola, Inc MC54HC161AJ Datasheet HTML 2Page - Motorola, Inc MC54HC161AJ Datasheet HTML 3Page - Motorola, Inc MC54HC161AJ Datasheet HTML 4Page - Motorola, Inc MC54HC161AJ Datasheet HTML 5Page - Motorola, Inc MC54HC161AJ Datasheet HTML 6Page - Motorola, Inc MC54HC161AJ Datasheet HTML 7Page - Motorola, Inc MC54HC161AJ Datasheet HTML 8Page - Motorola, Inc MC54HC161AJ Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC54/74HCT161A MC54/74HCT163A
MOTOROLA
High–Speed CMOS Logic Data
DL129 — Rev 6
2
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
Positive DC Supply Voltage (Referenced to GND)
– 0.5 to + 7.0
V
Vin
DC Input Voltage (Referenced to GND)
– 1.5 to VCC + 1.5
V
Vout
DC Output Voltage (Referenced to GND)
– 0.5 to VCC + 0.5
V
Iin
DC Input Current, per Pin
± 20
mA
Iout
DC Output Current, per Pin
± 25
mA
ICC
DC Supply Current, VCC and GND Pins
± 50
mA
PD
Power Dissipation in Still Air, Plastic or Ceramic DIP†
SOIC Package†
750
500
mW
Tstg
Storage Temperature Range
– 65 to + 150
_C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
Plastic DIP or SOIC Package
Ceramic DIP
260
300
_C
* Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
†Derating — Plastic DIP: – 10 mW/
_C from 65_ to 125_C
Ceramic DIP: – 10 mW/
_C from 100_ to 125_C
SOIC Package: – 7 mW/
_C from 65_ to 125_C
For high frequency or heavy load considerations, see Chapter 2 of the Motorola High–Speed CMOS Data Book (DL129/D).
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
4.5
5.5
V
Vin, Vout
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
– 55
+ 125
_C
tr, tf
Input Rise and Fall Time (Figure 1)
0
500
ns
DC ELECTRICAL CHARACTERISTICS (Voltages referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
– 55 to 25
_C
≤ 85°C
≤ 125°C
Unit
VIH
Minimum High–Level Input
Voltage
Vout = 0.1 V or VCC = –1.0V
|Iout| v 20 µA
4.5
5.5
2.0
2.0
2.0
2.0
2.0
2.0
V
VIL
Maximum Low–Level Input
Voltage
Vout = 0.1 V
|Iout| v 20 µA
4.5
5.5
0.80
0.80
0.80
0.80
0.80
0.80
V
VOH
Minimum High–Level Output
Voltage
Vin = VIH or VIL
|Iout| v 20 µA
4.5
5.5
4.4
5.4
4.4
5.4
4.4
5.4
V
Vin = VIH or VIL
|Iout| v 4.0 mA
4.5
3.98
3.84
3.70
V
VOL
Maximum Low–Level Output
Voltage
Vin = VIH or VIL
|Iout| v 20 µA
4.5
5.5
0.10
0.10
0.10
0.10
0.10
0.10
V
Vin = VIH or VIL
|Iout| v 4.0 mA
4.5
0.26
0.33
0.40
V
Iin
Maximum Input Leakage Current
Vin = VCC or GND
5.5
± 0.10
± 1.00
± 1.00
µA
ICC
Maximum Quiescent Supply
Current (Per Package)
Vin = VCC or GND
Iout – 0 µA
5.5
4
40
160
µA
ICC
Additional Quiescent Supply
Current
Vin = 2.4V,
Any One Input
≥–55°C
25 to +125
°C
mA
ICC
Additional Quiescent Supply
Current
Any One Input
VIN = VCC or GND
Other Inputs Iout – 0 µA
5.5
2.9
2.4
mA
NOTE: Information on typical parametric values can be found in Chapter 2 of the Motorola High–Speed CMOS Data Book (DL129/D).
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high–impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND
v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.


Similar Part No. - MC54HC161AJ

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54HC160A MOTOROLA-MC54HC160A Datasheet
152Kb / 14P
   PRESETTABLE COUNTERS HIGH-PERFORMANCE SILICON0GATE CMOS
MC54HC162A MOTOROLA-MC54HC162A Datasheet
152Kb / 14P
   PRESETTABLE COUNTERS HIGH-PERFORMANCE SILICON0GATE CMOS
logo
ARTSCHIP ELECTRONICS CO...
MC54HC164FK ARTSCHIP-MC54HC164FK Datasheet
744Kb / 13P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
MC54HC164J ARTSCHIP-MC54HC164J Datasheet
744Kb / 13P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
MC54HC164W ARTSCHIP-MC54HC164W Datasheet
744Kb / 13P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results

Similar Description - MC54HC161AJ

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HC163A IKSEMICON-IN74HC163A Datasheet
290Kb / 10P
   Presettable Counters High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC163A KODENSHI-KK74HC163A Datasheet
302Kb / 10P
   Presettable Counters High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT163 SLS-SL74HCT163 Datasheet
127Kb / 9P
   Presettable Counters(High-Performance Silicon-Gate CMOS)
logo
IK Semicon Co., Ltd
IN74HCT163A IKSEMICON-IN74HCT163A Datasheet
287Kb / 9P
   Presettable Counters High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC161A KODENSHI-KK74HC161A Datasheet
308Kb / 10P
   Presettable Counters High-Performance Silicon-Gate CMOS
KK74HCT163A KODENSHI-KK74HCT163A Datasheet
299Kb / 9P
   Presettable Counters High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC161A IKSEMICON-IN74HC161A Datasheet
290Kb / 10P
   Presettable Counters High-Performance Silicon-Gate CMOS
IN74AC163 IKSEMICON-IN74AC163 Datasheet
313Kb / 9P
   Presettable Counters High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC163 KODENSHI-KK74AC163 Datasheet
419Kb / 9P
   Presettable Counters High-Speed Silicon-Gate CMOS
KK74ACT163 KODENSHI-KK74ACT163 Datasheet
344Kb / 8P
   Presettable Counters High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com