Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC2164A51CDMR Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC2164A51CDMR
Description  ICs for use with Crystal Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2164A51CDMR Datasheet(HTML) 1 Page - Torex Semiconductor

  XC2164A51CDMR Datasheet HTML 1Page - Torex Semiconductor XC2164A51CDMR Datasheet HTML 2Page - Torex Semiconductor XC2164A51CDMR Datasheet HTML 3Page - Torex Semiconductor XC2164A51CDMR Datasheet HTML 4Page - Torex Semiconductor XC2164A51CDMR Datasheet HTML 5Page - Torex Semiconductor XC2164A51CDMR Datasheet HTML 6Page - Torex Semiconductor XC2164A51CDMR Datasheet HTML 7Page - Torex Semiconductor XC2164A51CDMR Datasheet HTML 8Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
July 30, 2003 Ver. 5
CMOS Low Power Consumption
APPLICATIONS
Oscillation Frequency
4MHz to 125MHz
Crystal Oscillation Modules
4MHz to 30MHz
(Fundamental Oscillation)
Micro computer, DSP Clocks
20MHz to 125MHz
(3rd Overtone Oscillation)
Communication Equipment
3 State Output
Various System Clocks
Built-in Capacitors Cg, Cd
Built-in Feedback Resistor
Chip form
Mini Mold SOT-26 Package
GENERAL DESCRIPTION
FEATURES
Oscillation Frequency:
4MHz to 30MHz (Fundamental)
20MHz to 125MHz (3rd Overtone)
Divider Ratio:
Selectable from f0/1, f0/2, f0/4, f0/8.
( f0/2, f0/4, f0/8 are fundamental only)
Output:
3-State
Operating Voltage Range: 3.3V ± 10%, 5.0V ± 10%
Low Power Consumption: Stand -by function included
Selectable from C/E type and O/E type
Chip Form:
Chip Size 1.3
× 0.8 mm
Ultra Small Package:
SOT-26 mini mold
PIN CONFIGURATION
PIN ASSIGNMENT
* Stand-by control pin has a pull-up resistor built-in.
/INH, Q0 PIN FUNCTION
BLOCK DIAGRAM
VDD
Crystal Oscillator Connection (Output)
Crystal Oscillator Connection (Input)
/INH
Q0
"H" or OPEN
Clock Output
Stand-by Control*
4XT
1
2
Q0
3
VSS
XT
6
INH
5
XC2164 Series
ICs for use with Crystal Oscillators
The XC2164 series are high frequency, low current
consumption CMOS ICs with built-in crystal oscillator and
divider circuits.
For fundamental oscillation, output is selectable from any one
of the following values for f0 : f0/1, f0/2, f0/4, f0/8.
With oscillation capacitors and a feedback resistor built-in, it
is possible to configure a stable fundamental oscillator or 3rd
overtone oscillator using only an external crystal.
Also available is an external oscillation capacitor / external
oscillation feedback resistor type which makes oscillation
frequency control possible.
The XC2164 series are integrated into SOT-26 packages.
The series is also available in chip form.
SOT-26 (TOP VIEW)
PIN NUMBER
PIN NAME
FUNCTION
Power Supply
Clock Output
Ground
"L"
High Impedance
1
2
4
3
5
6
Q0
VSS
XT
INH
VDD
XT
Rup
Cg
Cd
Rf
1/2
1/2
1/2
VDD
XT
/XT
/INH
QO
VSS
Rup
1/2
1/2
1/2
VDD
XT
/XT
/INH
QO
VSS
Built-in oscillation capacitors, oscillation feedback resistor
External oscillation capacitors, oscillation feedback resistor
Semiconductor Ltd.
1


Similar Part No. - XC2164A51CDMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2164A51C TOREX-XC2164A51C Datasheet
380Kb / 11P
   CMOS Low Power Consumption
XC2164A51CCF TOREX-XC2164A51CCF Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2164A51CCL TOREX-XC2164A51CCL Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2164A51CCR TOREX-XC2164A51CCR Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2164A51CCT TOREX-XC2164A51CCT Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
More results

Similar Description - XC2164A51CDMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2151 TOREX-XC2151 Datasheet
145Kb / 8P
   ICS FOR USE WITH CRYSTAL OSCILLATORS
XC2173 TOREX-XC2173_15 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators
XC2141_001 TOREX-XC2141_001 Datasheet
347Kb / 6P
   ICs for use with Crystal Oscillators
XC2141 TOREX-XC2141_1 Datasheet
394Kb / 5P
   ICs for use with Crystal Oscillators
XC2164_003 TOREX-XC2164_003 Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2165 TOREX-XC2165_12 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2165 TOREX-XC2165_15 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com