Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT5T2110NLI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT5T2110NLI
Description  2.5V ZERO DELAY PLL DIFFERENTIAL CLOCK DRIVER TERACLOCK
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5T2110NLI Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT5T2110NLI Datasheet HTML 1Page - Integrated Device Technology IDT5T2110NLI Datasheet HTML 2Page - Integrated Device Technology IDT5T2110NLI Datasheet HTML 3Page - Integrated Device Technology IDT5T2110NLI Datasheet HTML 4Page - Integrated Device Technology IDT5T2110NLI Datasheet HTML 5Page - Integrated Device Technology IDT5T2110NLI Datasheet HTML 6Page - Integrated Device Technology IDT5T2110NLI Datasheet HTML 7Page - Integrated Device Technology IDT5T2110NLI Datasheet HTML 8Page - Integrated Device Technology IDT5T2110NLI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
INDUSTRIALTEMPERATURERANGE
IDT5T2110
2.5VZERODELAYPLLDIFFERENTIALCLOCKDRIVER TERACLOCK
PIN DESCRIPTION, CONTINUED
Symbol
I/O
Type
Description
REF_SEL
I
LVTTL(1)
Reference clock select. When LOW, selects REF0 and REF0/VREF0. When HIGH, selects REF1 and REF1/VREF1.
nsOE
I
LVTTL(1)
Synchronousoutputenable. WhennsOE isHIGH,nQandnQ aresynchronouslystopped. OMODEselectswhethertheoutputsare
gated LOW/HIGH or tri-stated. When OMODE is HIGH, PE determines the level at which the outputs stop. When PE is LOW/HIGH,
the nQ is stopped in a HIGH/LOW state, while the nQ is stopped at a LOW/HIGH state. When OMODE is LOW, the outputs are tri-
stated. Set nsOE LOW for normal operation.
QFB
O
Adjustable(2)
Feedbackclockoutput
QFB
O
Adjustable(2)
Complementaryfeedbackclockoutput
nQ
O
Adjustable(2)
Clockoutputs
nQ
O
Adjustable(2)
Complementaryclockoutputs
RxS
I
3-Level(3)
Selects single-ended 2.5V LVTTL (HIGH), 1.8V LVTTL (MID) REF clock input or differential (LOW) REF clock input
TxS
I
3-Level(3)
Setsthedrivestrengthoftheoutputdriversandfeedbackinputstobe2.5VLVTTL(HIGH),1.8VLVTTL(MID)oreHSTL/HSTL(LOW)
compatible. Used in conjuction with VDDQ to set the interface levels.
PE
I
LVTTL(1)
Selectablepositiveornegativeedgecontrol. WhenLOW/HIGHtheoutputsaresynchronizedwiththenegative/positiveedgeofthereference
clock(hasinternalpull-up).
nF[2:1]
I
LVTTL(1)
Function select inputs for divide-by-2, divide-by-4, zero delay, or invert on each bank. (See Control Summary table.)
FBF[2:1]
I
LVTTL(1)
Function select inputs for divide-by-2, divide-by-4, zero delay, or invert on the feedback bank (See Control Summary table)
FS
I
LVTTL(1)
Selectsappropriateoscillatorcircuitbasedonanticipatedfrequencyrange(SeeVCOFrequencyRangeSelecttable)
DS[1:0]
I
3-Level(3)
3-levelinputsforfeedbackinputdividerselection(SeeDivideSelectiontable)
PLL_EN
I
LVTTL(1)
PLLenable/disablecontrol. SetLOWfornormaloperation. WhenPLL_ENisHIGH,thePLLisdisabledandREF[1:0]goestoalloutputs.
PD
I
LVTTL(1)
Powerdowncontrol. WhenPDisLOW,theinputsaredisabledandinternalswitchingisstopped. OMODEselectswhethertheoutputs
are gated LOW/HIGH or tri-stated. When OMODE is HIGH, PE determines the level at which the outputs stop. When PE is LOW/
HIGH, the nQ and QFB are stopped in a HIGH/LOW state, while the nQ and QFB are stopped in a LOW/HIGH state. When OMODE
is LOW, the outputs are tri-stated. Set PD HIGH for normal operation.
LOCK
O
LVTTL
PLLlockindicationsignal. HIGHindicateslock. LOWindicatesthatthePLLisnotlockedandoutputsmaynotbesynchronized tothe
inputs. The output will be 2.5V LVTTL.
OMODE
I
LVTTL(1)
Outputdisablecontrol. Determinestheoutputs'disablestate. UsedinconjunctionwithnsOEandPD. (SeeOutputEnable/Disableand
Powerdowntables.)
VDDQ
PWR
Power supply for output buffers. When using 2.5V LVTTL, VDDQshould be connected to VDD.
VDD
PWR
Powersupplyforphaselockedloop,lockoutput,inputs,andotherinternalcircuitry
GND
PWR
Ground
VCO FREQUENCY RANGE SELECT
FS(1)
Min.
Max.
Unit
LOW
50
125
MHz
HIGH
100
250
MHz
NOTE:
1. PE determines the level at which the outputs stop. When PE is LOW/HIGH, the nQ
is stopped in a HIGH/LOW state while the nQ is stopped at a LOW/HIGH state.
OUTPUTENABLE/DISABLE
nsOE
OMODE
Output
L
X
NormalOperation
H
L
Tri-State
H
H
Gated(1)
NOTE:
1. PE determines the level at which the outputs stop. When PE is LOW/HIGH, the nQ
and QFB are stopped in a HIGH/LOW state, while the nQ and QFB are stopped in a
LOW/HIGH state.
POWERDOWN
PD
OMODE
Output
H
X
NormalOperation
L
L
Tri-State
L
H
Gated(1)
NOTE:
1. The level to be set on FS is determined by the nominal operating frequency of the
VCO. The VCO frequency (FNOM) always appears at nQ and nQ outputs when they
are operated in their undivided modes. The frequency appearing at the REF[1:0] and
REF[1:0] /VREF[1:0] and FB and FB/VREF2 inputs will be FNOM when the QFB and QFB
are undivided and DS[1:0] = MM. The frequency of REF[1:0] and REF[1:0] /VREF[1:0]
and FB and FB/VREF2 inputs will be FNOM/2 or FNOM/4 when the part is configured for
frequency multiplication by using a divided QFB and QFB and setting DS[1:0] = MM.
Using the DS[1:0] inputs allows a different method for frequency multiplication (see
Divide Selection table).
NOTES:
1. Pins listed as LVTTL inputs will accept 2.5V signals under all conditions. If the output is operating at 1.8V or 1.5V, the LVTTL inputs will accept 1.8V LVTTL signals as well.
2. Outputs are user selectable to drive 2.5V, 1.8V LVTTL, eHSTL, or HSTL interface levels when used with the appropriate VDDQ voltage.
3. 3-level inputs are static inputs and must be tied to VDD or GND or left floating. These inputs are not hot-insertable or over voltage tolerant.


Similar Part No. - IDT5T2110NLI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5T2110NLI IDT-IDT5T2110NLI Datasheet
212Kb / 24P
   2.5V ZERO DELAY PLL DIFFERENTIAL CLOCK DRIVER TERACLOCK?
More results

Similar Description - IDT5T2110NLI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5T2110 IDT-IDT5T2110_2 Datasheet
212Kb / 24P
   2.5V ZERO DELAY PLL DIFFERENTIAL CLOCK DRIVER TERACLOCK?
IDT5T2010 IDT-IDT5T2010 Datasheet
157Kb / 23P
   2.5V ZERO DELAY PLL CLOCK DRIVER TERACLOCK
IDT5T2010 IDT-IDT5T2010_2 Datasheet
207Kb / 24P
   2.5V ZERO DELAY PLL CLOCK DRIVER TERACLOCK?
logo
Renesas Technology Corp
IDT5T9821 RENESAS-IDT5T9821 Datasheet
454Kb / 37P
   EEPROM PROGRAMMABLE 2.5V ZERO DELAY PLL DIFFERENTIAL CLOCK DRIVER
NOVEMBER 2004
IDT5T9820 RENESAS-IDT5T9820 Datasheet
458Kb / 37P
   EEPROM PROGRAMMABLE 2.5V ZERO DELAY PLL CLOCK DRIVER
NOVEMBER 2004
logo
Asahi Kasei Microsystem...
AK8122 AKM-AK8122 Datasheet
265Kb / 9P
   Differential Zero Delay Clock Buffer
AK8122V AKM-AK8122V Datasheet
265Kb / 9P
   Differential Zero Delay Clock Buffer
AK8122E AKM-AK8122E Datasheet
265Kb / 9P
   Differential Zero Delay Clock Buffer
logo
Integrated Device Techn...
IDT5T9891 IDT-IDT5T9891 Datasheet
286Kb / 37P
   EEPROM PROGRAMMABLE 2.5V PROGRAMMABLE SKEW PLL DIFFERENTIAL CLOCK DRIVER
logo
Renesas Technology Corp
IDT5T9891 RENESAS-IDT5T9891 Datasheet
459Kb / 38P
   EEPROM PROGRAMMABLE 2.5V PROGRAMMABLE SKEW PLL DIFFERENTIAL CLOCK DRIVER
NOVEMBER 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com