Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS4982-CKAE3 Datasheet(PDF) 5 Page - Gennum Corporation

Part # GS4982-CKAE3
Description  Video Sync Separators with 50% Sync Slicing
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS4982-CKAE3 Datasheet(HTML) 5 Page - Gennum Corporation

  GS4982-CKAE3 Datasheet HTML 1Page - Gennum Corporation GS4982-CKAE3 Datasheet HTML 2Page - Gennum Corporation GS4982-CKAE3 Datasheet HTML 3Page - Gennum Corporation GS4982-CKAE3 Datasheet HTML 4Page - Gennum Corporation GS4982-CKAE3 Datasheet HTML 5Page - Gennum Corporation GS4982-CKAE3 Datasheet HTML 6Page - Gennum Corporation GS4982-CKAE3 Datasheet HTML 7Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5 of 7
521 - 61 - 01
ODD / EVEN
OUTPUT
(Pin 7)
VCC
(Pin 8)
RSET
(Pin 6)
VERTICAL SYNC
OUTPUT
(PIN 3)
BACK PORCH
DETECTOR
COMPOSITE
SYNC OUTPUT
(Pin 1)
HORIZONTAL
CLEN
VERTICAL
DETECTOR
INTEGRATED
HOLD
FILTER
BESSEL
2ND ORDER
SIGNAL
DETECT
MUTE
WINDOWING
CIRCUIT
FAULT
HANDLING
CLAMP
WINDOW
+
+
-
-
BACK PORCH
OUTPUT
(Pin 5)
VOLTAGE
REGULATOR
TIMING
CURRENTS
-
+
CLK Q
D
Q
G
Q
Q
D
CLK
D
Q
Q
227k
0.1
µ
VHC
VSC
VSC
+
-
R
50%
POINT
R
INTEGRATED
HOLD
2ND ORDER
BESSEL
FILTER
FAULT
HANDLING
CLAMP
WINDOW
VIDEO
INPUT
(Pin 2)
NO SYNC
BPEN
0.1
µ
Assuming that the sync separator is in steady state operation
with a valid input signal, all outputs will be enabled. Removal
of the input signal, or a significant change in the input signal
frequency, will cause an internal probation timer to be triggered.
While on probation,
the sync separator outputs remain
enabled and separated sync is still produced. If a valid input
signal is not returned to the system before the probation time
expires (typically 2.5 ms), all outputs will be muted to logic
high state. Should a valid signal return during the probation
period, and eight lines be received before the probation time
expires, device outputs will remain enabled. Once device
outputs are muted, the device must receive 8 valid lines of
video at the correct horizontal frequency before the outputs
are re-enabled.
SIGNAL DETECT AND OUTPUT MUTE
Internal to the GS4882 and GS4982 is a robust video signal
detection circuit. This circuit provides a reliable control signal
that will enable the sync separator outputs only when a valid
video signal is present. When the input signal is not valid, the
outputs are muted and stay in a logic high state.
The GS4882 and GS4982 differentiate between valid and in-
valid input signals by feeding the horizontal sync information
into a frequency to voltage converter. The horizontal scan rate
of the input signal is then compared to an expected input
signal horizontal scan rate.
With R
SET
=227 k
Ω, the sync
separator will typically define a valid input signal as one with
a horizontal frequency of 15.7 ± 4 kHz.
Fig. 6
GS4882 Block Diagram
ODD / EVEN
OUTPUT
(Pin 7)
VCC
(Pin 8)
RSET
(Pin 6)
VERTICAL SYNC
OUTPUT
(PIN 3)
BACK PORCH
DETECTOR
HORIZONTAL
(Pin 1)
HORIZONTAL
VERTICAL
DETECTOR
SIGNAL
DETECT
MUTE
+
+
-
-
BACK PORCH
OUTPUT
(Pin 5)
VOLTAGE
REGULATOR
TIMING
CURRENTS
-
-
+
+
CLK Q
D
Q
G
Q
Q
D
CLK
D
Q
Q
227k
0.1
µ
R
50%
POINT
R
2ND ORDER
BESSEL
FILTER
VIDEO
INPUT
(Pin 2)
NO SYNC
0.1
µ
WINDOWING
CIRCUIT
CLAMP
WINDOW
INTEGRATED
HOLD
FAULT
HANDLING
VSC
VHC
VSC
CLEN
BPEN
Fig. 7 GS4982 Block Diagram


Similar Part No. - GS4982-CKAE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS4981 GENNUM-GS4981 Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS4981 GENNUM-GS4981 Datasheet
4Mb / 29P
   Monolithic Video Sync Separators
GS4981-CDA GENNUM-GS4981-CDA Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS4981-CKA GENNUM-GS4981-CKA Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS4981-CTA GENNUM-GS4981-CTA Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
More results

Similar Description - GS4982-CKAE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1881 GENNUM-GS1881 Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS1881 GENNUM-GS1881_09 Datasheet
4Mb / 29P
   Monolithic Video Sync Separators
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715_07 Datasheet
451Kb / 18P
   Programmable Video Sync Generator
74ACT715 FAIRCHILD-74ACT715_1 Datasheet
429Kb / 18P
   Programmable Video Sync Generator
logo
National Semiconductor ...
LM1882 NSC-LM1882 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715 Datasheet
127Kb / 14P
   Programmable Video Sync Generator
logo
National Semiconductor ...
54ACT715 NSC-54ACT715 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com