Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-433G Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HDSP-433G
Description  10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-433G Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HDSP-433G Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-433G Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-433G Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-433G Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-433G Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-433G Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Absolute Maximum Ratings at TA = 25˚C
Description
Green
Units
Average Power per Segment or DP
65
mW
Peak Forward Current per Segment or DP
100
mA
DC Forward Current per Segment or DP
25
mA
Operating Temperature Range
–40 to +105
˚C
Storage Temperature Range
–40 to +105
˚C
Reverse Voltage per Segment or DP
3
V
Wave Soldering Temperature for 3 Seconds 1.59 mm below Body
250
˚C
Note:
1. Derate above 40˚C at 0.33 mA/˚C for Green.
Electrical/Optical Characteristics at TA = 25˚C
Device Series
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
HDSP-431G/
Luminous Intensity/
IV
3.200
5.000
mcd
IF = 10 mA
HDSP-433G/
Segment (Digit
QDSP-499G
Average)
Forward Voltage/
VF
2.25
2.50
V
IF = 20 mA
Segment or DP
Peak Wavelength
λPEAK
568
nm
IF = 20 mA
Dominant Wavelength
λd
573
nm
IF = 20 mA
Reverse Current
IR
100
µAVR = 5 V
Notes:
1. Typical specification for reference only. Do not exceed absolute maximum ratings.
2. The dominant wavelength,
λ, is derived from the CIE chromaticity diagram and is that single wavelength which defines the color of the device.
Internal Circuit Diagram (Common Cathode)
Internal Circuit Diagram (Common Anode)
1
COM
5
COM
7
COM
A
12
B
11
C
3
D
4
E
2
F
15
G
8
DP
6
14
DIGIT 1
DIGIT 2
DIGIT 3
L1
L2
L3
NOTE: QDSP-499G DOES NOT HAVE PIN 6 CONNECTED.
1
COM
5
COM
7
COM
A
12
B
11
C
3
D
4
E
2
F
15
G
8
DP
6
14
DIGIT 1
DIGIT 2
DIGIT 3
L1
L2
L3
NOTE: QDSP-499G DOES NOT HAVE PIN 6 CONNECTED.


Similar Part No. - HDSP-433G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-433G AVAGO-HDSP-433G Datasheet
356Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
HDSP-433G AVAGO-HDSP-433G Datasheet
135Kb / 5P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
logo
Broadcom Corporation.
HDSP-433G BOARDCOM-HDSP-433G Datasheet
769Kb / 7P
   10 mm Three Digit Slim Font with 2 Colons Seven-Segment Displays
More results

Similar Description - HDSP-433G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-431G AVAGO-HDSP-431G Datasheet
356Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
logo
Broadcom Corporation.
HDSP-431G BOARDCOM-HDSP-431G Datasheet
769Kb / 7P
   10 mm Three Digit Slim Font with 2 Colons Seven-Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-431G AVAGO-HDSP-431G_13 Datasheet
135Kb / 5P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
HDSP-301X AVAGO-HDSP-301X Datasheet
37Kb / 1P
   10 mm Slim Font Seven Segment Displays
HDSP-301E AVAGO-HDSP-301E_07 Datasheet
176Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-315X HP-HDSP-315X Datasheet
85Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301X HP-HDSP-301X Datasheet
101Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-56XC AVAGO-HDSP-56XC Datasheet
321Kb / 6P
   13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-301 HP-HDSP-301 Datasheet
88Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315H AVAGO-HDSP-315H_11 Datasheet
315Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com