Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS4882-CDA Datasheet(PDF) 2 Page - Gennum Corporation

Part # GS4882-CDA
Description  Video Sync Separators with 50% Sync Slicing
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS4882-CDA Datasheet(HTML) 2 Page - Gennum Corporation

  GS4882-CDA Datasheet HTML 1Page - Gennum Corporation GS4882-CDA Datasheet HTML 2Page - Gennum Corporation GS4882-CDA Datasheet HTML 3Page - Gennum Corporation GS4882-CDA Datasheet HTML 4Page - Gennum Corporation GS4882-CDA Datasheet HTML 5Page - Gennum Corporation GS4882-CDA Datasheet HTML 6Page - Gennum Corporation GS4882-CDA Datasheet HTML 7Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2 of 7
521 - 61 - 01
Supply Voltage
4.5
5.0
13.2
V
Supply Current
Outputs at Logic 1
-
6
10
mA
Signal Level
V
CC
= 5 V
0.5
-
4.0
V
Nosync Recovery Current
23
30
40
µA
Delay to Nosync Recovery
70
-
120
µs
Sync Tip Clamp Voltage
-
1.55
-
V
Source Impedance
-
-
200
Color Burst Filter
Attenuation at 3.58 MHz
12
15
-
dB
Sync Slice Level
Input Amplitude 0.5 to 2.0 Vp-p
45
50
55
%
Delay from Video
T
A
= 25° C
150
200
250
ns
Delay from Video
T
A
= 0° C to 70° C
-5
-
+5
ns
Temperature Stability
Delay
From rising edge of sync
400
525
650
ns
Pulse Width
2.0
2.5
3.2
µs
Pulse Width
Serrations during vertical interval
197. 7
197. 7
197. 7
µs
Delay from Video
340
420
510
ns
Pulse Width
6.0
8.0
10.0
µs
Probation Period
1.2
2.5
5
ms
Lock Time
-
8
-
lines
R
SET
Ref. Voltage
1.14
1.24
1.34
V
V
OH
I
OH
= 40 µA
4.2
4.6
-
V
I
OH
= 1.6 mA
2.4
3.4
-
V
V
OL
I
OL
= -1.6 mA
-
0.3
0.6
V
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE/UNITS
Supply Voltage
+13.5 V
Operating Temperature Range
0°C
≤ T
A
70°C
Storage Temperature Range
-65°C
≤ T
S
150°C
Lead Temperature (soldering, 10 seconds)
260°C
CAUTION
ELECTROSTATIC
SENSITIVE DEVICES
DO NOT OPEN PACKAGES OR HANDLE
EXCEPT AT A STATIC-FREE WORKSTATION
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POWER
SUPPLIES
VIDEO
INPUT
ELECTRICAL CHARACTERISTICS
V
CC
= 5 V, R
SET
= 227 k
Ω, T
A
= 25° C, C
L
=15 pF unless otherwise specified.
COMPOSITE
SYNC
OUTPUT
(GS4882)
BACK
PORCH
OUTPUT
VERTICAL
SYNC
OUTPUT
HORIZONTAL
OUTPUT
(GS4982)
OUTPUT
MUTE
LOGIC
OUTPUTS
R
SET
REFERENCE


Similar Part No. - GS4882-CDA

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS4881 GENNUM-GS4881 Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS4881 GENNUM-GS4881 Datasheet
4Mb / 29P
   Monolithic Video Sync Separators
GS4881-CDA GENNUM-GS4881-CDA Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS4881-CKA GENNUM-GS4881-CKA Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS4881-CTA GENNUM-GS4881-CTA Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
More results

Similar Description - GS4882-CDA

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1881 GENNUM-GS1881 Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS1881 GENNUM-GS1881_09 Datasheet
4Mb / 29P
   Monolithic Video Sync Separators
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715_07 Datasheet
451Kb / 18P
   Programmable Video Sync Generator
74ACT715 FAIRCHILD-74ACT715_1 Datasheet
429Kb / 18P
   Programmable Video Sync Generator
logo
National Semiconductor ...
LM1882 NSC-LM1882 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715 Datasheet
127Kb / 14P
   Programmable Video Sync Generator
logo
National Semiconductor ...
54ACT715 NSC-54ACT715 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com