Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5807 Datasheet(PDF) 3 Page - Isahaya Electronics Corporation

Part # 2SC5807
Description  SILICON NPN EPITAXIAL TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

2SC5807 Datasheet(HTML) 3 Page - Isahaya Electronics Corporation

  2SC5807 Datasheet HTML 1Page - Isahaya Electronics Corporation 2SC5807 Datasheet HTML 2Page - Isahaya Electronics Corporation 2SC5807 Datasheet HTML 3Page - Isahaya Electronics Corporation 2SC5807 Datasheet HTML 4Page - Isahaya Electronics Corporation 2SC5807 Datasheet HTML 5Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
〈Transistor〉
DEVELOPING
2SC5807
For strobe,DC/DC convertor Application
Silicon NPN Epitaxial Type
DC FORWARD CURRENT GAIN
VS. COLLECTER CURRENT(Ⅲ)
10
100
1,000
10,000
0.001
0.01
0.1
1
10
COLLECTER CURRENT I
(A)
VCE=2V
Ta=100℃
25℃
-25℃
COLLECTER TO EMITTER SATURATION
VOLTAGE VS. COLLECTER CURRENT(Ⅱ)
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
COLLECTER CURRENT I
(A)
IC/IB=10
Ta=100℃
-25℃
25℃
COLLECTER TO EMITTER SATURATION
VOLTAGE VS. COLLECTER CURRENT(Ⅲ)
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
COLLECTER CURRENT I
(A)
IC/IB=30
Ta=100℃
-25℃
25℃
COLLECTER TO EMITTER SATURATION
VOLTAGE VS. COLLECTER CURRENT(Ⅳ)
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
COLLECTER CURRENT I
(A)
IC/IB=40
Ta=100℃
-25℃
25℃
COLLECTER TO EMITTER SATURATION
VOLTAGE VS. COLLECTER CURRENT(Ⅴ)
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
COLLECTER CURRENT I
(A)
IC/IB=50
Ta=100℃
-25℃
25℃
COLLECTER TO EMITTER SATURATION
VOLTAGE VS. COLLECTER CURRENT(Ⅰ)
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
COLLECTER CURRENT I
(A)
Ta=25℃
IC/IB=50
40
30
10
ISAHAYA  ELECTRONICS  CORPORATION


Similar Part No. - 2SC5807

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
2SC5807 ISAHAYA-2SC5807 Datasheet
93Kb / 5P
   Silicon NPN Epitaxial Type
2SC5807 ISAHAYA-2SC5807_07 Datasheet
93Kb / 5P
   Silicon NPN Epitaxial Type
More results

Similar Description - 2SC5807

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
logo
Toshiba Semiconductor
2SC3298 TOSHIBA-2SC3298 Datasheet
109Kb / 2P
   SILICON NPN EPITAXIAL TYPE
2SC5714 TOSHIBA-2SC5714_06 Datasheet
139Kb / 5P
   Silicon NPN Epitaxial Type
logo
Guangdong Kexin Industr...
2SC2713 KEXIN-2SC2713 Datasheet
36Kb / 1P
   Silicon NPN Epitaxial Type
logo
Toshiba Semiconductor
2SC6061 TOSHIBA-2SC6061 Datasheet
205Kb / 5P
   Silicon NPN Epitaxial Type
TPC6501 TOSHIBA-TPC6501 Datasheet
175Kb / 5P
   Silicon NPN Epitaxial Type
2SC6033 TOSHIBA-2SC6033_06 Datasheet
212Kb / 5P
   Silicon NPN Epitaxial Type
2SC6075 TOSHIBA-2SC6075 Datasheet
168Kb / 5P
   Silicon NPN Epitaxial Type
logo
Isahaya Electronics Cor...
INC5003AH1 ISAHAYA-INC5003AH1 Datasheet
141Kb / 4P
   SILICON NPN EPITAXIAL TYPE
logo
Toshiba Semiconductor
BD135 TOSHIBA-BD135 Datasheet
214Kb / 3P
   SILICON NPN EPITAXIAL TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com