Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBI5170CN Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MBI5170CN
Description  8-Bit Constant Current LED Sink Driver with Gain Control
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MBI5170CN Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MBI5170CN Datasheet HTML 1Page - List of Unclassifed Manufacturers MBI5170CN Datasheet HTML 2Page - List of Unclassifed Manufacturers MBI5170CN Datasheet HTML 3Page - List of Unclassifed Manufacturers MBI5170CN Datasheet HTML 4Page - List of Unclassifed Manufacturers MBI5170CN Datasheet HTML 5Page - List of Unclassifed Manufacturers MBI5170CN Datasheet HTML 6Page - List of Unclassifed Manufacturers MBI5170CN Datasheet HTML 7Page - List of Unclassifed Manufacturers MBI5170CN Datasheet HTML 8Page - List of Unclassifed Manufacturers MBI5170CN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
MBI5170
8-Bit Constant Current LED Sink Driver with Gain Control
August 2004, VA.00
- 2 -
GND
9
10
11
12
13
14
15
16
SDO
R-EXT
VDD
1
2
3
4
5
6
7
8
CLK
LE/MOD/CA
SDI
0
OUT
OUT1
OUT2
OUT3
OUT6
OUT7
OUT4
OUT5
/SW
OE
Product Description
MBI5170 succeeds MBI5168 and also exploits PrecisionDrive
™ technology to enhance its output characteristics.
Furthermore, MBI5170 uses the idea of Share-I-O
™ technique to make MBI5170 backward compatible with
MBI5168 in both package and electrical characteristics and extend its functionality for run-time LED current gain
control in LED display systems.
MBI5170 contains an 8-bit Shift Register and an 8-bit Output Latch, which convert serial input data into parallel
output format. At MBI5170 output stages, eight regulated current ports are designed to provide uniform and
constant current sinks with small skew between ports for driving LED
’s with a wide range of forward voltage (Vf)
variations. Users may adjust the output current from 5 mA to 120 mA with an external resistor Rext, which gives
users flexibility in controlling the light intensity of LED
’s. MBI5170 guarantees to endure maximum 17V at the
output ports. Besides, the high clock frequency up to 25 MHz also satisfies the system requirements of high
volume data transmission.
By means of the Share-I-O
™ technique, MBI5170 adds new functionality on the pins LE and OE of MBI5168 to
provide an additional function, Current Gain Control, without any extra pins. Thus, MBI5170 could be a drop-in
replacement of MBI5168. The printed circuit board originally designed for MBI5168 may be also applied to
MBI5170. In MBI5170 there are two operation modes and three phases: Normal Mode phase, Mode Switching
transition phase, and Current Adjust Mode phase. The signal on the multi-function pin OE /SW would be monitored.
Once a one-clock-wide short pulse appears on the pin OE /SW, MBI5170 would enter the Mode Switching phase.
At this moment, the voltage level on the pin LE/MOD/CA is used for determining the next mode to which MBI5170
is going to switch.
In the Normal Mode phase, MBI5170 has similar functionality to MBI5168. The serial data could be transferred into
MBI5170 via the pin SDI, shifted in the Shift Register, and go out via the pin SDO. The LE/MOD/CA can latch the
serial data in the Shift Register to the Output Latch. OE /SW would enable the output drivers to sink current.
On the other hand, the Current Adjust Mode phase allows users to adjust the output current level by setting a
run-time programmable Configuration Code. The code is sent into MBI5170 via the pin SDI. The positive pulse of
LE/MOD/CA would latch the code in the Shift Register into a built-in 8-bit Configuration Latch, instead of the Output
Latch. The code would affect the voltage at the terminal R-EXT and control the output current regulator. The output
current could be adjusted finely by a current gain ranging from (1/12) to (127/128) in 256 steps. Hence, the current
skew between IC
’s can be compensated within less than 1% and this feature is suitable for white balancing in LED
color display panels.
Pin Assignment


Similar Part No. - MBI5170CN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5171 ETC1-MBI5171 Datasheet
513Kb / 31P
   8-Bit Constant Current LED Driver with LED Error Detection and Run-Time Current Adjustment
MBI5171CD ETC1-MBI5171CD Datasheet
513Kb / 31P
   8-Bit Constant Current LED Driver with LED Error Detection and Run-Time Current Adjustment
MBI5171CDW ETC1-MBI5171CDW Datasheet
513Kb / 31P
   8-Bit Constant Current LED Driver with LED Error Detection and Run-Time Current Adjustment
MBI5171CN ETC1-MBI5171CN Datasheet
513Kb / 31P
   8-Bit Constant Current LED Driver with LED Error Detection and Run-Time Current Adjustment
MBI5171CP ETC1-MBI5171CP Datasheet
513Kb / 31P
   8-Bit Constant Current LED Driver with LED Error Detection and Run-Time Current Adjustment
More results

Similar Description - MBI5170CN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5028 ETC-MBI5028 Datasheet
466Kb / 24P
   16 BIT CONSTANT CURRENT LED SINK DRIVER WITH GAIN CONTROL
MBI5168 ETC1-MBI5168 Datasheet
269Kb / 15P
   8-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP08C596 STMICROELECTRONICS-STP08C596 Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5169 ETC-MBI5169 Datasheet
1Mb / 19P
   8 bit CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
logo
STMicroelectronics
STP08CL596 STMICROELECTRONICS-STP08CL596 Datasheet
554Kb / 16P
   LOW VOLTAGE 8-BIT CONSTANT CURRENT LED SINK DRIVER
STP08CDC596 STMICROELECTRONICS-STP08CDC596 Datasheet
435Kb / 20P
   8-BIT CONSTANT CURRENT LED SINK DRIVER WITH FULL OUTPUT DETECTION
logo
List of Unclassifed Man...
MBI5001 ETC-MBI5001 Datasheet
244Kb / 9P
   8 BIT CONSTANT CURRENT LED DRIVER
logo
Silan Microelectronics ...
SD16730 SILAN-SD16730 Datasheet
708Kb / 12P
   8-Bit Constant Current LED Driver
logo
Silicon Touch Technolog...
DM11A SITI-DM11A Datasheet
422Kb / 20P
   8-bit Constant Current LED Driver
logo
Holtek Semiconductor In...
HT16D595 HOLTEK-HT16D595 Datasheet
2Mb / 11P
   8-Bit Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com