Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5945EAX Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5945EAX
Description  Quad Network Power Controller for Power-Over-LAN
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5945EAX Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5945EAX Datasheet HTML 1Page - Maxim Integrated Products MAX5945EAX Datasheet HTML 2Page - Maxim Integrated Products MAX5945EAX Datasheet HTML 3Page - Maxim Integrated Products MAX5945EAX Datasheet HTML 4Page - Maxim Integrated Products MAX5945EAX Datasheet HTML 5Page - Maxim Integrated Products MAX5945EAX Datasheet HTML 6Page - Maxim Integrated Products MAX5945EAX Datasheet HTML 7Page - Maxim Integrated Products MAX5945EAX Datasheet HTML 8Page - Maxim Integrated Products MAX5945EAX Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Quad Network Power Controller
for Power-Over-LAN
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(AGND = +32V to +60V, VEE = 0V, VDD to DGND = +3.3V, all voltages are referenced to VEE, unless otherwise noted. Typical
values are at AGND = +48V, DGND = +48V, VDD = (DGND + 3.3V), TA = +25°C. Currents are positive when entering the pin and
negative otherwise.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Internal Input Pullup/Pulldown
Resistor
RDIN
Pullup (pulldown) resistor to VDD (DGND) to set
default level
25
50
75
k
Open-Drain Output Low
Voltage
VOL
ISINK = 15mA
0.4
V
Open-Drain Leakage
IOL
Open-drain high impedance, VO = 3.3V
2
µA
TIMING
Startup Time
tSTART
Time during which a current limit set by VSU_LIM
is allowed, starts when the GATE_
is turned on (Note 8)
50
60
70
ms
Fault Time
tFAULT
Maximum allowed time for an overcurrent
condition set by VFLT_LIM after startup (Note 8)
50
60
70
ms
Port Turn-Off Time
tOFF
Minimum delay between any port turning off,
does not apply in the case of a reset
0.5
0.75
1.0
ms
Detection Time
tDET
Maximum time allowed before detection
is completed
320
ms
Midspan Mode Detection
Delay
tDMID
2.0
2.4
s
Classification Time
tCLASS
Time allowed for classification
40
ms
VEEUVLO Turn-On Delay
tDLY
Time VAGND must be above the VEEUVLO
thresholds before the device operates
24
ms
RSTR bits = 00
16 x
tFAULT
RSTR bits = 01
32 x
tFAULT
RSTR bits = 10
64 x
tFAULT
Restart Timer
tRESTART
Time a port has to wait
before turning on after an
overcurrent fault,
RSTR_EN bit = high
RSTR bits = 11
0
ms
Watchdog Clock Period
tWD
Rate of decrement of the watchdog timer
164
ms
TIMING CHARACTERISTICS for 2-WIRE FAST MODE (Figures 5 and 6)
Serial Clock Frequency
fSCL
(Note 9)
400
kHz
Bus Free Time Between a
STOP and a START Condition
tBUF
(Note 9)
1.2
µs
Hold Time for Start Condition
tHD, STA
(Note 9)
0.6
µs
Low Period of the SCL Clock
tLOW
(Note 9)
1.2
µs
High Period of the SCL Clock
tHIGH
(Note 9)
0.6
µs


Similar Part No. - MAX5945EAX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
MAX5940A-MAX5940B MAXIM-MAX5940A-MAX5940B Datasheet
295Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
MAX5940AESA MAXIM-MAX5940AESA Datasheet
295Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
MAX5940AESA MAXIM-MAX5940AESA Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
More results

Similar Description - MAX5945EAX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5935 MAXIM-MAX5935 Datasheet
706Kb / 10P
   Quad Network Power Controller for Power-Over-LAN
19-3412; Rev 3; 5/07
MAX5922 MAXIM-MAX5922 Datasheet
437Kb / 21P
   48V, Single-Port Network Power Switch For Power-Over-LAN
19-2708; Rev 0; 4/03
MAX5913A MAXIM-MAX5913A Datasheet
619Kb / 20P
   48V Quad Hot-Swap Controllers For Power-Over-LAN
Rev 1; 1/11
MAX5913 MAXIM-MAX5913 Datasheet
827Kb / 20P
   48V Quad Hot-Swap Controllers For Power-Over-LAN
19-2244; Rev 2; 11/02
MAX5952 MAXIM-MAX5952_10 Datasheet
1,012Kb / 50P
   High-Power, Quad, PSE Controller for Power-Over-Ethernet
Rev 1; 1/10
MAX5952 MAXIM-MAX5952 Datasheet
613Kb / 50P
   High-Power, Quad, PSE Controller for Power-Over-Ethernet
Rev 0; 7/07
logo
XFMRS Inc.
POL XFMRS-POL_15 Datasheet
420Kb / 1P
   POWER OVER LAN INTEGRATED
logo
Linear Technology
LTC4266 LINER-LTC4266_15 Datasheet
394Kb / 32P
   Quad IEEE 802.3at Power over Ethernet Controller
LTC4266 LINER-LTC4266 Datasheet
374Kb / 30P
   Quad IEEE 802.3at Power over Ethernet Controller
logo
Texas Instruments
TPS23861 TI1-TPS23861 Datasheet
1Mb / 110P
[Old version datasheet]   Quad Port Power-over-Ethernet PSE Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com