Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1392 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1392
Description  1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1392 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1392 Datasheet HTML 7Page - Maxim Integrated Products MAX1392 Datasheet HTML 8Page - Maxim Integrated Products MAX1392 Datasheet HTML 9Page - Maxim Integrated Products MAX1392 Datasheet HTML 10Page - Maxim Integrated Products MAX1392 Datasheet HTML 11Page - Maxim Integrated Products MAX1392 Datasheet HTML 12Page - Maxim Integrated Products MAX1392 Datasheet HTML 13Page - Maxim Integrated Products MAX1392 Datasheet HTML 14Page - Maxim Integrated Products MAX1392 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
AutoShutdown Mode
The ADC automatically powers down on the SCLK
falling edge that clocks out the LSB. This is the falling
edge after the 13th SCLK. DOUT goes low when the
LSB has been clocked into the master (µC) on the 16th
rising SCLK edge.
Alternatively, drive OE high to force the MAX1392/
MAX1395 into power-down. Whenever OE goes high,
the ADC powers down and disables DOUT regardless
of CS, SCLK, or the state of the ADC. DOUT enters a
high-impedance state after tDOD.
External Reference
The MAX1392/MAX1395 use an external reference
between 0.6V and (VDD + 50mV). Bypass REF with a
0.1µF capacitor to GND for best performance (see the
Typical Operating Circuit).
Serial Interface
The MAX1392/MAX1395 serial interface is fully compati-
ble with SPI, QSPI, and MICROWIRE (see Figure 7). If a
serial interface is available, set the µC’s serial interface
in master mode so the µC generates the serial clock.
Choose a clock frequency between 100kHz and 5MHz.
CS and OE can be connected together and driven
simultaneously. OE can also be connected to GND if the
DOUT bus is not shared and driven independently.
SPI and MICROWIRE
When using SPI or MICROWIRE, make the µC the bus
master and set CPOL = 0 and CPHA = 0 or CPOL = 1
and CPHA = 1. (These are the bits in the SPI or
MICROWIRE control register.) Two consecutive 1-byte
reads are required to get the entire 10-bit result from
the ADC. The MAX1392/MAX1395 shut down after
clocking the LSB and DOUT becomes high impedance.
DOUT transitions on SCLK’s falling edge and is
clocked into the µC on the SCLK’s rising edge. See
Figure 7 for connections and Figures 8 and 9 for timing
diagrams. The conversion result contains 4 zeros, fol-
lowed by the 10 data bits with the data in MSB-first for-
mat. When using CPOL = 0 and CPHA = 0 or CPOL = 1
and CPHA = 1, the MSB of the data is clocked into the
µC on the SCLK’s fifth rising edge. To be compatible
with SPI and MICROWIRE, connect CS and OE togeth-
er and drive simultaneously.
QSPI
Unlike SPI, which requires two 1-byte reads to acquire
the 10 bits of data from the ADC, QSPI allows the mini-
mum number of clock cycles necessary to clock in the
data. The MAX1392/MAX1395 require a minimum of 14
clock cycles from the µC to clock out the 10 bits of
data. See Figure 7 for connections and Figures 8 and 9
for timing diagrams. The conversion result contains 4
zeros, followed by the 10 data bits with the data in
MSB-first format. The MAX1392/MAX1395 shut down
after clocking out the LSB. DOUT then becomes high
impedance. When using CPOL = 0 and CPHA = 0 or
CPOL = 1 and CPHA = 1, the MSB of the data is
clocked into the µC on the SCLK’s fifth rising edge. To
be compatible with QSPI, connect CS and OE together
and drive simultaneously.
DSP Interface
Figure 10 shows the timing for DSP operation. Figure 11
shows the connections between the MAX1392/
MAX1395 and several common DSPs.
______________________________________________________________________________________
11
1.5V to 3.6V, 357ksps, 1-Channel True-Differential/
2-Channel Single-Ended, 10-Bit, SAR ADCs
MAX1392
MAX1395
OE
a) SPI
I/O
SCK
CS
DOUT
MISO
I/O
UNI/BIP
(CH1/CH2)*
SCLK
MAX1392
MAX1395
OE
CS
SCK
CS
DOUT
MISO
I/O
UNI/BIP
(CH1/CH2)*
SCLK
MAX1392
MAX1395
OE
I/O
SK
CS
DOUT
SI
I/O
UNI/BIP
(CH1/CH2)*
SCLK
b) QSPI
c) MICROWIRE
*INDICATES THE MAX1395
Figure 7. Common Serial-Interface Connections to the
MAX1392/MAX1395


Similar Part No. - MAX1392

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1392 MAXIM-MAX1392 Datasheet
400Kb / 18P
   1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs
Rev 3; 10/09
MAX1392ETB++ MAXIM-MAX1392ETB+ Datasheet
400Kb / 18P
   1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs
Rev 3; 10/09
MAX1392 MAXIM-MAX1392_09 Datasheet
400Kb / 18P
   1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs
Rev 3; 10/09
More results

Similar Description - MAX1392

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1392 MAXIM-MAX1392_09 Datasheet
400Kb / 18P
   1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs
Rev 3; 10/09
MAX1393 MAXIM-MAX1393_09 Datasheet
598Kb / 18P
   1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 2; 10/09
MAX1393 MAXIM-MAX1393 Datasheet
1Mb / 19P
   1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 0; 5/05
MAX1394 MAXIM-MAX1394 Datasheet
314Kb / 18P
   1.5V to 3.6V, 416ksps, 1-Channel True-Differential/2-Channel Single-Ended, 8-Bit, SAR ADCs
Rev 0; 11/06
MAX1391 MAXIM-MAX1391 Datasheet
314Kb / 18P
   1.5V to 3.6V, 416ksps, 1-Channel True-Differential/2-Channel Single-Ended, 8-Bit, SAR ADCs
Rev 0; 11/06
MAX1391 MAXIM-MAX1391_V01 Datasheet
254Kb / 18P
   1.5V to 3.6V, 416ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 8-Bit, SAR ADCs
2009
MAX1086 MAXIM-MAX1086 Datasheet
334Kb / 15P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
19-1686; Rev 0; 5/00
MAX1086 MAXIM-MAX1086_07 Datasheet
458Kb / 17P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
Rev 1; 8/07
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com