Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA278R12CTU Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KA278R12CTU
Description  2A Output Low Dropout Voltage Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA278R12CTU Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KA278R12CTU Datasheet HTML 1Page - Fairchild Semiconductor KA278R12CTU Datasheet HTML 2Page - Fairchild Semiconductor KA278R12CTU Datasheet HTML 3Page - Fairchild Semiconductor KA278R12CTU Datasheet HTML 4Page - Fairchild Semiconductor KA278R12CTU Datasheet HTML 5Page - Fairchild Semiconductor KA278R12CTU Datasheet HTML 6Page - Fairchild Semiconductor KA278R12CTU Datasheet HTML 7Page - Fairchild Semiconductor KA278R12CTU Datasheet HTML 8Page - Fairchild Semiconductor KA278R12CTU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.2
Features
KA278RXXC-series (33/05/51/09/12)
• 2A/3.3V, 5V, 5.1V, 9V, 12V output low dropout voltage
regulator
• TO-220 full-mold package (4pin)
• Overcurrent protection, thermal shutdown
• Overvoltage protection, short circuit protection
• With output disable function
KA278RA05C
• Nominal 5V output without adjusting
• Output adjustable between 1.25V and 32V
• 2A output low dropout voltage regulator
• TO-220 full-mold package (4pin)
• Overcurrent protection, thermal shutdown
• Overvoltage protection, short circuit protection
Description
The KA278RXXC is a low-dropout voltage regulator suit-
able for various electronic equipments. It provides
constant voltage power source with TO-220-4 lead full mold
package. The dropout voltage of KA278RXXC is below
0.5V in full rated current(2A). This regulator has various
functions such as a peak current protection, a thermal shut
down, an overvoltage protection .
TO-220F-4L
1.Vin 2. Vo 3. GND 4. Vdis - KA278RXXC(33/05/51/09/12)
1
1.Vin 2. Vo 3. GND 4. Vadj - KA278RA05C
Internal Block Diagram
THERMAL SHUTDOWN
BANDGAP REFERENCE
OVERVOLTAGE
PROTECTION
SOA PROTECTION
SHORTCIRCUIT
PROTECTION
1
4
3
2
Vin
Vadj
Vo
GND
Q1
Rin
Rref
+
-
THERMAL SHUTDOWN
BANDGAP REFERENCE
OVERVOLTAGE
PROTECTION
SOA PROTECTION
SHORTCIRCUIT
PROTECTION
1
4
3
2
Vin
Vdis
Vo
GND
HIGH / LOW
OUTPUT
ON / OFF
Q1
R1
R2
-
+
-
+
1.4V
(KA278RA05C)
(KA278R33/05/51/09/12C)
KA278RXXC-Series
2A Output Low Dropout Voltage Regulators


Similar Part No. - KA278R12CTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA278R12CTU FAIRCHILD-KA278R12CTU Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
logo
ON Semiconductor
KA278R12CTU ONSEMI-KA278R12CTU Datasheet
344Kb / 18P
   2 A Output Low Dropout Voltage Regulators
July 2013 Rev. 1.1.0
More results

Similar Description - KA278R12CTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA278RXXC FAIRCHILD-KA278RXXC Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
logo
Texas Instruments
TPS73HD301 TI-TPS73HD301_15 Datasheet
985Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI1-TPS73HD301_16 Datasheet
990Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
   1A Output Low Dropout Voltage Regulators
logo
Texas Instruments
TPS767D3XX TI1-TPS767D3XX Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-Q1 TI1-TPS767D301-Q1_17 Datasheet
950Kb / 26P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI-TPS73HD301 Datasheet
406Kb / 28P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI1-TPS767D301 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI-TPS767D301 Datasheet
285Kb / 19P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA78R05C FAIRCHILD-KA78R05C Datasheet
189Kb / 20P
   1A Output Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com