Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV3216L-12KI Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS61LV3216L-12KI
Description  32K x 16 LOW VOLTAGE CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV3216L-12KI Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS61LV3216L-12KI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LV3216L-12KI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LV3216L-12KI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV3216L-12KI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV3216L-12KI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV3216L-12KI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV3216L-12KI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV3216L-12KI Datasheet HTML 8Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IS61LV3216L
1
2
3
4
5
6
7
8
9
10
11
12
ISSI®
Integrated Silicon Solution, Inc. — 1-800-379-4774
5
Rev. A
12/19/00
DATA VALID
PREVIOUS DATA VALID
tAA
tOHA
tOHA
tRC
DOUT
ADDRESS
tRC
tOHA
tAA
tDOE
tLZOE
tACE
tLZCE
tHZOE
HIGH-Z
DATA VALID
tHZB
ADDRESS
OE
CE
LB, UB
DOUT
tHZCE
tBA
tLZB
READ CYCLE NO. 2(1,3)
AC WAVEFORMS
READ CYCLE NO. 1(1,2) (Address Controlled) (
CE = OE = VIL, UB or LB = VIL)
Notes:
1.
WE is HIGH for a Read Cycle.
2. The device is continuously selected.
OE, CE, UB, or LB = VIL.
3. Address is valid prior to or coincident with
CE LOW transition.


Similar Part No. - IS61LV3216L-12KI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV3216 ISSI-IS61LV3216 Datasheet
58Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
IS61LV3216-10K ISSI-IS61LV3216-10K Datasheet
58Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
IS61LV3216-10T ISSI-IS61LV3216-10T Datasheet
58Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
IS61LV3216-12K ISSI-IS61LV3216-12K Datasheet
58Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
IS61LV3216-12KI ISSI-IS61LV3216-12KI Datasheet
58Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
More results

Similar Description - IS61LV3216L-12KI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV3216 ISSI-IS61LV3216 Datasheet
58Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS61LV256 ICSI-IS61LV256 Datasheet
121Kb / 8P
   32K X 8 LOW VOLTAGE CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62LV256L-15T ISSI-IS62LV256L-15T Datasheet
52Kb / 7P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL ISSI-IS61LV256AL_09 Datasheet
320Kb / 12P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS65LV256AL ISSI-IS65LV256AL_12 Datasheet
321Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL ISSI-IS61LV256AL Datasheet
95Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
61LV256 ISSI-61LV256 Datasheet
100Kb / 8P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS62LV256AL ISSI-IS62LV256AL Datasheet
105Kb / 14P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C1020BN CYPRESS-CY7C1020BN Datasheet
417Kb / 8P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
183Kb / 9P
   32K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com