Electronic Components Datasheet Search |
|
IS61LV3216L-12T Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc |
|
IS61LV3216L-12T Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc |
8 / 8 page IS61LV3216L ISSI® 8 Integrated Silicon Solution, Inc. — 1-800-379-4774 Rev. A 12/19/00 ORDERING INFORMATION Commercial Range: 0°C to +70°C Speed (ns) Order Part No. Package 10 IS61LV3216L-10T Plastic TSOP (Type II) IS61LV3216L-10K 400-mil Plastic SOJ 12 IS61LV3216L-12T Plastic TSOP (Type II) IS61LV3216L-12K 400-mil Plastic SOJ 15 IS61LV3216L-15T Plastic TSOP (Type II) IS61LV3216L-15K 400-mil Plastic SOJ 20 IS61LV3216L-20T Plastic TSOP (Type II) IS61LV3216L-20K 400-mil Plastic SOJ ORDERING INFORMATION Industrial Range: –40°C to +85°C Speed (ns) Order Part No. Package 12 IS61LV3216L-12TI Plastic TSOP (Type II) IS61LV3216L-12KI 400-mil Plastic SOJ 15 IS61LV3216L-15TI Plastic TSOP (Type II) IS61LV3216L-15KI 400-mil Plastic SOJ 20 IS61LV3216L-20TI Plastic TSOP (Type II) IS61LV3216L-20KI 400-mil Plastic SOJ ISSI® Integrated Silicon Solution, Inc. 2231 Lawson Lane Santa Clara, CA 95054 Tel: 1-800-379-4774 Fax: (408) 588-0806 E-mail: sales@issi.com www.issi.com |
Similar Part No. - IS61LV3216L-12T |
|
Similar Description - IS61LV3216L-12T |