Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38749M8F-XXXFS Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M38749M8F-XXXFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER???
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38749M8F-XXXFS Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M38749M8F-XXXFS Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M38749M8F-XXXFS Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M38749M8F-XXXFS Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M38749M8F-XXXFS Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M38749M8F-XXXFS Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38749M8F-XXXFS Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38749M8F-XXXFS Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38749M8F-XXXFS Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38749M8F-XXXFS Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
DESCRIPTION
The 3874 group is the 8-bit microcomputer based on the 740 fam-
ily core technology.
The 3874 group includes data link layer communication control cir-
cuit, A-D converters, D-A converter, automatic data transfer serial
I/O, UART, and watchdog timer etc.
The various microcomputers in the 3874 group include variations
of internal memory size and packaging. For details, refer to the
section on part numbering.
For details on availability of microcomputers in the 3874 group, re-
fer to the section on group expansion.
FEATURES
qBasic machine-language instructions ...................................... 71
qMinimum instruction execution time ................................. 0.32
µs
(at 6.4 MHz oscillation frequency, in double-speed mode)
qMemory size
ROM ............................................................... 16 K to 60 K bytes
RAM ............................................................... 1024 to 2048 bytes
qProgrammable input/output ports ............................................ 72
qInput port .................................................................................... 1
qInterrupts ................................................. 27 sources, 16 vectors
(Interrupt source discrimination register exists, included key in-
put interrupt)
qTimer 1, timer 2, timer 3 ................................................. 8-bit ! 3
qTimer X, timer Y............................................................ 16-bit ! 2
3874 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
qSerial I/O1 .................... 8-bit ! 1(UART or Clock-synchronized)
qSerial I/O2 ................................... 8-bit ! 1(Clock-synchronized)
qSerial I/O3 ...................................................................... 8-bit ! 1
(Clock-synchronized automatic data transfer/arbitrary bit trans-
fer function available)
qA-D converter ................................................. 8-bit ! 8 channels
qD-A converter ................................................... 8-bit ! 1 channel
qData link layer communication control circuit ............................ 1
qClock generating circuit ..................................... Built-in 2 circuits
(connect to external ceramic resonator or quartz-crystal oscillator)
qWatchdog timer ............................................................ 20-bit ! 1
qPower source voltage ................................................ 3.0 to 5.5 V
qPower dissipation
In double-speed mode ...................................................... 90 mW
In high-speed mode .......................................................... 60 mW
(at 32 kHz oscillation frequency, at 5 V power source voltage)
In low-speed mode .......................................................... 180
µW
(at 32 kHz oscillation frequency, at 3 V power source voltage)
qOperating temperature range .................................... –40 to 85°C
(Extended operating temperature version and automotive ver-
sion)
APPLICATION
Automotive comfort control for audio system, air conditioning etc.,
automotive body electronics control, household appliances, and
other consumer applications, etc.


Similar Part No. - M38749M8F-XXXFS

ManufacturerPart #DatasheetDescription
logo
Heyco.
M3874 HEYCO-M3874 Datasheet
192Kb / 1P
   Tite Snap-In-2® Liquid Tight Cordgrips
More results

Similar Description - M38749M8F-XXXFS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com