Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRR1B24F50D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TRR1B24F50D
Description  Miniature, cost-efective switching solution,,state of the art capsule designs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TRR1B24F50D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TRR1B24F50D Datasheet HTML 1Page - List of Unclassifed Manufacturers TRR1B24F50D Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T ai-Shing Electronic Com ponents Corp.
www.tai-shing.com .tw
26
■ DIM ENSION(unit:mm)
■ DR IL L ING(unit:mm)
■ W IR ING DIA GR A M
(With Diode Type Options)
1A
1C
2A
1B
SMD Type
▓ COIL DATA CHA RT (AT 20¢C)
Coil Sensitivity
Nominal
Voltage
(V DC)
Max. Operate
Voltage
(V DC)
Nominal
Current
(mA )
Coil
Resistance
(
Ω)±10%
Power
Consumption
(mW )
Pull-In
Voltage
(V DC)
Drop-Out
Voltage
(V DC)
5
6
10
500
50
3.75
0.8
12
14.5
12
1000
144
9.0
1.0
TRR-1A
TRR-1B
24
29
11.2
2150
268
18.0
2.0
5
11
25
200
125
3.75
0.8
12
20
24
500
288
9.0
1.0
TRR-1C
24
32
11.2
2150
268
18.0
2.0
5
11
35.7
140
179
3.75
0.8
12
20
24
500
288
9.0
1.0
TRR-2A
24
32
11.2
2150
268
18.0
2.0
▓ PER FOR M A NCE
Contact form
1A /1B/2A
1C
Switching Current
0.5A DC Max.
0.2A DC Max.
Carry Current
1.0A DC Max.
0.5A DC Max.
Switching Power
10VA Max.
3VA Max.
Electrical Life
1
×108
(10V DC 10mA )
5
×107
(5V DC 1mA )
Contact Resistance
150m
Ω Max.
Operation Time
(including bounce time)
1.0msec. Max.
Release Time
(including bounce time)
1.0msec. Max.
Maximum Voltage
100V DC Max.
30VA C/DC Max.
Insulation Resistance
10
10
Ω Min.
10
9
Ω Min.
Between coil & contact
1400V DC
Dielectric
Strength
Between contacts
250V DC
Operating Temp.
-40 to +85
°C
Temperature
Range
Storage Temp.
-55 to +125
°C
Shock Resistance
30G Min.
Weight
abt. 1.8grs
UL File No.
E156521
▓ R EFER ENCE DATA
Coil tem perature ℃
100
300
500
0
200
400
600
5
15
25
0
10
20
30
05
12
24
T im e Characteristic (Operate T im e)
0.1
0.2
0.3
0.4
0.0
0.1
0.2
0.3
0.4
10
30
50
70
90
0
20
40
60
80
100
24(D) 12(D)
0.5(D)
T im e Characteristic (R elease T im e)
0.05
0.15
0.25
0.0
0.1
0.2
0.3
10
30
50
70
90
0
20
40
60
80
100
05, 12, 24
24D 0.5D
12D
Power applied to coil (mW )
Operate Time (ms)
Release Time (ms)
05D
05(D)
D
www.tai-shing.com.tw


Similar Part No. - TRR1B24F50D

ManufacturerPart #DatasheetDescription
logo
Rohm
TRR10 ROHM-TRR10 Datasheet
156Kb / 4P
   Sulfur Tolerant Chip Resistors
TRR10EZPF ROHM-TRR10EZPF Datasheet
156Kb / 4P
   Sulfur Tolerant Chip Resistors
TRR10EZPJ ROHM-TRR10EZPJ Datasheet
156Kb / 4P
   Sulfur Tolerant Chip Resistors
TRR18 ROHM-TRR18 Datasheet
156Kb / 4P
   Sulfur Tolerant Chip Resistors
TRR18EZPF ROHM-TRR18EZPF Datasheet
156Kb / 4P
   Sulfur Tolerant Chip Resistors
More results

Similar Description - TRR1B24F50D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EDR101A0500Z ETC1-EDR101A0500Z Datasheet
158Kb / 5P
   Miniature,cost-effective switching solution
logo
Omron Electronics LLC
G6SU-2F-DC3 OMRON-G6SU-2F-DC3 Datasheet
135Kb / 2P
   State-of-the-Art SMT Design Industry Standard
logo
List of Unclassifed Man...
TLP712 ETC2-TLP712 Datasheet
52Kb / 4P
   State of the art protection for every application
logo
LUMEX INC.
SSL-LX5093YD LUMEX-SSL-LX5093YD Datasheet
99Kb / 3P
   State-of-the-Art, High Brightness Chip Technology
logo
TRINAMIC Motion Control...
TMC6130 TRINAMIC-TMC6130 Datasheet
718Kb / 32P
   Cost-effective high-current BLDC motor driver with state-of-the-art feature set.
logo
List of Unclassifed Man...
S6-DLX ETC2-S6-DLX Datasheet
484Kb / 3P
   Surge Suppressor- State of the art protection for every application
logo
STMicroelectronics
STSAFE-A110 STMICROELECTRONICS-STSAFE-A110 Datasheet
619Kb / 36P
   Authentication, state-of-the-art security for peripherals and IoT devices
December 2019 Rev 1
VIPER53E STMICROELECTRONICS-VIPER53E Datasheet
392Kb / 1P
   STATE OF THE ART PRIMARY SIDE SWITCH FOR AC/DC CONVERTERS
logo
Alpha & Omega Semicondu...
AOZ5166QI-01PR AOSMD-AOZ5166QI-01PR Datasheet
60Kb / 2P
   Versatile synchronous buck power stage feature state-of-the-art technology
logo
Silicon Laboratories
AN840 SILABS-AN840 Datasheet
96Kb / 4P
   Redefining a New State-of-the-Art in Microampere Current-Sense Amplifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com