Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2931Z-5.0 Datasheet(PDF) 8 Page - ON Semiconductor

Part # LM2931Z-5.0
Description  LOW DROPOUT VOLTAGE REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2931Z-5.0 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button LM2931Z-5.0 Datasheet HTML 4Page - ON Semiconductor LM2931Z-5.0 Datasheet HTML 5Page - ON Semiconductor LM2931Z-5.0 Datasheet HTML 6Page - ON Semiconductor LM2931Z-5.0 Datasheet HTML 7Page - ON Semiconductor LM2931Z-5.0 Datasheet HTML 8Page - ON Semiconductor LM2931Z-5.0 Datasheet HTML 9Page - ON Semiconductor LM2931Z-5.0 Datasheet HTML 10Page - ON Semiconductor LM2931Z-5.0 Datasheet HTML 11Page - ON Semiconductor LM2931Z-5.0 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LM2931 Series
8
MOTOROLA ANALOG IC DEVICE DATA
0.1
1.0
0.01
Figure 17. Fixed Output Regulator
Figure 18. Adjustable Output Regulator
Figure 19. (5.0 A) Low Differential
Voltage Regulator
Figure 20. Current Boost Regulator with
Short Circuit Projection
Figure 21. Constant Intensity Lamp Flasher
Figure 22. Output Noise Voltage versus
Output Capacitor Impedance
|ZO|, MAGNITUDE OF CAPACITOR IMPEDANCE (mΩ)
10
100
1.0 k
10 k
Vin
Input
Output
Vout
CO
IB
Gnd
Cin
0.1
LM2931–5.0
Fixed
Output
Switch Position 1 = Output “On”, 2 = Output “Off”
LM2931C
Adjustable
Output
Vin
Cin
0.1
Vout
CO
Output
Input
51 k
1
2
Output
Inhibit
Adjust
Gnd
IAdj
R1
R2
IB
The LM2931 series can be current boosted with a PNP transistor. The
D45VH7, on a heatsink, will provide an output current of 5.0 A with an input
to output voltage differential of approximately 1.0 V. Resistor R in
conjunction with the VBE of the PNP determines when the pass transistor
begins conducting. This circuit is not short circuit proof.
Input
≥ 6.0 V
D45VH7
5.0 V @ 5.0 A
Output
100
+
100
+
68
LM2931–5.0
The circuit of Figure 19 can be modified to provide supply protection against
short circuits by adding the current sense resistor RSCandanadditionalPNP
transistor. The current sensing PNP must be capable of handling the short
circuit current of the LM2931. Safe operating area of both transistors must be
considered under worst case conditions.
Input
R
RSC
Output
LM2931–5.0
100
100
++
LM2931C
Input
6.4 V to 30 V
2.0 k
8.2 k
100
+
CM
#345
100
+
33 k
6.2 V
fosc = 2.2 Hz
0
10
100
Vin = 5.6 V
Vout = 5.0 V
IO = 100 mA
Vnrms 10 Hz to 10 MHz
|ZO| @ 40 kHz
TA = 25°C
22.5 k
w
R
1
R
2
R
1 )
R
2
Vout + Vref 1 )
R
2
R
1
) I
Adj
R
2
R
Unstable
Marginally
Stable
Stable


Similar Part No. - LM2931Z-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2931Z-5.0 NSC-LM2931Z-5.0 Datasheet
363Kb / 18P
   Series Low Dropout Regulators
logo
Motorola, Inc
LM2931Z-5.0 MOTOROLA-LM2931Z-5.0 Datasheet
311Kb / 16P
   Low Dropout Voltage Regulators
logo
ON Semiconductor
LM2931Z-5.0 ONSEMI-LM2931Z-5.0 Datasheet
254Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
March, 2007 ??Rev. 20
logo
National Semiconductor ...
LM2931Z-5.0 NSC-LM2931Z-5.0 Datasheet
411Kb / 18P
   Series Low Dropout Regulators
logo
Texas Instruments
LM2931Z-5.0 TI1-LM2931Z-5.0 Datasheet
447Kb / 19P
[Old version datasheet]   Series Low Dropout Regulators
More results

Similar Description - LM2931Z-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com