Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM337D2T Datasheet(PDF) 1 Page - ON Semiconductor

Part # LM337D2T
Description  THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM337D2T Datasheet(HTML) 1 Page - ON Semiconductor

  LM337D2T Datasheet HTML 1Page - ON Semiconductor LM337D2T Datasheet HTML 2Page - ON Semiconductor LM337D2T Datasheet HTML 3Page - ON Semiconductor LM337D2T Datasheet HTML 4Page - ON Semiconductor LM337D2T Datasheet HTML 5Page - ON Semiconductor LM337D2T Datasheet HTML 6Page - ON Semiconductor LM337D2T Datasheet HTML 7Page - ON Semiconductor LM337D2T Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM337
Order this document by LM337/D
Device
Operating
Temperature Range
Package
ORDERING INFORMATION
LM337D2T
LM337T
Surface Mount
Insertion Mount
LM337BD2T
LM337BT
TJ = – 40° to +125°C
Surface Mount
Insertion Mount
TJ = 0° to +125°C
SEMICONDUCTOR
TECHNICAL DATA
THREE–TERMINAL
ADJUSTABLE NEGATIVE
VOLTAGE REGULATOR
Pin 1. Adjust
2. Vin
3. Vout
T SUFFIX
PLASTIC PACKAGE
CASE 221A
Heatsink surface
connected to Pin 2.
3
1
2
D2T SUFFIX
PLASTIC PACKAGE
CASE 936
(D2PAK)
Heatsink surface (shown as terminal 4 in
case outline drawing) is connected to Pin 2.
3
1
2
1
MOTOROLA ANALOG IC DEVICE DATA
Three-Terminal Adjustable
Output Negative Voltage
Regulator
The LM337 is an adjustable 3–terminal negative voltage regulator
capable of supplying in excess of 1.5 A over an output voltage range of
–1.2 V to – 37 V. This voltage regulator is exceptionally easy to use and
requires only two external resistors to set the output voltage. Further, it
employs internal current limiting, thermal shutdown and safe area
compensation, making it essentially blow–out proof.
The LM337 serves a wide variety of applications including local, on card
regulation. This device can also be used to make a programmable output
regulator, or by connecting a fixed resistor between the adjustment and
output, the LM337 can be used as a precision current regulator.
Output Current in Excess of 1.5 A
Output Adjustable between –1.2 V and –37 V
Internal Thermal Overload Protection
Internal Short Circuit Current Limiting Constant with Temperature
Output Transistor Safe–Area Compensation
Floating Operation for High Voltage Applications
Eliminates Stocking many Fixed Voltages
Available in Surface Mount D2PAK and Standard 3–Lead Transistor
Package
Standard Application
Vout + –1.25 V 1 )
R
2
R
1
*Cin is required if regulator is located more than 4 inches from power supply filter.
* A 1.0
µF solid tantalum or 10 µF aluminum electrolytic is recommended.
** CO is necessary for stability. A 1.0 µF solid tantalum or 10 µF aluminum electrolytic
** is recommeded.
LM337
IPROG
Cin*
1.0
µF
+
–Vin
Vin
Vout
–Vout
CO**
1.0
µF
+
IAdj
R1
120
R2
© Motorola, Inc. 1996
Rev 1


Similar Part No. - LM337D2T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM337D2T ONSEMI-LM337D2T Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
LM337D2T ONSEMI-LM337D2T Datasheet
160Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
April, 2012 ??Rev. 9
LM337D2TG ONSEMI-LM337D2TG Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
LM337D2TG ONSEMI-LM337D2TG Datasheet
160Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
April, 2012 ??Rev. 9
LM337D2TG ONSEMI-LM337D2TG Datasheet
123Kb / 11P
   1.5 A, Adjustable Output Negative Voltage Regulator
January, 2015 ??Rev. 10
More results

Similar Description - LM337D2T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM337M ONSEMI-LM337M Datasheet
158Kb / 8P
   MEDIUM CURRENT THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137 Datasheet
245Kb / 14P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
March 1993
logo
Shenzhen Jin Yu Semicon...
LM79L12 HTSEMI-LM79L12 Datasheet
988Kb / 2P
   Three-terminal negative voltage regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78L08 WINNERJOIN-WEJ78L08_15 Datasheet
143Kb / 1P
   Three-terminal negative voltage regulator
WEJ79L09 WINNERJOIN-WEJ79L09 Datasheet
128Kb / 1P
   Three-terminal negative voltage regulator
logo
Jiangsu Changjiang Elec...
CJ7908 JIANGSU-CJ7908 Datasheet
794Kb / 3P
   Three-terminal negative voltage regulator
CJ7915F JIANGSU-CJ7915F Datasheet
1Mb / 2P
   Three-terminal negative voltage regulator
CJ7912 JIANGSU-CJ7912 Datasheet
788Kb / 3P
   Three-terminal negative voltage regulator
CJ79L05-SOT-23-3L JIANGSU-CJ79L05-SOT-23-3L Datasheet
135Kb / 2P
   Three-terminal negative voltage regulator
CJ79L09-SOT-23-3L JIANGSU-CJ79L09-SOT-23-3L Datasheet
135Kb / 2P
   Three-terminal negative voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com