Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q532805AQ Datasheet(PDF) 5 Page - Integrated Device Technology

Part # Q532805AQ
Description  GUARANTEED LOW SKEW 3.3V CMOS CLOCK DRIVER/BUFFER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

Q532805AQ Datasheet(HTML) 5 Page - Integrated Device Technology

  Q532805AQ Datasheet HTML 1Page - Integrated Device Technology Q532805AQ Datasheet HTML 2Page - Integrated Device Technology Q532805AQ Datasheet HTML 3Page - Integrated Device Technology Q532805AQ Datasheet HTML 4Page - Integrated Device Technology Q532805AQ Datasheet HTML 5Page - Integrated Device Technology Q532805AQ Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
QS532805/A/B
GUARANTEED LOW SKEW 3.3V CMOS CLOCK DRIVER/BUFFER
INDUSTRIALTEMPERATURERANGE
Pulse
Generator
500
500
VCC
VOUT
VIN
DUT
50
50pF
6.0 V
Parameter
Tested
Switch
Position
All Others
Closed
Open
tPLZ, tPZL
CONTROL
INPUT
ENABLE
DISABLE
3V
1.5V
0V
3V
0V
1.5V
1.5V
OUTPUT
NORM ALLY
LOW
SWITCH
CLOSED
0.3V
0.3V
IN PUT
OUPUT 1
3V
1.5V
0V
1.5V
1.5V
OUPUT 2
INPUT
OUPUT
3V
1.5V
0V
1.5V
2.0V
0.8V
INPUT
PART 1 O UTPUT
3V
1.5V
0V
1.5V
1.5V
PART 2 O UTPUT
INPUT
OUPUT A
tPLHA
3V
1.5V
0V
1.5V
1.5V
OUPUT B
INPUT
OUPUT
tPLH
tPHL
3V
1.5V
0V
VOH
1.5V
VOL
tSK(p) = tPHL - tPLH
tSK(02) = tPLHB - tPLHA
or
tPHLB - tPHLA
Pulse generator for all pulses: f
1.0MHz; tF ≤ 2.5ns; tR ≤ 2.5ns
VOH
VOL
VOH
VOL
tPHLA
tSK(02)
tSK(02)
tPLHB
tPHLB
VOH
VOL
VOH
VOL
tSK(01)
tSK(01)
tSK(01) = tPLH2 - tPLH1
or
tPHL2 - tPHL1
tPLH1
tPHL1
tPLH2
tPHL2
VOH
VOL
VOH
VOL
tPLH
tPHL
tR
tF
OUTPUT
NORMALLY
HIG H
tPZL
tPLZ
tPHZ
tPZH
SWITCH
OPEN
tPLH1
tPHL1
tSK(t)
tSK(t)
tPLH2
tPHL2
tSK(t) = tPLH2 - tPLH1
or
tPHL2 - tPHL1
VOH
VOL
VOL
VOH
PROPAGATIONDELAY
PULSE SKEW — tSK(P)
OUTPUT SKEW (SAME BANK) — tSK(O1)
TEST CIRCUITS AND WAVEFORMS
OUPUT SKEW (DIFFERENT BANKS) — tSK(O2)
ENABLE AND DISABLE TIMES
PART-TO-PART SKEW — tSK(T)


Similar Description - Q532805AQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
QS5805 IDT-QS5805 Datasheet
98Kb / 6P
   GUARANTEED LOW SKEW CMOS CLOCK DRIVER/BUFFER
QS532807 IDT-QS532807 Datasheet
87Kb / 6P
   GUARANTEED LOW SKEW CMOS CLOCK DRIVER/BUFFER
IDT74FCT3932-100 IDT-IDT74FCT3932-100 Datasheet
131Kb / 9P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER
49FCT3805BQG8 IDT-49FCT3805BQG8 Datasheet
73Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805 IDT-IDT49FCT3805 Datasheet
62Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805B IDT-IDT49FCT3805B Datasheet
374Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P3805AH ALSC-ASM2P3805AH Datasheet
534Kb / 13P
   3.3V CMOS Buffer Clock Driver
logo
PulseCore Semiconductor
PCS2P3805A PULSECORE-PCS2P3805A Datasheet
237Kb / 12P
   3.3V CMOS Buffer Clock Driver
logo
Renesas Technology Corp
IDT49FCT3805B RENESAS-IDT49FCT3805B Datasheet
229Kb / 8P
   3.3V CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Motorola, Inc
MC88913 MOTOROLA-MC88913 Datasheet
75Kb / 4P
   LOW SKEW CMOS CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com