Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SV19P6X Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NC7SV19P6X
Description  TinyLogic ULP-A 1-of-2 Decoder/Demultiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SV19P6X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NC7SV19P6X Datasheet HTML 1Page - Fairchild Semiconductor NC7SV19P6X Datasheet HTML 2Page - Fairchild Semiconductor NC7SV19P6X Datasheet HTML 3Page - Fairchild Semiconductor NC7SV19P6X Datasheet HTML 4Page - Fairchild Semiconductor NC7SV19P6X Datasheet HTML 5Page - Fairchild Semiconductor NC7SV19P6X Datasheet HTML 6Page - Fairchild Semiconductor NC7SV19P6X Datasheet HTML 7Page - Fairchild Semiconductor NC7SV19P6X Datasheet HTML 8Page - Fairchild Semiconductor NC7SV19P6X Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2004 Fairchild Semiconductor Corporation
DS500851
www.fairchildsemi.com
May 2003
Revised March 2004
NC7SV19
TinyLogic
 ULP-A 1-of-2 Decoder/Demultiplexer
General Description
The NC7SV19 is a 1-of-2 decoder/demultiplexer from
Fairchild’s
Ultra
Low
Power-A
(ULP-A)
Series
of
TinyLogic
. ULP-A is ideal for applications that require
extreme high speed, high drive and low power. This prod-
uct is designed for a wide low voltage operating range
(0.9V to 3.6V VCC) and applications that require more drive
and speed than the TinyLogic ULP series, but still offer
best in class low power operation.
The NC7SV19 is uniquely designed for optimized power
and speed, and is fabricated with an advanced CMOS
technology to achieve high-speed operation while main-
taining low CMOS power dissipation.
Features
s 0.9V to 3.6V VCC supply operation
s 3.6V overvoltage tolerant I/O’s at VCC from 0.9V to 3.6V
s Extremely High Speed tPD
1.5 ns typ for 2.7V to 3.6V VCC
2.0 ns typ for 2.3V to 2.7V VCC
3.0 ns typ for 1.65V to 1.95V VCC
4.0 ns typ for 1.4V to 1.6V VCC
8.0 ns typ for 1.1V to 1.3V VCC
16.0 ns typ for 0.9V VCC
s Power-Off high impedance inputs and outputs
s High Static Drive (IOH/IOL)
±24 mA @ 3.00V V
CC
±18 mA @ 2.30V V
CC
±6 mA
@ 1.65V VCC
±4 mA
@ 1.4V VCC
±2 mA
@ 1.1V VCC
±0.1 mA @ 0.9V V
CC
s Uses patented Quiet Series
 noise/EMI reduction
circuitry
s Ultra small MicroPak
 leadfree package
s Ultra low dynamic power
Ordering Code:
Battery Life vs. VCC Supply Voltage
TinyLogic ULP and ULP-A with up to 50% less power consumption can
extend your battery life significantly.
Battery Life
= (V
battery *Ibattery*.9)/(Pdevice)/24hrs/day
Where, Pdevice = (ICC * VCC) + (CPD + CL) * VCC
2 * f
Assumes ideal 3.6V Lithium Ion battery with current rating of 900mAH and
derated 90% and device frequency at 10MHz, with CL = 15 pF load
TinyLogic
 is a registered trademark of Fairchild Semiconductor Corporation.
Quiet Series
 and MicroPak are trademarks of Fairchild Semiconductor Corporation.
Order Number
Package
Product Code
Package Description
Supplied As
Number
Top Mark
NC7SV19P6X
MAA06A
V19
6-Lead SC70, EIAJ SC88, 1.25mm Wide
3k Units on Tape and Reel
NC7SV19L6X
MAC06A
AU
6-Lead MicroPak, 1.0mm Wide
5k Units on Tape and Reel


Similar Part No. - NC7SV19P6X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SV19P6X ONSEMI-NC7SV19P6X Datasheet
284Kb / 11P
   TinyLogic ULP-A 1-of-2 Decoder/Demultiplexer
Revised March 2004
More results

Similar Description - NC7SV19P6X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SV19 ONSEMI-NC7SV19 Datasheet
284Kb / 11P
   TinyLogic ULP-A 1-of-2 Decoder/Demultiplexer
Revised March 2004
logo
Fairchild Semiconductor
NC7SP19 FAIRCHILD-NC7SP19 Datasheet
197Kb / 9P
   TinyLogic ULP 1-of-2 Decoder/Demultiplexer
logo
ON Semiconductor
NC7SP19 ONSEMI-NC7SP19 Datasheet
304Kb / 11P
   TinyLogic ULP 1-of-2 Decoder/Demultiplexer
Revised March 2004
logo
Fairchild Semiconductor
NC7SZ19 FAIRCHILD-NC7SZ19 Datasheet
224Kb / 7P
   TinyLogic UHS 1-of-2 Decoder/Demultiplexer
NC7SZ19 FAIRCHILD-NC7SZ19_04 Datasheet
274Kb / 7P
   TinyLogic UHS 1-of-2 Decoder/Demultiplexer
logo
ON Semiconductor
NC7SZ19 ONSEMI-NC7SZ19 Datasheet
598Kb / 11P
   TinyLogic UHS 1-of-2 Decoder / Demultiplexer
February 2011 Rev. 1.0.2
NL7SZ19 ONSEMI-NL7SZ19 Datasheet
58Kb / 6P
   1-of-2 Decoder/ Demultiplexer
November, 2004 ??Rev. 4
logo
Nexperia B.V. All right...
74LVC1G19 NEXPERIA-74LVC1G19 Datasheet
244Kb / 16P
   1-of-2 decoder/demultiplexer
Rev. 10 - 27 January 2022
logo
NXP Semiconductors
74LVC1G19 PHILIPS-74LVC1G19 Datasheet
83Kb / 14P
   1-of-2 decoder/demultiplexer
2004 Oct 18
74LVC1G19GW.125 NXP-74LVC1G19GW.125 Datasheet
126Kb / 18P
   1-of-2 decoder/demultiplexer
Rev. 6-6 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com