Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1511BAB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LH1511BAB
Description  1 Form B Solid State Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1511BAB Datasheet(HTML) 2 Page - Vishay Siliconix

  LH1511BAB Datasheet HTML 1Page - Vishay Siliconix LH1511BAB Datasheet HTML 2Page - Vishay Siliconix LH1511BAB Datasheet HTML 3Page - Vishay Siliconix LH1511BAB Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
2
Document Number 83811
Rev. 1.2, 15-Mar-04
VISHAY
LH1511BAB/ BABTR/ BT
Vishay Semiconductors
Electrical Characteristics, Tamb = 25 °C
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements.
Input
Output
Transfer
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Pin soldering temperature
t = 10 s max
Tsld
260
°C
Input/output isolation voltage
VRMS t = 1.0 s, IISO = 10 µA max
VISO
3750
VRMS
Output power dissipation
(continuous)
Pdiss
550
mW
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
LED forward current, switch
turn-on
IL = ± 200 mA, t = 10 ms
IFon
0.2
0.9
mA
LED forward current, switch
turn-off
VL = ± 150 V
IFoff
1.0
2.0
mA
LED forward voltage
IF = 10 mA
VF
1.15
1.26
1.45
V
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
ON-resistance ac/dc :
Pin 4, 6 (+) to 5 (-)
IF = 0 mA, IL = 50 mA
RON
10
15
ON-resistance dc:
Pin 4, 6 (+) to 5 (-)
IF = 0 mA, IL = 100 mA
RON
2.5
3.75
Off-resistance
IF = 5.0 mA, VL = ± 100 V
ROFF
0.1
1.4
G
Off-state leakage current
IF = 5.0 mA, VL = ± 200 V
0.07
1.0
nA
Output capacitance
IF = 5.0 mA, VL = 50 V
50
pf
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Capacitance (input-output)
VISO = 1.0 V
CIO
3.0
pF
Turn-on time
IF = 10 mA, IL = 50 mA
ton
1.2
3.0
ms
Turn-off time
IF = 10 mA, IL = 50 mA
toff
1.0
3.0
ms
Parameter
Test condition
Symbol
Value
Unit
ilh1511bt_00
90
0
60
120
150
30
-40
-20
0
20
40
60
80
AMBIENT TEMPERATURE (°C)
5.0 mA
Fig. 1 Recommended Operating Conditions


Similar Part No. - LH1511BAB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1511BAB VISHAY-LH1511BAB Datasheet
116Kb / 4P
   1 Form B Solid State Relay
Rev. 1.6, 20-May-11
LH1511BAB VISHAY-LH1511BAB Datasheet
179Kb / 6P
   1 Form B Solid State Relay
LH1511BAB VISHAY-LH1511BAB Datasheet
179Kb / 6P
   1 Form B Solid State Relay
01-Jan-2022
LH1511BAB VISHAY-LH1511BAB Datasheet
179Kb / 6P
   1 Form B Solid State Relay
01-Jan-2023
LH1511BABTR VISHAY-LH1511BABTR Datasheet
116Kb / 4P
   1 Form B Solid State Relay
Rev. 1.6, 20-May-11
More results

Similar Description - LH1511BAB

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
M222 SSOUSA-M222 Datasheet
136Kb / 4P
   1 Form B Solid State Relay
logo
Vishay Siliconix
LH1501BAB VISHAY-LH1501BAB_11 Datasheet
120Kb / 4P
   1 Form B Solid State Relay
Rev. 1.7, 20-May-11
LH1501BT VISHAY-LH1501BT Datasheet
369Kb / 2P
   1 Form B Solid State Relay
Revision 17-August-01
logo
Solid State Optronic
M212 SSOUSA-M212 Datasheet
137Kb / 4P
   1 Form B Solid State Relay
AD6C332 SSOUSA-AD6C332 Datasheet
202Kb / 5P
   1 Form B Solid State Relay
logo
Vishay Siliconix
LH1501BA VISHAY-LH1501BA Datasheet
184Kb / 6P
   1 Form B Solid State Relay
LH1501BAB VISHAY-LH1501BAB_V01 Datasheet
183Kb / 6P
   1 Form B Solid State Relay
01-Jan-2022
LH1511BAB VISHAY-LH1511BAB_11 Datasheet
116Kb / 4P
   1 Form B Solid State Relay
Rev. 1.6, 20-May-11
LH1511BAB VISHAY-LH1511BAB_V02 Datasheet
179Kb / 6P
   1 Form B Solid State Relay
01-Jan-2023
LH1511BAB VISHAY-LH1511BAB_V01 Datasheet
179Kb / 6P
   1 Form B Solid State Relay
01-Jan-2022
LH1501BT VISHAY-LH1501BT_V01 Datasheet
184Kb / 6P
   1 Form B Solid State Relay
01-Jan-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com