Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6846CDZ Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SG6846CDZ
Description  Highly-Integrated Green-Mode PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SG6846CDZ Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SG6846CDZ Datasheet HTML 1Page - List of Unclassifed Manufacturers SG6846CDZ Datasheet HTML 2Page - List of Unclassifed Manufacturers SG6846CDZ Datasheet HTML 3Page - List of Unclassifed Manufacturers SG6846CDZ Datasheet HTML 4Page - List of Unclassifed Manufacturers SG6846CDZ Datasheet HTML 5Page - List of Unclassifed Manufacturers SG6846CDZ Datasheet HTML 6Page - List of Unclassifed Manufacturers SG6846CDZ Datasheet HTML 7Page - List of Unclassifed Manufacturers SG6846CDZ Datasheet HTML 8Page - List of Unclassifed Manufacturers SG6846CDZ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Product Specification
Highly-Integrated Green-Mode PWM Controller
SG6846
© System General Corp.
- 4 -
www.sg.com.tw
Version 1.0(IAO33.0008.B0)
Sep. 30, 2004
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Test Condition
Value
Unit
VDD
Supply Voltage
25
V
VL
Input Voltage to VIN, FB, SENSE, RT, RI Pin
-0.3 to 7V
V
PD
Power Dissipation
at TA < 50°C
DIP
SOP
800
400
mW
RΘ J-C
Thermal Resistance
Junction-Case
DIP
SOP
67.1
41.2
°C/W
TJ
Operating Ambient Temperature
-40 to 125
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TL
Lead Temperature (Soldering)
10 sec
DIP
10 sec
SOP
260
230
°C
*All voltage values, except differential voltages, are given with respect to GND pin.
*Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device.
RECOMMENDED OPERATING JUNCTION TEMPERATURE: -30°C ~ 85°C*
*For proper operation
ELECTRICAL CHARACTERISTICS (VDD = 15V, TA = 27°C, unless noted)
VDD Section
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VOP
Continuously Operating Voltage
20
V
VTH-ON
On Threshold Voltage
15.5
16.5
17.5
V
VTH-OFF
Off Threshold Voltage
9.5
10.5
11.5
V
IDD-ST
Start-Up Current
VDD = 15V
8
30
uA
IDD-OP
Operating Supply Current
GATE Open
3.7
5
mA
VDD-OVP
VDD Over Voltage Protection (Latch off)
22.6
23.6
24.6
V
TVDD-OVP
VDD OVP Debounce Time
RI = 26KΩ
100
usec
IDD-OVP
VDD OVP Latch-up Holding Current
VDD = 5V, TA = 27
oC
45
uA
VDD-TH-G
VDD Low-threshold Voltage to Exit Green-OFF
Mode
VTH(OFF) +
1.25
V
VIN Section
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIN-OFF
PWM Turn-off Threshold Voltage
0.67
0.72
0.77
V
VIN-ON
PWM Turn-on Threshold Voltage
VIN-OFF +
0.2
V
Feedback Input Section
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
AV
Input-Voltage to Current-Sense Attenuation
1/4.2
V/V
ZFB
Input Impedance
4
5.5
7
VFB0
FB Pin open voltage
6.2
V


Similar Part No. - SG6846CDZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6846C FAIRCHILD-SG6846C Datasheet
639Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846C FAIRCHILD-SG6846C Datasheet
343Kb / 8P
   Control a Flyback Power Supply with Surge Current Output
SG6846CLDZ FAIRCHILD-SG6846CLDZ Datasheet
639Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846CLSZ FAIRCHILD-SG6846CLSZ Datasheet
639Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results

Similar Description - SG6846CDZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com