Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC42S32400L-8TI Datasheet(PDF) 5 Page - Integrated Circuit Solution Inc

Part # IC42S32400L-8TI
Description  1M x 32 Bit x 4 Banks (128-MBIT) SDRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC42S32400L-8TI Datasheet(HTML) 5 Page - Integrated Circuit Solution Inc

  IC42S32400L-8TI Datasheet HTML 1Page - Integrated Circuit Solution Inc IC42S32400L-8TI Datasheet HTML 2Page - Integrated Circuit Solution Inc IC42S32400L-8TI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC42S32400L-8TI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC42S32400L-8TI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC42S32400L-8TI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC42S32400L-8TI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC42S32400L-8TI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC42S32400L-8TI Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
IC42S32400
IC42S32400L
Integrated Circuit Solution Inc.
5
DR038-0C 02/01/2005
PIN FUNCTION
NC
-
No Connect:These pins should be left unconnected.
VDDQ
Supply
DQ Power:Provide isolated power to DQs for improved noise immunity.
VSSQ
Supply
DQ Ground:Provide isolated ground to DQs for improved noise immunity.
VDD
Supply
Power Supply:+3.3V ± 0.3V
VSS
Supply
Ground
Pin Assignment (Top View)
VDD
DQ0
VDDQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VSSQ
DQ7
NC
VDD
DQM 0
/WE
/CAS
/RAS
/CS
A11
BS0
BS1
A10/AP
A0
A1
A2
DQM 2
VDD
NC
DQ16
VSSQ
DQ17
DQ18
VDDQ
DQ19
DQ20
VSSQ
DQ21
DQ22
VDDQ
DQ23
VDD
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
DQ8
NC
VSS
DQM1
NC
NC
CL K
CKE
A9
A8
A7
A6
A5
A4
A3
DQM3
VSS
NC
DQ31
VDDQ
DQ30
DQ29
VSSQ
DQ28
DQ27
VDDQ
DQ26
DQ25
VSSQ
DQ24
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
PIN CONFIGURATIONS
86-Pin TSOP 2
90-Ball FBGA
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
(Top View)
DQ26
DQ24
Vss
DQ28
VDDQ
VSSQ
VSSQ
DQ27
DQ25
VSSQ
DQ29
DQ30
VDDQ
DQ31
NC
VSS
DQM3
A3
A4
A5
A6
A7
A8
NC
VDD
DQ23
DQ21
VDDQ
VSSQ
DQ19
DQ22
DQ20
VDDQ
DQ17
DQ18
VDDQ
NC
DQ16
VSSQ
A2
DQM2
VDD
A10
A0
A1
NC
BA1
A11
CLK
CKE
A9
DQM1
NC
NC
VDDQ
DQ8
VSS
VSSQ
DQ10
DQ9
VSSQ
DQ12
DQ14
BA0
CS
RAS
CAS
WE
DQM0
VDD
DQ7
VSSQ
DQ6
DQ5
VDDQ
DQ1
DQ3
VDDQ
DQ11
VDDQ
VSSQ
DQ13
DQ15
VSS
VDDQ
VSSQ
DQ4
VDD
DQ0
DQ2


Similar Part No. - IC42S32400L-8TI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
IC42S32200 ICST-IC42S32200 Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S32200/L-6B ICST-IC42S32200/L-6B Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S32200/L-6BG ICST-IC42S32200/L-6BG Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S32200/L-6BI ICST-IC42S32200/L-6BI Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S32200/L-6BIG ICST-IC42S32200/L-6BIG Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IC42S32400L-8TI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC43R32400 ICSI-IC43R32400 Datasheet
3Mb / 18P
   1M x 32 Bit x 4 Banks (128-MBIT) DDR SDRAM
logo
Winbond
W9812G2KB-6I-TR WINBOND-W9812G2KB-6I-TR Datasheet
820Kb / 43P
   1M X 4 BANKS X 32 BITS SDRAM
W9812G2KB WINBOND-W9812G2KB Datasheet
820Kb / 43P
   1M X 4 BANKS X 32 BITS SDRAM
logo
Integrated Circuit Solu...
IC42S32202L ICSI-IC42S32202L Datasheet
748Kb / 62P
   512K x 32 Bit x 4 Banks (64-MBIT) SDRAM
IC42S32800 ICSI-IC42S32800 Datasheet
857Kb / 62P
   2M x 32 Bit x 4 Banks (256-MBIT) SDRAM
IC42S16400 ICSI-IC42S16400 Datasheet
1Mb / 68P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16400A ICSI-IC42S16400A Datasheet
1Mb / 67P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
logo
Elite Semiconductor Mem...
M13S128324A ESMT-M13S128324A Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A ESMT-M13S128324A_09 Datasheet
955Kb / 50P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A ESMT-M13S128324A_1 Datasheet
887Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com