Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC42S32400L-6BI Datasheet(PDF) 2 Page - Integrated Circuit Solution Inc

Part # IC42S32400L-6BI
Description  1M x 32 Bit x 4 Banks (128-MBIT) SDRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC42S32400L-6BI Datasheet(HTML) 2 Page - Integrated Circuit Solution Inc

  IC42S32400L-6BI Datasheet HTML 1Page - Integrated Circuit Solution Inc IC42S32400L-6BI Datasheet HTML 2Page - Integrated Circuit Solution Inc IC42S32400L-6BI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC42S32400L-6BI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC42S32400L-6BI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC42S32400L-6BI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC42S32400L-6BI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC42S32400L-6BI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC42S32400L-6BI Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
IC42S32400
IC42S32400L
2
Integrated Circuit Solution Inc.
DR038-0C 02/01/2005
ICSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors
which may appear in this publication. © Copyright 2000, Integrated Circuit Solution Inc.
1M Words x 32 Bits x 4 Banks (128-MBIT)
SYNCHRONOUS DYNAMIC RAM
FEATURES
· Concurrent auto precharge
· Clock rate:166/143/125 MHz
· Fully synchronous operation
· Internal pipelined architecture
· Four internal banks (1M x 32bit x 4bank)
· Programmable Mode
-CAS#Latency:2 or 3
-Burst Length:1,2,4,8,or full page
-Burst Type:interleaved or linear burst
-Burst-Read-Single-Write
· Burst stop function
· Individual byte controlled by DQM0-3
· Auto Refresh and Self Refresh
· 4096 refresh cycles/64ms
· Single +3.3V ±0.3V power supply
· Interface:LVTTL
· Package:400 x 875 mil,86 Pin TSOP-2,0.50mm Pin
Pitch and 11x13mm, 90 Ball BGA, Ball pitch 0.8mm
· Pb-free package is available.
DESCRIPTION
The ICSI IC42S32400 and IC42S32400L is a high-speed
CMOS configured as a quad 1M x 32 DRAM with a
synchronous interface (all signals are registered on the
positive edge of the clock signal,CLK).
Each of the 1M x 32 bit banks is organized as 4096 rows
by 256 columns by 32 bits.Read and write accesses start
at a selected locations in a programmed sequence.
Accesses begin with the registration of a BankActive
command which is then followed by a Read or Write
command
The ICSI IC42S32400 and IC42S32400L provides for
programmable Read or Write burst lengths of 1,2,4,8,or
full page, with a burst termination operation. An auto
precharge function may be enable to provide a self-timed
row precharge that is initiated at the end of the burst
sequence.The refresh functions,either Auto or Self
Refresh are easy to use.
By having a programmable mode register,the system
can choose the most suitable modes to maximize its
performance.
These devices are well suited for applications requiring
high memory bandwidth.


Similar Part No. - IC42S32400L-6BI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
IC42S32200 ICST-IC42S32200 Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S32200/L-6B ICST-IC42S32200/L-6B Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S32200/L-6BG ICST-IC42S32200/L-6BG Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S32200/L-6BI ICST-IC42S32200/L-6BI Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S32200/L-6BIG ICST-IC42S32200/L-6BIG Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IC42S32400L-6BI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC43R32400 ICSI-IC43R32400 Datasheet
3Mb / 18P
   1M x 32 Bit x 4 Banks (128-MBIT) DDR SDRAM
logo
Winbond
W9812G2KB-6I-TR WINBOND-W9812G2KB-6I-TR Datasheet
820Kb / 43P
   1M X 4 BANKS X 32 BITS SDRAM
W9812G2KB WINBOND-W9812G2KB Datasheet
820Kb / 43P
   1M X 4 BANKS X 32 BITS SDRAM
logo
Integrated Circuit Solu...
IC42S32202L ICSI-IC42S32202L Datasheet
748Kb / 62P
   512K x 32 Bit x 4 Banks (64-MBIT) SDRAM
IC42S32800 ICSI-IC42S32800 Datasheet
857Kb / 62P
   2M x 32 Bit x 4 Banks (256-MBIT) SDRAM
IC42S16400 ICSI-IC42S16400 Datasheet
1Mb / 68P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16400A ICSI-IC42S16400A Datasheet
1Mb / 67P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
logo
Elite Semiconductor Mem...
M13S128324A ESMT-M13S128324A Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A ESMT-M13S128324A_09 Datasheet
955Kb / 50P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A ESMT-M13S128324A_1 Datasheet
887Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com