Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM89S16R1C40 Datasheet(PDF) 5 Page - SyncMOS Technologies,Inc

Part # SM89S16R1C40
Description  8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & RTC & ADC & PWM & PDWU embedded
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89S16R1C40 Datasheet(HTML) 5 Page - SyncMOS Technologies,Inc

  SM89S16R1C40 Datasheet HTML 1Page - SyncMOS Technologies,Inc SM89S16R1C40 Datasheet HTML 2Page - SyncMOS Technologies,Inc SM89S16R1C40 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM89S16R1C40 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM89S16R1C40 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM89S16R1C40 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM89S16R1C40 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM89S16R1C40 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM89S16R1C40 Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
SyncMOS Technologies Inc.
SM89S16R1
8-Bits Micro-controller
With 64KB Flash ROM & IKB RAM & RTC & ADC & PWM & PDWU embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
SM89S16R1 V1.0 JANUARY 2005
5
MNEMONIC
PDIP 40 pin
PQFP 44 Pin
PLCC 44 pin
Names and Functions
P3.0 – P3.7
10,11,12,13
14,15,16,17
5,7,8,9,
10,11,12,13
11, 13,14,15,
16,17,18,19
Port 3:
Port 3 is an 8-bits bidirectional I/O port with internal
pull-ups. Port 3 pins that have 1s written to them are pulled
high by the internal pull-ups and can be used as inputs. As
inputs, port 3 pins that are externally being pulled low will
source current because of the pull-ups. (See DC Electrical
Characteristics: IIL). Port 3 also serves the special features.
Port Pin
Alternative function
P3.0
RxD UART input
P3.1
TxD UART output
P3.2
#EX0 external interrupt 0
P3.3
#EX1 external interrupt 1
P3.4
T0: Timer 0 external input
P3.5
T1: Timer 1 external input
P3.6
#WR External data memory write strobe
P3.7
#RD External data memory read strobe
ALE/X32OUT
30
27
33
Address Latch Enable:
Output pulse for latching the low byte of the address during
an access to external memory. In normal operation, ALE is
emitted twice every machine cycle, and can be used for
external timing or clocking. Note that one ALE pulse is
skipped during each access to external data memory. Setting
SFR SCONF.0 can disable ALE. With this bits set, ALE will
be active only during a MOVX instruction.
X32OUT: The 32.768KHz crystal output for RTC function.
#PSEN/X32IN
29
26
32
Program Store Enable:
The read strobe to external program memory. When
executing code from the external program memory, #PSEN
is activated twice each machine cycle, except that two
#PSEN activations are skipped during each access to
external data memory. #PSEN is not activated during
fetches from internal program memory.
X32IN: The 32.768KHz crystal input for RTC
function.
#EA
31
29
35
External Access Enable:
#EA must be externally held low to enable the device to
fetch code from external program memory locations. If #EA
is held high, the device executes from internal program
memory.
X1
19
15
21
Crystal 1:
Input to the inverting oscillator amplifier and input to the
internal clock generator circuits.
X2
18
14
20
Crystal 2:
Output from the inverting oscillator amplifier.


Similar Part No. - SM89S16R1C40

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM89S16R1C40 SYNCMOS-SM89S16R1C40 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
More results

Similar Description - SM89S16R1C40

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM89S16R1 SYNCMOS-SM89S16R1_06 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
SM89T16R1 SYNCMOS-SM89T16R1 Datasheet
522Kb / 34P
   8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & Two UART & RTC & ADC & PWM embedded
SM89T16R1 SYNCMOS-SM89T16R1_06 Datasheet
845Kb / 35P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM894051 SYNCMOS-SM894051 Datasheet
493Kb / 15P
   8-Bits Micro-controller With 4KB Flash ROM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM79164 SYNCMOS-SM79164 Datasheet
453Kb / 25P
   8 - Bit Micro-controller with 64KB flash & 4KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com