Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2935TH Datasheet(PDF) 1 Page - ON Semiconductor

Part # LM2935TH
Description  LOW DROPOUT DUAL VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2935TH Datasheet(HTML) 1 Page - ON Semiconductor

  LM2935TH Datasheet HTML 1Page - ON Semiconductor LM2935TH Datasheet HTML 2Page - ON Semiconductor LM2935TH Datasheet HTML 3Page - ON Semiconductor LM2935TH Datasheet HTML 4Page - ON Semiconductor LM2935TH Datasheet HTML 5Page - ON Semiconductor LM2935TH Datasheet HTML 6Page - ON Semiconductor LM2935TH Datasheet HTML 7Page - ON Semiconductor LM2935TH Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Order this document by LM2935/D
LM2935
SEMICONDUCTOR
TECHNICAL DATA
LOW DROPOUT
DUAL VOLTAGE REGULATOR
1
5
TV SUFFIX
PLASTIC PACKAGE
CASE 314B
T SUFFIX
PLASTIC PACKAGE
CASE 314D
TH SUFFIX
PLASTIC PACKAGE
CASE 314A
Heatsink surface connected to Pin 3.
5
1
D2T SUFFIX
PLASTIC PACKAGE
CASE 936A
(D2PAK)
Pin 1. Input Voltage/VCC
2. Main Output
3. Ground
4. Switch/Reset
5. Standby/Output
Heatsink surface (shown as terminal 6
in case outline drawing) is connected to Pin 3.
5
1
5
1
1
MOTOROLA ANALOG IC DEVICE DATA
Low Dropout
Dual Voltage Regulator
The LM2935 is a dual positive 5.0 V low dropout voltage regulator,
designed for standby power systems. The main output is capable of
supplying 750 mA for microprocessor power, and can be turned “on” and
“off” by the switch/reset input. The other output is dedicated for standby
operation of volatile memory, and is capable of supplying up to 10 mA loads.
The total device features a low quiescent current of 3.0 mA or less when
supplying 10 mA from the standby output.
This part was designed for harsh automotive environments and is
therefore immune to many input supply voltage problems such as reverse
battery (–12 V), double battery (+24 V), and load dump transients (+60 V).
Two Regulated 5.0 V Outputs
Main Output Current in Excess of 750 mA
On/Off Control of Main Output
Standby Output Current in Excess of 10 mA
Low Input/Output Differential of Less than 0.6 V at 500 mA
Short Circuit Current Limiting
Internal Thermal Shutdown
Low Voltage Indicator Output
Designed for Automotive Environment Including
Reverse Battery Protection
Double Battery Protection
Load Dump Protection
Reverse Transient Protection
Economical 5–Lead TO–220 Package with Two Optional Leadforms
Also Available in Surface Mount D2PAK Package
ORDERING INFORMATION
Device
Operating
Temperature Range
Package
LM2935D2T
T40
°
125
°C
Surface Mount
LM2935T
TJ = –40° to +125°C
Plastic Power
LM2935TH
TJ = –40° to +125°C
Horizontal Mount
LM2935TV
Vertical Mount
© Motorola, Inc. 1996
Rev 1


Similar Part No. - LM2935TH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM293 NSC-LM293 Datasheet
322Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Texas Instruments
LM293 TI1-LM293 Datasheet
887Kb / 25P
[Old version datasheet]   Dual Differential Comparators
logo
Guangdong Youtai Semico...
LM293 UMW-LM293 Datasheet
409Kb / 4P
   Low Power Low Offset Voltage Dual Comparators
logo
NXP Semiconductors
LM293 PHILIPS-LM293 Datasheet
121Kb / 6P
   Low power dual voltage comparator
1995 Nov 27
logo
Guangdong Kexin Industr...
LM293 KEXIN-LM293 Datasheet
102Kb / 2P
   Low Power Low Offset Voltage Dual Comparators
More results

Similar Description - LM2935TH

ManufacturerPart #DatasheetDescription
logo
Rohm
BA33D18HFP ROHM-BA33D18HFP Datasheet
183Kb / 6P
   Dual Low-Dropout Voltage Regulator
BA3258HFP ROHM-BA3258HFP Datasheet
189Kb / 6P
   Dual Low-Dropout Voltage Regulator
BA30E00WHFP ROHM-BA30E00WHFP Datasheet
200Kb / 6P
   Dual Low-Dropout Voltage Regulator
BA33D15HFP ROHM-BA33D15HFP Datasheet
181Kb / 6P
   Dual Low-Dropout Voltage Regulator
BA3259HFP ROHM-BA3259HFP Datasheet
191Kb / 6P
   Dual Low-Dropout Voltage Regulator
logo
Sipex Corporation
SP6265 SIPEX-SP6265 Datasheet
473Kb / 13P
   Dual Low-Dropout CMOS Voltage Regulator
logo
ams AG
AS13986 AMSCO-AS13986 Datasheet
650Kb / 13P
   Dual Low-Noise, Low-Dropout Voltage Regulator
logo
Infineon Technologies A...
TLE4470 INFINEON-TLE4470_08 Datasheet
277Kb / 24P
   Dual Low-Drop Voltage Regulator Very low dropout
Rev. 1.2, 2008-03-20
logo
Taiwan Semiconductor Co...
TS1537 TSC-TS1537 Datasheet
143Kb / 5P
   Dual 1A Low Dropout Positive Voltage Regulator
logo
Microsemi Corporation
SG29125 MICROSEMI-SG29125 Datasheet
41Kb / 4P
   LOW DROPOUT DUAL REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com