Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC42S32400-7BG Datasheet(PDF) 9 Page - Integrated Circuit Solution Inc

Part # IC42S32400-7BG
Description  1M x 32 Bit x 4 Banks (128-MBIT) SDRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC42S32400-7BG Datasheet(HTML) 9 Page - Integrated Circuit Solution Inc

Back Button IC42S32400-7BG Datasheet HTML 5Page - Integrated Circuit Solution Inc IC42S32400-7BG Datasheet HTML 6Page - Integrated Circuit Solution Inc IC42S32400-7BG Datasheet HTML 7Page - Integrated Circuit Solution Inc IC42S32400-7BG Datasheet HTML 8Page - Integrated Circuit Solution Inc IC42S32400-7BG Datasheet HTML 9Page - Integrated Circuit Solution Inc IC42S32400-7BG Datasheet HTML 10Page - Integrated Circuit Solution Inc IC42S32400-7BG Datasheet HTML 11Page - Integrated Circuit Solution Inc IC42S32400-7BG Datasheet HTML 12Page - Integrated Circuit Solution Inc IC42S32400-7BG Datasheet HTML 13Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
IC42S32400
IC42S32400L
Integrated Circuit Solution Inc.
9
DR038-0C 02/01/2005
T0
T2
T1
T3
T4
T5
T6
T7
T8
READ A
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
DOUT A0
DOUT A1
DOUT A2
DOUT A3
DOUT A0
DOUT A1
DOUT A2
DOUT A3
CLK
COMMAND
CAS# latency=2
tCK2, DQ s
CAS# latency=3
tCK3, DQ s
READ A
READ B
NOP
NOP
NOP
NOP
NOP
NOP
NOP
DOUT A0
DOUT B0
DOUT B1
DOUT B2
DOUT B3
DOUT A0
DOUT B0
DOUT B1
DOUT B3
2
DOUT B
CLK
COMMAND
CAS# latency=2
tCK2, DQ s
CAS# latency=3
tCK3, DQ s
T0
T2
T1
T3
T4
T5
T6
T7
T8
Burst Read Operation(Burst Length =4,CAS#Latency =2,3)
The read data appears on the DQs subject to the values on the DQM inputs two clocks earlier (i.e.DQM latency is two clocks
for output buffers).A read burst without the auto precharge function may be interrupted by a subsequent Read or Write
command to the same bank or the other active bank before the end of the burst length.It may be interrupted by a
BankPrecharge/PrechargeAll command to the same bank too.The interrupt coming from the Read command can occur on
any clock cycle following a previous Read command (refer to the following figure).
Read Interrupted by a Read (Burst Length =4,CAS#Latency =2,3)
The DQM inputs are used to avoid I/O contention on the DQ pins when the interrupt comes from a Write command.The
DQMs must be asserted (HIGH)at least two clocks prior to the Write command to suppress data-out on the DQ pins.To
guarantee the DQ pins against I/O contention,a single cycle with high-impedance on the DQ pins must occur between the
last read data and the Write command (refer to the following three figures).If the data output of the burst read occurs at the
second clock of the burst write,the DQMs must be asserted (HIGH)at least one clock prior to the Write command to avoid
internal bus contention.


Similar Part No. - IC42S32400-7BG

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
IC42S32200 ICST-IC42S32200 Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S32200/L-6B ICST-IC42S32200/L-6B Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S32200/L-6BG ICST-IC42S32200/L-6BG Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S32200/L-6BI ICST-IC42S32200/L-6BI Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S32200/L-6BIG ICST-IC42S32200/L-6BIG Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IC42S32400-7BG

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC43R32400 ICSI-IC43R32400 Datasheet
3Mb / 18P
   1M x 32 Bit x 4 Banks (128-MBIT) DDR SDRAM
logo
Winbond
W9812G2KB-6I-TR WINBOND-W9812G2KB-6I-TR Datasheet
820Kb / 43P
   1M X 4 BANKS X 32 BITS SDRAM
W9812G2KB WINBOND-W9812G2KB Datasheet
820Kb / 43P
   1M X 4 BANKS X 32 BITS SDRAM
logo
Integrated Circuit Solu...
IC42S32202L ICSI-IC42S32202L Datasheet
748Kb / 62P
   512K x 32 Bit x 4 Banks (64-MBIT) SDRAM
IC42S32800 ICSI-IC42S32800 Datasheet
857Kb / 62P
   2M x 32 Bit x 4 Banks (256-MBIT) SDRAM
IC42S16400 ICSI-IC42S16400 Datasheet
1Mb / 68P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16400A ICSI-IC42S16400A Datasheet
1Mb / 67P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
logo
Elite Semiconductor Mem...
M13S128324A ESMT-M13S128324A Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A ESMT-M13S128324A_09 Datasheet
955Kb / 50P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A ESMT-M13S128324A_1 Datasheet
887Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com