Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9205EAI Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9205EAI
Description  10-Bit Bus LVDS Serializers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9205EAI Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9205EAI Datasheet HTML 1Page - Maxim Integrated Products MAX9205EAI Datasheet HTML 2Page - Maxim Integrated Products MAX9205EAI Datasheet HTML 3Page - Maxim Integrated Products MAX9205EAI Datasheet HTML 4Page - Maxim Integrated Products MAX9205EAI Datasheet HTML 5Page - Maxim Integrated Products MAX9205EAI Datasheet HTML 6Page - Maxim Integrated Products MAX9205EAI Datasheet HTML 7Page - Maxim Integrated Products MAX9205EAI Datasheet HTML 8Page - Maxim Integrated Products MAX9205EAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
10-Bit Bus LVDS Serializers
_______________________________________________________________________________________
5
Pin Description
PIN
NAME
FUNCTION
1, 2
SYNC 1,
SYNC 2
LVCMOS/LVTTL Logic Inputs. The two SYNC pins are ORed. When at least one of the two pins
are asserted high for at least six cycles of TCLK, the serializer initiates a transmission of 1024
SYNC patterns. If held high after 1024 SYNC patterns have been transmitted, SYNC patterns
continue to be sent until the SYNC pin is asserted low. Toggling a SYNC pin after six TCLK cycles
high and before 1024 SYNC patterns have been transmitted does not affect the output of the 1024
SYNC patterns.
3–12
IN0–IN9
LVCMOS/LVTTL Data Inputs. Data is loaded into a 10-bit latch by the selected TCLK edge.
13
TCLK_R/F
LVCMOS/LVTTL Logic Input. High selects a TCLK rising-edge data strobe. Low selects a TCLK
falling-edge data strobe.
14
TCLK
LVCMOS/LVTTL Reference Clock Input. The MAX9205 accepts a 16MHz to 40MHz clock. The
MAX9207 accepts a 40MHz to 66MHz clock. TCLK provides a frequency reference to the PLL and
strobes parallel data into the input latch.
15, 16
DGND
Digital Circuit Ground. Connect to ground plane.
17, 26
AVCC
Analog Circuit Power Supply (Includes PLL). Bypass AVCC to ground with a 0.1
µF capacitor and a
0.001
µF capacitor. Place the 0.001µF capacitor closest to AVCC.
18, 20,
23, 25
AGND
Analog Circuit Ground. Connect to ground plane.
19
EN
LVCMOS/LVTTL Logic Input. High enables serial data output. Low puts the bus LVDS output into
high impedance.
21
OUT-
Inverting Bus LVDS Differential Output
22
OUT+
Noninverting Bus LVDS Differential Output
24
PWRDN
LVCMOS/LVTTL Logic Input. Low puts the device into power-down mode and the output into high
impedance.
27, 28
DVCC
Digital Circuit Power Supply. Bypass DVCC to ground with a 0.1
µF capacitor and a 0.001µF
capacitor. Place the 0.001
µF capacitor closest to DVCC.
Detailed Description
The MAX9205/MAX9207 are 10-bit serializers designed
to transmit data over balanced media that may be a
standard twisted-pair cable or PC board traces at
160Mbps to 660Mbps. The interface may be double-
terminated point-to-point or a heavily loaded multipoint
bus. The characteristic impedance of the media and
connected devices can range from 100
Ω for a point-to-
point interface to 54
Ω for a heavily loaded multipoint
bus. A double-terminated point-to-point interface uses
a 100
Ω-termination resistor at each end of the inter-
face, resulting in a load of 50
Ω. A heavily loaded multi-
point bus requires a termination as low as 54
Ω at each
end of the bus, resulting in a termination load of 27
Ω.
The serializer requires a deserializer such as the
MAX9206/MAX9208 for a complete data transmission
application.
A high-state start bit and a low-state stop bit, added
internally, frame the 10-bit parallel input data and
ensure a transition in the serial data stream. Therefore,
12 serial bits are transmitted for each 10-bit parallel
input. The MAX9205 accepts a 16MHz to 40MHz refer-
ence clock, producing a serial data rate of 192Mbps
(12 bits x 16MHz) to 480Mbps (12 bits x 40MHz). The
MAX9207 accepts a 40MHz to 66MHz reference clock,
producing 480Mbps to 792Mbps. However, since only
10 bits are from input data, the actual throughput is 10
times the TCLK frequency.
To transmit data, the serializers sequence through
three modes: initialization mode, synchronization mode,
and data transmission mode.


Similar Part No. - MAX9205EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9205EAI MAXIM-MAX9205EAI Datasheet
320Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 1; 11/10
MAX9205EAI++ MAXIM-MAX9205EAI+ Datasheet
175Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 2; 10/12
MAX9205EAI/V++ MAXIM-MAX9205EAI/V+ Datasheet
175Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 2; 10/12
More results

Similar Description - MAX9205EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9205 MAXIM-MAX9205_10 Datasheet
320Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 1; 11/10
MAX9205 MAXIM-MAX9205_14 Datasheet
175Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 2; 10/12
logo
Fairchild Semiconductor
FIN1215MTDX FAIRCHILD-FIN1215MTDX Datasheet
702Kb / 20P
   LVDS 21-Bit Serializers / De-Serializers
logo
ON Semiconductor
FIN1215 ONSEMI-FIN1215 Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1218 FAIRCHILD-FIN1218 Datasheet
434Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
FIN1217 FAIRCHILD-FIN1217_05 Datasheet
455Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
logo
Maxim Integrated Produc...
MAX9206 MAXIM-MAX9206 Datasheet
179Kb / 12P
   10-Bit Bus LVDS Deserializers
Rev 0; 8/01
MAX9206 MAXIM-MAX9206_10 Datasheet
324Kb / 12P
   10-Bit Bus LVDS Deserializers
Rev 2; 11/10
MAX9206 MAXIM-MAX9206_07 Datasheet
205Kb / 13P
   10-Bit Bus LVDS Deserializers
Rev 1; 12/07
logo
Texas Instruments
DS92LV1023 TI1-DS92LV1023_15 Datasheet
959Kb / 19P
[Old version datasheet]   40-66 MHz 10 Bit Bus LVDS Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com