Electronic Components Datasheet Search |
|
M5M51008CKV Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor |
|
M5M51008CKV Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor |
3 / 7 page MITSUBISHI LSIs M5M51008CP,FP,VP,RV,KV,KR -55H, -70H, -55X, -70X 1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM MITSUBISHI ELECTRIC ABSOLUTE MAXIMUM RATINGS CAPACITANCE Symbol Parameter Test conditions pF pF Unit Max 6 10 Typ Min Limits VI=GND, VI=25mVrms, f=1MHz VO=GND,VO=25mVrms, f=1MHz Input capacitance Output capacitance CI CO Parameter Supply voltage Input voltage Output voltage Power dissipation Operating temperature Storage temperature Unit V V V mW °C °C Conditions With respect to GND Ta=25°C 700 0~70 – 65~150 Ratings Symbol Vcc VI VO Pd Topr Tstg DC ELECTRICAL CHARACTERISTICS (Ta=0~70°C, Vcc=5V±10%, unless otherwise noted) Symbol Parameter V V V Max Typ Limits Min Test conditions Unit V µA – 0.3*~7 – 0.3*~Vcc + 0.3 (Ta=0~70°C, Vcc=5V±10% unless otherwise noted) 0~Vcc * –3.0V in case of AC ( Pulse width ≤ 50ns ) Note 1: Direction for current flowing into an IC is positive (no mark). 2: Typical value is Vcc = 5V, Ta = 25°C mA * –3.0V in case of AC ( Pulse width ≤ 50ns ) µA µA mA V Vcc + 0.3 0.8 2.2 – 0.3* 2.4 3 Stand-by current 0.4 ±1 Active supply current (AC, MOS level) Active supply current (AC, TTL level) Vcc – 0.5 ±1 80 VIH VIL VOH VOL II IO ICC1 ICC2 ICC3 ICC4 High-level input voltage Low-level input voltage High-level output voltage Low-level output voltage Input current Output current in off-state Stand-by current IOH= –1.0mA IOH= –0.1mA IOL=2mA VI=0~Vcc S1=VIH or S2=VIL or OE=VIH VI/O=0~VCC S1=VIL,S2=VIH, other inputs=VIH or VIL Output-open(duty 100%) 1) S2 ≤ 0.2V, other inputs=0~VCC 2) S1 ≥ VCC–0.2V, S2 ≥ VCC–0.2V, other inputs=0~VCC S1=VIH or S2=VIL, other inputs=0~VCC ~25°C 3 ~40°C ~70°C ~25°C ~40°C ~70°C -H -X 2 6 20 1 3 8 mA 15 1MHz S1 ≤ VCC–0.2V, S2 ≥ VCC–0.2V other inputs ≤ 0.2V or ≥ VCC–0.2V Output-open(duty 100%) 85 15 70ns 55ns 70 70 1MHz 70ns 55ns |
Similar Part No. - M5M51008CKV |
|
Similar Description - M5M51008CKV |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |