Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2935 Datasheet(PDF) 3 Page - ON Semiconductor

Part # LM2935
Description  LOW DROPOUT DUAL VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2935 Datasheet(HTML) 3 Page - ON Semiconductor

  LM2935 Datasheet HTML 1Page - ON Semiconductor LM2935 Datasheet HTML 2Page - ON Semiconductor LM2935 Datasheet HTML 3Page - ON Semiconductor LM2935 Datasheet HTML 4Page - ON Semiconductor LM2935 Datasheet HTML 5Page - ON Semiconductor LM2935 Datasheet HTML 6Page - ON Semiconductor LM2935 Datasheet HTML 7Page - ON Semiconductor LM2935 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LM2935
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (Vin = 14 V, IO = 500 mA, Istby = 0 mA, CO = 10 µF, Cstby = 10 µF, TJ = 25°C [Note 1].)
Characteristic
Unit
Max
Typ
Min
Symbol
MAIN OUTPUT (continued)
Ripple Rejection (f = 120 Hz)
RR
66
dB
Dropout Voltage
IO = 500 mA
IO = 750 mA
VI–VO
0.45
0.82
0.6
V
Short Circuit Current Limit
ISC
0.75
1.2
A
Over–Voltage Shutdown Threshold
Vth(OV)
26
31
V
SWITCH/RESET
Output Sink Current (VOL = 1.2 V)
ISink
5.0
mA
Output Voltage (Ron/off = 20 kΩ)
Low State, Vin = 4.0 V
High State, Vin = 14 V
VOL
VOH
4.5
0.9
5.0
1.2
6.0
V
Output Pull–Up Resistor, “On”/“Off” (Note 2)
Ron/off
20
30
k
Output Voltage with Reverse Polarity Input (Vin = –15 V, RL = 10 Ω)
–VO
– 0.6
0
V
ELECTRICAL CHARACTERISTICS (Vin = 14 V, IO = 0 mA, Istby = 10 mA, CO = 10 µF, Cstby = 10 µF, TJ = 25°C [Note 1].)
Characteristic
Symbol
Min
Typ
Max
Unit
STANDBY OUTPUT
Output Voltage (Vin = 6.0 V to 26 V, Istby = 1.0 mA to 10 mA, TJ = –40 to +125°C)
VO(stby)
4.75
5.0
5.25
V
Tracking Voltage
VO–VO(stby)
– 200
0
200
mV
Line Regulation (Vin = 6.0 V to 26 V)
Regline
4.0
50
mV
Load Regulation (Istby = 1.0 mA to 10 mA)
Regload
10
50
mV
Output Impedance
I(stby) = 10 mAdc and 1.0 mArms, f = 100 Hz to 10 kHz
ZO(stby)
1.0
Output Noise Voltage (f = 10 Hz to 100 kHz)
Vn
300
µVrms
Long Term Stability
S
20
mV/kHR
Ripple Rejection (f = 120 Hz)
RR
66
dB
Dropout Voltage (Istby = 10 mA)
VI–VO(stby)
0.55
0.7
V
Short Circuit Current Limit
ISC
25
70
mA
Output Voltage with Reverse Polarity Input
Vin = –15 V, RL = 510 Ω
–VO
– 0.3
0
V
Output Voltage with Maximum Positive Input
Vin = 60 V, RL = 510 Ω
VO(max)
5.0
6.0
V
TOTAL DEVICE
Bias Current
IO = 10 mA, Istby = 0 mA
IO = 500 mA, Istby = 0 mA
IO = 750 mA, Istby = 0 mA
Main Output “Off”, Istby = 10 mA
IB
3.0
40
90
2.0
100
3.0
mA
NOTES: 1. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
2. The maximum switch/reset current must not exceed 5.0 mA.


Similar Part No. - LM2935

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM293 NSC-LM293 Datasheet
322Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Texas Instruments
LM293 TI1-LM293 Datasheet
887Kb / 25P
[Old version datasheet]   Dual Differential Comparators
logo
Guangdong Youtai Semico...
LM293 UMW-LM293 Datasheet
409Kb / 4P
   Low Power Low Offset Voltage Dual Comparators
logo
NXP Semiconductors
LM293 PHILIPS-LM293 Datasheet
121Kb / 6P
   Low power dual voltage comparator
1995 Nov 27
logo
Guangdong Kexin Industr...
LM293 KEXIN-LM293 Datasheet
102Kb / 2P
   Low Power Low Offset Voltage Dual Comparators
More results

Similar Description - LM2935

ManufacturerPart #DatasheetDescription
logo
Rohm
BA33D18HFP ROHM-BA33D18HFP Datasheet
183Kb / 6P
   Dual Low-Dropout Voltage Regulator
BA3258HFP ROHM-BA3258HFP Datasheet
189Kb / 6P
   Dual Low-Dropout Voltage Regulator
BA30E00WHFP ROHM-BA30E00WHFP Datasheet
200Kb / 6P
   Dual Low-Dropout Voltage Regulator
BA33D15HFP ROHM-BA33D15HFP Datasheet
181Kb / 6P
   Dual Low-Dropout Voltage Regulator
BA3259HFP ROHM-BA3259HFP Datasheet
191Kb / 6P
   Dual Low-Dropout Voltage Regulator
logo
Sipex Corporation
SP6265 SIPEX-SP6265 Datasheet
473Kb / 13P
   Dual Low-Dropout CMOS Voltage Regulator
logo
ams AG
AS13986 AMSCO-AS13986 Datasheet
650Kb / 13P
   Dual Low-Noise, Low-Dropout Voltage Regulator
logo
Infineon Technologies A...
TLE4470 INFINEON-TLE4470_08 Datasheet
277Kb / 24P
   Dual Low-Drop Voltage Regulator Very low dropout
Rev. 1.2, 2008-03-20
logo
Taiwan Semiconductor Co...
TS1537 TSC-TS1537 Datasheet
143Kb / 5P
   Dual 1A Low Dropout Positive Voltage Regulator
logo
Microsemi Corporation
SG29125 MICROSEMI-SG29125 Datasheet
41Kb / 4P
   LOW DROPOUT DUAL REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com