Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2576D2T-3.3 Datasheet(PDF) 5 Page - ON Semiconductor

Part # LM2576D2T-3.3
Description  EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2576D2T-3.3 Datasheet(HTML) 5 Page - ON Semiconductor

  LM2576D2T-3.3 Datasheet HTML 1Page - ON Semiconductor LM2576D2T-3.3 Datasheet HTML 2Page - ON Semiconductor LM2576D2T-3.3 Datasheet HTML 3Page - ON Semiconductor LM2576D2T-3.3 Datasheet HTML 4Page - ON Semiconductor LM2576D2T-3.3 Datasheet HTML 5Page - ON Semiconductor LM2576D2T-3.3 Datasheet HTML 6Page - ON Semiconductor LM2576D2T-3.3 Datasheet HTML 7Page - ON Semiconductor LM2576D2T-3.3 Datasheet HTML 8Page - ON Semiconductor LM2576D2T-3.3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LM2576
http://onsemi.com
5
40
TYPICAL PERFORMANCE CHARACTERISTICS (Circuit of Figure 15)
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
Vin, INPUT VOLTAGE (V)
Vin, INPUT VOLTAGE (V)
TJ, JUNCTION TEMPERATURE (°C)
Figure 2. Normalized Output Voltage
TJ, JUNCTION TEMPERATURE (°C)
Figure 3. Line Regulation
Figure 4. Dropout Voltage
Figure 5. Current Limit
Figure 6. Quiescent Current
Figure 7. Standby Quiescent Current
ILoad = 200 mA
ILoad = 3.0 A
Vin = 12 V
Vin = 40 V
L1 = 150
mH
Rind = 0.1 W
ILoad = 500 mA
ILoad = 3.0 A
Vout = 5.0 V
Measured at
Ground Pin
TJ = 25°C
VON/OFF = 5.0 V
1.0
0.6
0.2
0
−0.2
−0.4
−1.0
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
2.0
1.5
1.0
0.5
0
6.5
6.0
5.5
5.0
4.5
4.0
20
18
16
14
12
10
8.0
6.0
4.0
200
180
160
140
120
100
80
60
20
0
125
100
75
50
25
0
−25
−50
40
35
30
25
20
15
10
5.0
0
125
100
75
50
25
0
−25
−50
125
100
75
50
25
0
−25
−50
40
35
30
25
20
15
10
5.0
0
125
100
75
50
25
0
−25
−50
−0.8
−0.6
0.4
0.8
Vin = 20 V
ILoad = 500 mA
Normalized at TJ = 25°C
ILoad = 500 mA
TJ = 25°C
3.3 V, 5.0 V and ADJ
12 V and 15 V
Vin = 25 V


Similar Part No. - LM2576D2T-3.3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM2576D2T-3.3 MOTOROLA-LM2576D2T-3.3 Datasheet
287Kb / 28P
   Easy Switcher 3.0A Step-Down Voltage Regulator
logo
ON Semiconductor
LM2576D2T-3.3 ONSEMI-LM2576D2T-3.3 Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
LM2576D2T-3.3G ONSEMI-LM2576D2T-3.3G Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
More results

Similar Description - LM2576D2T-3.3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM2576 MOTOROLA-LM2576_12 Datasheet
298Kb / 28P
   EASY SWITCHERER 3.0 A STEP?밆OWN VOLTAGE REGULATOR
LM2576 MOTOROLA-LM2576 Datasheet
287Kb / 28P
   Easy Switcher 3.0A Step-Down Voltage Regulator
LM2575 MOTOROLA-LM2575 Datasheet
382Kb / 28P
   EASY SWITCHERE??1.0 A STEP-DOWN VOLTAGE REGULATOR
logo
ON Semiconductor
LM350 ONSEMI-LM350 Datasheet
115Kb / 10P
   3.0 A, Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 4
FAN53527 ONSEMI-FAN53527 Datasheet
690Kb / 21P
   Buck Regulator, 3.0 A
December, 2019 ??Rev. 0
logo
Allegro MicroSystems
A8498 ALLEGRO-A8498 Datasheet
332Kb / 9P
   Wide Input Voltage 3.0 A Step Down Regulator
logo
ON Semiconductor
NCP631 ONSEMI-NCP631_06 Datasheet
129Kb / 9P
   3.0 A Linear Voltage Regulator with Soft?뭆tart
April, 2006 ??Rev. 5
NCP631 ONSEMI-NCP631 Datasheet
84Kb / 10P
   3.0 A Linear Voltage Regulator with Soft Start
April, 2003 - Rev. 3
logo
Allegro MicroSystems
A8698 ALLEGRO-A8698 Datasheet
616Kb / 12P
   Wide Input Voltage 3.0 A Step Down Regulator
logo
National Semiconductor ...
LM1577 NSC-LM1577 Datasheet
889Kb / 27P
   SIMPLE SWITCHER Step-Up Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com