Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C018V-15AC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C018V-15AC
Description  3.3V 64K/128K x 8/9 Dual-Port Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C018V-15AC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C018V-15AC Datasheet HTML 2Page - Cypress Semiconductor CY7C018V-15AC Datasheet HTML 3Page - Cypress Semiconductor CY7C018V-15AC Datasheet HTML 4Page - Cypress Semiconductor CY7C018V-15AC Datasheet HTML 5Page - Cypress Semiconductor CY7C018V-15AC Datasheet HTML 6Page - Cypress Semiconductor CY7C018V-15AC Datasheet HTML 7Page - Cypress Semiconductor CY7C018V-15AC Datasheet HTML 8Page - Cypress Semiconductor CY7C018V-15AC Datasheet HTML 9Page - Cypress Semiconductor CY7C018V-15AC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CY7C008V/009V
CY7C018V/019V
Document #: 38-06044 Rev. *B
Page 6 of 18
Switching Characteristics Over the Operating Range[10]
Parameter
Description
CY7C008V/009V
CY7C018V/019V
Unit
-15
-20
-25
Min.
Max.
Min.
Max.
Min.
Max.
READ CYCLE
tRC
Read Cycle Time
15
20
25
ns
tAA
Address to Data Valid
152025
ns
tOHA
Output Hold From Address Change
3
3
3
ns
tACE
[11]
CE LOW to Data Valid
15
20
25
ns
tDOE
OE LOW to Data Valid
101213
ns
tLZOE
[12, 13, 14]
OE LOW to Low Z
3
3
3
ns
tHZOE
[12, 13, 14]
OE HIGH to High Z
10
12
15
ns
tLZCE
[12, 13, 14]
CE LOW to Low Z
3
3
3
ns
tHZCE
[12, 13, 14]
CE HIGH to High Z
10
12
15
ns
tPU
[14]
CE LOW to Power-Up
0
0
0
ns
tPD
[14]
CE HIGH to Power-Down
15
20
25
ns
tABE
[11]
Byte Enable Access Time
15
20
25
ns
WRITE CYCLE
tWC
Write Cycle Time
15
20
25
ns
tSCE
[11]
CE LOW to Write End
12
16
20
ns
tAW
Address Valid to Write End
12
16
20
ns
tHA
Address Hold From Write End
0
0
0
ns
tSA
[11]
Address Set-Up to Write Start
0
0
0
ns
tPWE
Write Pulse Width
12
17
22
ns
tSD
Data Set-Up to Write End
10
12
15
ns
tHD
Data Hold From Write End
0
0
0
ns
tHZWE
[13, 14]
R/W LOW to High Z
10
12
15
ns
tLZWE
[13, 14]
R/W HIGH to Low Z
3
3
3
ns
tWDD
[15]
Write Pulse to Data Delay
30
40
50
ns
tDDD
[15]
Write Data Valid to Read Data Valid
25
30
35
ns
BUSY TIMING[16]
tBLA
BUSY LOW from Address Match
15
20
20
ns
tBHA
BUSY HIGH from Address Mismatch
15
20
20
ns
tBLC
BUSY LOW from CE LOW
152020
ns
tBHC
BUSY HIGH from CE HIGH
15
16
17
ns
tPS
Port Set-Up for Priority
5
5
5
ns
tWB
R/W HIGH after BUSY (Slave)
0
0
0
ns
tWH
R/W HIGH after BUSY HIGH (Slave)
13
15
17
ns
tBDD
[17]
BUSY HIGH to Data Valid
15
20
25
ns
Notes:
10. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified
IOI/IOH and 30-pF load capacitance.
11.
To access RAM, CE=L, UB=L, SEM=H. To access semaphore, CE=H and SEM=L. Either condition must be valid for the entire tSCE time.
12. At any given temperature and voltage condition for any given device, tHZCE is less than tLZCE and tHZOE is less than tLZOE.
13. Test conditions used are Load 2.
14. This parameter is guaranteed by design, but it is not production tested.For information on port-to-port delay through RAM cells from writing port to reading
port, refer to Read Timing with Busy waveform.
15. For information on port-to-port delay through RAM cells from writing port to reading port, refer to Read Timing with Busy waveform.
16. Test conditions used are Load 1.
17. tBDD is a calculated parameter and is the greater of tWDD–tPWE (actual) or tDDD–tSD (actual).


Similar Part No. - CY7C018V-15AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C018V-15AC CYPRESS-CY7C018V-15AC Datasheet
451Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
More results

Similar Description - CY7C018V-15AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C008V CYPRESS-CY7C008V_05 Datasheet
451Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C008 CYPRESS-CY7C008 Datasheet
537Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C008 CYPRESS-CY7C008_05 Datasheet
451Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V_05 Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09089 CYPRESS-CY7C09089 Datasheet
347Kb / 19P
   64K/128K x 8/9 Synchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7M1001 IDT-IDT7M1001 Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
logo
Renesas Technology Corp
70V18 RENESAS-70V18 Datasheet
342Kb / 19P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
DECEMBER 2017
logo
Integrated Device Techn...
IDT70V18L IDT-IDT70V18L_15 Datasheet
641Kb / 18P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
IDT70V18L IDT-IDT70V18L Datasheet
146Kb / 17P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com