Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C018V Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C018V
Description  3.3V 64K/128K x 8/9 Dual-Port Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C018V Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C018V Datasheet HTML 1Page - Cypress Semiconductor CY7C018V Datasheet HTML 2Page - Cypress Semiconductor CY7C018V Datasheet HTML 3Page - Cypress Semiconductor CY7C018V Datasheet HTML 4Page - Cypress Semiconductor CY7C018V Datasheet HTML 5Page - Cypress Semiconductor CY7C018V Datasheet HTML 6Page - Cypress Semiconductor CY7C018V Datasheet HTML 7Page - Cypress Semiconductor CY7C018V Datasheet HTML 8Page - Cypress Semiconductor CY7C018V Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
CY7C008V/009V
CY7C018V/019V
Document #: 38-06044 Rev. *B
Page 2 of 18
Functional Description
The CY7C008V/009V and CY7018V/019V are low-power
CMOS 64K, 128K x 8/9 dual-port static RAMs. Various arbitra-
tion schemes are included on the devices to handle situations
when multiple processors access the same piece of data. Two
ports are provided permitting independent, asynchronous ac-
cess for reads and writes to any location in memory. The de-
vices can be utilized as standalone 8/9-bit dual-port static
RAMs or multiple devices can be combined in order to function
as a 16/18-bit or wider master/slave dual-port static RAM. An
M/S pin is provided for implementing 16/18-bit or wider mem-
ory applications without the need for separate master and
slave devices or additional discrete logic. Application areas
include interprocessor/multiprocessor designs, communica-
tions status buffering, and dual-port video/graphics memory.
Each port has independent control pins: chip enable (CE),
read or write enable (R/W), and output enable (OE). Two flags are
provided on each port (BUSY and INT). BUSY signals that the port is
trying to access the same location currently being accessed by the
other port. The interrupt flag (INT) permits communication between
ports or systems by means of a mail box. The semaphores are used
to pass a flag, or token, from one port to the other to indicate that a
shared resource is in use. The semaphore logic is comprised of eight
shared latches. Only one side can control the latch (semaphore) at
any time. Control of a semaphore indicates that a shared resource is
in use. An automatic power-down feature is controlled independently
on each port by a chip select (CE) pin.
The CY7C008V/009V and CY7018V/019V are available in
100-pin Thin Quad Plastic Flatpacks (TQFP).
Pin Configurations
Note:
4.
This pin is NC for CY7C008V.
1
3
2
92 91 90
84
85
87 86
88
89
83 82 81
76
78 77
79
80
93
94
95
96
97
98
99
100
59
60
61
67
66
64
65
63
62
68
69
70
75
73
74
72
71
NC
NC
A7R
A8R
A9R
A10R
A15R
A12R
A14R
GND
NC
NC
CE0R
A13R
A11R
NC
NC
CE1R
SEMR
R/WR
OER
GND
GND
NC
A16R
58
57
56
55
54
53
52
51
CY7C008V (64K x 8)
NC
NC
A7L
A8L
A9L
A10L
A15L
A12L
A14L
VCC
NC
NC
CE0L
A13L
A11L
NC
NC
CE1L
SEML
R/WL
OEL
GND
NC
NC
A16L
17
16
15
9
10
12
11
13
14
8
7
6
4
5
18
19
20
21
22
23
24
25
34 35 36
42
41
39 40
38
37
43 44 45
50
48 49
47
46
33
32
31
30
29
28
27
26
CY7C009V (128K x 8)
100-Pin TQFP
(Top View)
[4]
[4]


Similar Part No. - CY7C018V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C018V-15AC CYPRESS-CY7C018V-15AC Datasheet
451Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C018V-20AC CYPRESS-CY7C018V-20AC Datasheet
451Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C018V-25AC CYPRESS-CY7C018V-25AC Datasheet
451Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
More results

Similar Description - CY7C018V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C008V CYPRESS-CY7C008V_05 Datasheet
451Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C008 CYPRESS-CY7C008 Datasheet
537Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C008 CYPRESS-CY7C008_05 Datasheet
451Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V_05 Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09089 CYPRESS-CY7C09089 Datasheet
347Kb / 19P
   64K/128K x 8/9 Synchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7M1001 IDT-IDT7M1001 Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
logo
Renesas Technology Corp
70V18 RENESAS-70V18 Datasheet
342Kb / 19P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
DECEMBER 2017
logo
Integrated Device Techn...
IDT70V18L IDT-IDT70V18L_15 Datasheet
641Kb / 18P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
IDT70V18L IDT-IDT70V18L Datasheet
146Kb / 17P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com