Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDC305-1N Datasheet(PDF) 3 Page - Texas Instruments

Part # CDC305-1N
Description  OCTAL DIVIDE-BY-2 CIRCUIT/CLOCK DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC305-1N Datasheet(HTML) 3 Page - Texas Instruments

  CDC305-1N Datasheet HTML 1Page - Texas Instruments CDC305-1N Datasheet HTML 2Page - Texas Instruments CDC305-1N Datasheet HTML 3Page - Texas Instruments CDC305-1N Datasheet HTML 4Page - Texas Instruments CDC305-1N Datasheet HTML 5Page - Texas Instruments CDC305-1N Datasheet HTML 6Page - Texas Instruments CDC305-1N Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CDC305
OCTAL DIVIDE-BY-2 CIRCUIT/CLOCK DRIVER
SCAS326A – JUNE 1990 – REVISED NOVEMBER 1995
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
–24
mA
IOL
Low-level output current
48
mA
TA
Operating free-air temperature
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
V
VOH
VCC = 4.5 V to 5.5 V,
IOH = – 2 mA
VCC –2
V
VOH
VCC = 4.5 V,
IOH = – 24 mA
2
2.8
V
VOL
VCC = 4.5 V,
IOL = 48 mA
0.3
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
– 0.5
mA
IO‡
VCC = 5.5 V,
VO = 2.25 V
–50
– 150
mA
ICC
VCC = 5.5 V,
See Note 2
40
70
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
NOTE 2: ICC is measured with CLK and PRE grounded, then with CLK and CLR grounded.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature
MIN
MAX
UNIT
fclock
Clock frequency
0
80
MHz
CLR or PRE low
5
tw
Pulse duration
CLK high
4
ns
CLK low
6
tsu
Setup time before CLK
CLR or PRE inactive
6
ns


Similar Part No. - CDC305-1N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC303 TI-CDC303 Datasheet
112Kb / 1P
[Old version datasheet]   OCTAL DIVIDE-BY-2 CIRCUIT/CLOCK DRIVER
CDC304 TI-CDC304 Datasheet
88Kb / 6P
[Old version datasheet]   OCTAL DIVIDE-BY-2 CIRCUIT/CLOCK DRIVER
CDC304 TI1-CDC304 Datasheet
96Kb / 6P
[Old version datasheet]   Octal Divide By 2 Circuit/Clock Driver
CDC304D TI1-CDC304D Datasheet
96Kb / 6P
[Old version datasheet]   Octal Divide By 2 Circuit/Clock Driver
CDC304DR TI1-CDC304DR Datasheet
96Kb / 6P
[Old version datasheet]   Octal Divide By 2 Circuit/Clock Driver
More results

Similar Description - CDC305-1N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC303 TI-CDC303 Datasheet
112Kb / 1P
[Old version datasheet]   OCTAL DIVIDE-BY-2 CIRCUIT/CLOCK DRIVER
SN74AS305 TI1-SN74AS305 Datasheet
180Kb / 7P
[Old version datasheet]   OCTAL DIVIDE-BY-2-CIRCUIT / CLOCK DRIVER
CDC304 TI1-CDC304_09 Datasheet
96Kb / 6P
[Old version datasheet]   Octal Divide By 2 Circuit/Clock Driver
CDC304 TI-CDC304 Datasheet
88Kb / 6P
[Old version datasheet]   OCTAL DIVIDE-BY-2 CIRCUIT/CLOCK DRIVER
SN74AS303 TI1-SN74AS303 Datasheet
174Kb / 7P
[Old version datasheet]   OCTAL DIVIDE-BY-2 CIRCUIT/CLOCK DRIVER
logo
National Semiconductor ...
CGS74B303 NSC-CGS74B303 Datasheet
117Kb / 6P
   Octal Divide-by-2 Skew Clock Driver
logo
Texas Instruments
SN74AS304 TI1-SN74AS304 Datasheet
171Kb / 7P
[Old version datasheet]   OCTAL DIVIDE-BY-2 CIRCUITS/CLOCK DRIVERS
logo
Hittite Microwave Corpo...
HMC791LC4B HITTITE-HMC791LC4B_10 Datasheet
738Kb / 10P
   28 GHz CLOCK DIVIDE-BY-2 / DIVIDE-BY-4
logo
Maxim Integrated Produc...
MAX9322 MAXIM-MAX9322 Datasheet
220Kb / 13P
   LVECL/LVPECL 1:15 Differential Divide-by-1/Divide-by-2 Clock Driver
Rev 1; 12/02
MAX9322 MAXIM-MAX9322_V01 Datasheet
194Kb / 13P
   LVECL/LVPECL 1:15 Differential Divide-by-1/Divide-by-2 Clock Driver
19-2544; Rev 2; 2/07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com