Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASY90147-2 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ASY90147-2
Description  Bleutooth Mini Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ASY90147-2 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ASY90147-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers ASY90147-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers ASY90147-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers ASY90147-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers ASY90147-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers ASY90147-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers ASY90147-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers ASY90147-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers ASY90147-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Smart Modular Technologies
Specification ASY90147-1&2
December 10, 2002
Smart Modular Technologies
5
Pin#
Name
Type
Note
L1
PIO[4]
I/O
USB_ON
L2
N/C
No Connection
L8
N/C
No connection
L9
N/C
No connection
M1
PIO[3]
I/O
USB_WAKE_UP
M2
N/C
No connection
M8
N/C
No connection
M9
N/C
No connection
N1
ANT
RF I/O
50
Ω RX/TX connection to antenna
N2
GND
GND
Ground
N3
N/C
No connection
N8
GND
GND
Ground
N9
GND
GND
Ground
7. General Specifications
Table 2. General Specifications
Item
SPECIFICATION
Carrier Frequency
2400MHz to 2483.5MHz
Modulation
GFSK, 1Mbps, 0.5BT Gaussian
Channel Intervals
1MHz
Number of Channels
79
Frequency Hopping
1600 hops/sec, 1MHz channel space
Receive Sensitivity
-82 dBm typ. @0.1% BER
Transmission Power
+4dBm max.
Maximum Data Throughput
Asnchronous : 721kbps/57.6kbps
Synchronous : 432.6kbps/432.6kbps
Output Interface
Full speed UART (921.6kbps), USB
(12Mbits/s), PCM, SPI and PIO.
Reset
Hardware and Software
Power Supply
3.3V±10%
Operating Voltage
1.8V
Operating Temperature Range
-20°C to 95°C
Storage Temperature Range
-40°C to 150°C
Dimensions
14.43 mm x 21.47mm x 3.0mm
Antenna Interface
Direct 50
Ω RF trace contact


Similar Part No. - ASY90147-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASY34 ETC1-ASY34 Datasheet
547Kb / 7P
   TRANZYSTORY
ASY35 ETC1-ASY35 Datasheet
547Kb / 7P
   TRANZYSTORY
ASY36 ETC1-ASY36 Datasheet
547Kb / 7P
   TRANZYSTORY
ASY37 ETC1-ASY37 Datasheet
547Kb / 7P
   TRANZYSTORY
logo
Bel Fuse Inc.
ASY39100-001 BEL-ASY39100-001 Datasheet
487Kb / 1P
   RJ45 TERMINATOR
Rev. A0
More results

Similar Description - ASY90147-2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
21313 VICOR-21313 Datasheet
69Kb / 1P
   MODULE SHIELD MINI
logo
BUDDIES TECHNOLOGY LIMI...
STA-MU-A0028S BUDDIES-STA-MU-A0028S Datasheet
286Kb / 13P
   Mini Card Module
logo
Apacer Technology Inc.
PV170-MPCIE APACER-PV170-MPCIE Datasheet
864Kb / 4P
   mini PCIe Disk Module
logo
Zilog, Inc.
EZ80F915005MOD ZILOG-EZ80F915005MOD Datasheet
413Kb / 25P
   eZ80F91 Mini Enet Module
logo
AAEON Technology
PER-V05V AAEON-PER-V05V Datasheet
138Kb / 1P
   Mini PCI Video Module
logo
Advantech Co., Ltd.
AMAX-5400E ADVANTECH-AMAX-5400E Datasheet
543Kb / 1P
   PCIe mini card expansion module
20-Jul-2020
logo
PANDUIT CORP.
CC5E888L PANDUIT-CC5E888L Datasheet
86Kb / 2P
   MINI-COM CAT5E COUPLER MODULE
logo
AAEON Technology
PER-C20N AAEON-PER-C20N Datasheet
151Kb / 1P
   Mini PCI Dual CAN Module
PER-V36C AAEON-PER-V36C Datasheet
176Kb / 1P
   Mini PCIe Video Capture Module
PER-C20U AAEON-PER-C20U Datasheet
286Kb / 1P
   Mini PCI USB 2.0 Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com