Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L4949N Datasheet(PDF) 4 Page - ON Semiconductor

Part # L4949N
Description  MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

L4949N Datasheet(HTML) 4 Page - ON Semiconductor

  L4949N Datasheet HTML 1Page - ON Semiconductor L4949N Datasheet HTML 2Page - ON Semiconductor L4949N Datasheet HTML 3Page - ON Semiconductor L4949N Datasheet HTML 4Page - ON Semiconductor L4949N Datasheet HTML 5Page - ON Semiconductor L4949N Datasheet HTML 6Page - ON Semiconductor L4949N Datasheet HTML 7Page - ON Semiconductor L4949N Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
L4949
4
MOTOROLA ANALOG IC DEVICE DATA
0
100
150
200
250
0.1
100
Iout, OUTPUT CURRENT (mA)
10
1.0
50
TJ = 25°C
0
0.10
0.20
0.30
0.40
–40
–20
0
40
60
20
100
120
TJ, JUNCTION TEMPERATURE (°C)
80
Iout = 50 mA
Iout = 10 mA
Iout = 100 mA
3.0
2.5
2.0
1.5
1.0
0.1
1.0
10
100
0.5
0
VCC = 14 V
TJ = 25°C
Iout, OUTPUT CURRENT (mA)
3.0
2.5
2.0
1.5
1.0
0
5.0
10
15
20
25
30
VCC, SUPPLY VOLTAGE (V)
0.5
0
RL = 5.0 k
RL = 100 Ω
TJ = 25°C
Figure 3. Dropout Voltage versus
Output Current
Figure 4. Dropout Voltage versus
Junction Temperature
Figure 5. Quiescent Current versus
Output Current
Figure 6. Quiescent Current versus
Supply Voltage
TYPICAL CHARACTERIZATION CURVES (continued)
6.0
5.0
4.0
3.0
2.0
4.0
4.1
Vout, OUTPUT VOLTAGE (V)
1.0
0
Resistor 10 k
from Reset Output
to 5.0 V
TJ = 25°C
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5.0
4.7
4.66
4.62
4.58
4.5
–40
–20
TJ, JUNCTION TEMPERATURE (°C)
4.46
4.42
Upper Threshold
0
20
40
60
80
100
120
4.54
Lower Threshold
Figure 7. Reset Output versus
Regulator Output Voltage
Figure 8. Reset Thresholds versus
Junction Temperature


Similar Part No. - L4949N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
L4949N MOTOROLA-L4949N Datasheet
196Kb / 8P
   MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
L4949N ONSEMI-L4949N Datasheet
116Kb / 10P
   100 mA, 5.0 V, Low Dropout Voltage Regulator with Power?뭀n Reset
June, 2006 ??Rev. 9
L4949NG ONSEMI-L4949NG Datasheet
116Kb / 10P
   100 mA, 5.0 V, Low Dropout Voltage Regulator with Power?뭀n Reset
June, 2006 ??Rev. 9
More results

Similar Description - L4949N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
L4949 MOTOROLA-L4949 Datasheet
196Kb / 8P
   MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR
logo
TelCom Semiconductor, I...
TC4949 TELCOM-TC4949 Datasheet
352Kb / 9P
   Multifunction Very Low Dropout Voltage Regulator
logo
STMicroelectronics
L4949ED-E STMICROELECTRONICS-L4949ED-E Datasheet
475Kb / 19P
   Multifunction very low drop voltage regulator
logo
E-Tech Electronics LTD
L2949E ETL-L2949E Datasheet
140Kb / 7P
   MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
logo
STMicroelectronics
L4949ED013TR STMICROELECTRONICS-L4949ED013TR Datasheet
501Kb / 19P
   Multifunction very low drop voltage regulator
CD00257532 STMICROELECTRONICS-CD00257532 Datasheet
475Kb / 19P
   Multifunction very low drop voltage regulator
November 2009 Rev 1
L4949E STMICROELECTRONICS-L4949E Datasheet
77Kb / 10P
   MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
logo
ON Semiconductor
NCP706A ONSEMI-NCP706A_16 Datasheet
331Kb / 9P
   Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 1
NCP706B ONSEMI-NCP706B_16 Datasheet
205Kb / 10P
   Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 3
NCP706 ONSEMI-NCP706_17 Datasheet
621Kb / 16P
   Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com