Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6668AUA70 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6668AUA70
Description  Remote Temperature Switches with Integrated Fan Controller/Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6668AUA70 Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX6668AUA70 Datasheet HTML 1Page - Maxim Integrated Products MAX6668AUA70 Datasheet HTML 2Page - Maxim Integrated Products MAX6668AUA70 Datasheet HTML 3Page - Maxim Integrated Products MAX6668AUA70 Datasheet HTML 4Page - Maxim Integrated Products MAX6668AUA70 Datasheet HTML 5Page - Maxim Integrated Products MAX6668AUA70 Datasheet HTML 6Page - Maxim Integrated Products MAX6668AUA70 Datasheet HTML 7Page - Maxim Integrated Products MAX6668AUA70 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Remote Temperature Switches with Integrated
Fan Controller/Driver
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2002 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
PACKAGE OUTLINE, 8L uMAX/uSOP
1
1
21-0036
J
REV.
DOCUMENT CONTROL NO.
APPROVAL
PROPRIETARY INFORMATION
TITLE:
MAX
0.043
0.006
0.014
0.120
0.120
0.198
0.026
0.007
0.037
0.0207 BSC
0.0256 BSC
A2
A1
c
e
b
A
L
FRONT VIEW
SIDE VIEW
E
H
0.6±0.1
0.6±0.1
ÿ 0.50±0.1
1
TOP VIEW
D
8
A2
0.030
BOTTOM VIEW
1
6∞
S
b
L
H
E
D
e
c
0∞
0.010
0.116
0.116
0.188
0.016
0.005
8
4X S
INCHES
-
A1
A
MIN
0.002
0.95
0.75
0.5250 BSC
0.25
0.36
2.95
3.05
2.95
3.05
4.78
0.41
0.65 BSC
5.03
0.66
6∞
0∞
0.13
0.18
MAX
MIN
MILLIMETERS
-
1.10
0.05
0.15
α
α
DIM
PACKAGE OUTLINE, 10L uMAX/uSOP
1
1
21-0061
I
REV.
DOCUMENT CONTROL NO.
APPROVAL
PROPRIETARY INFORMATION
TITLE:
TOP VIEW
FRONT VIEW
1
0.498 REF
0.0196 REF
S
6∞
SIDE VIEW
α
BOTTOM VIEW
0∞
0∞
6∞
0.037 REF
0.0078
MAX
0.006
0.043
0.118
0.120
0.199
0.0275
0.118
0.0106
0.120
0.0197 BSC
INCHES
1
10
L1
0.0035
0.007
e
c
b
0.187
0.0157
0.114
H
L
E2
DIM
0.116
0.114
0.116
0.002
D2
E1
A1
D1
MIN
-
A
0.940 REF
0.500 BSC
0.090
0.177
4.75
2.89
0.40
0.200
0.270
5.05
0.70
3.00
MILLIMETERS
0.05
2.89
2.95
2.95
-
MIN
3.00
3.05
0.15
3.05
MAX
1.10
10
0.6±0.1
0.6±0.1
ÿ 0.50±0.1
H
4X S
e
D2
D1
b
A2
A
E2
E1
L
L1
c
α
GAGE PLANE
A2
0.030
0.037
0.75
0.95
A1
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information,
go to www.maxim-ic.com/packages.)


Similar Part No. - MAX6668AUA70

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6668AUA70 MAXIM-MAX6668AUA70 Datasheet
222Kb / 8P
   12V, 250mA Integrated Fan Driver
Rev 2; 11/02
More results

Similar Description - MAX6668AUA70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM96063 TI1-LM96063_14 Datasheet
1Mb / 46P
[Old version datasheet]   Remote Diode Digital Temperature Sensor with Integrated Fan Control
THMC50 TI-THMC50 Datasheet
437Kb / 32P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
LM96063 TI1-LM96063 Datasheet
495Kb / 44P
[Old version datasheet]   LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
logo
Maxim Integrated Produc...
MAX1669 MAXIM-MAX1669 Datasheet
213Kb / 20P
   Fan Controller and Remote Temperature Sensor with SMBus Serial Interface
Rev 0; 1/00
MAX6665 MAXIM-MAX6665 Datasheet
130Kb / 6P
   Fan Controller/Driver with Factory- Programmed Temperature Thresholds
Rev 0; 5/01
logo
Texas Instruments
THMC50 TI1-THMC50_08 Datasheet
537Kb / 34P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
logo
Princeton Technology Co...
PT2129A PTC-PT2129A Datasheet
548Kb / 6P
   Remote Fan Controller IC?
logo
List of Unclassifed Man...
BA8206BA4 ETC2-BA8206BA4 Datasheet
106Kb / 1P
   Remote Control Fan Controller
logo
Princeton Technology Co...
PT2128A PTC-PT2128A Datasheet
408Kb / 5P
   Remote Fan Controller IC
logo
Microchip Technology
TC652AGVUA MICROCHIP-TC652AGVUA Datasheet
450Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan Controller
04/20/02
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com